Part Number Hot Search : 
SSP4N80 PLUS173B 9170B 2SC2579 D8305 AO4462 2SK2987 28000
Product Description
Full Text Search
 

To Download RQ1E075XN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch mosfet RQ1E075XN ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) built-in g-s protection diode. 3) small surface mount package (tsmt8). ? application switching ? packaging specifications ? inner circuit package taping code tcr basic ordering unit (pieces) 3000 RQ1E075XN ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss ? 20 v continuous i d ? 7.5 a pulsed i dp ? 30 a continuous i s 1.25 a pulsed i sp 30 a power dissipation p d 1.5 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 83.3 ? c / w *mounted on a ceramic board. parameter type source current (body diode) drain current parameter tsmt8 (8) (7) (5)(6) (1) (2) (4)(3) * (1) source (2) source (3) source (4) gate (5) drain (6) drain (7) drain (8) drain ? 1 esd protection diode ? 2 body diode abbreviated symbol : xr *2 *1 *1 ?2 ?1 (8) (7) (6) (5) (1) (2) (3) (4) 1/6 2011.04 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RQ1E075XN ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 30 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =30v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma -1217 i d =7.5a, v gs =10v -1724 i d =7.5a, v gs =4.5v -1927 i d = 7.5 a, v gs =4.0v forward transfer admittance l y fs l 4.5 - - s i d =7.5a, v ds =10v input capacitance c iss - 440 - pf v ds =10v output capacitance c oss - 170 - pf v gs =0v reverse transfer capacitance c rss - 85 - pf f=1mhz turn-on delay time t d(on) -7-nsi d =3.75a, v dd 15v rise time t r - 25 - ns v gs =10v turn-off delay time t d(off) - 35 - ns r l =4.0? fall time t f -7-nsr g =10 ? total gate charge q g - 6.8 - nc i d =7.5a, v dd 15 ? gate-source charge q gs - 1.6 - nc v gs =5v gate-drain charge q gd - 2.6 - nc *pulsed ? body diode characteristics (source-drain) (ta = 25 ? c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =7.5a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RQ1E075XN ? electrical characteristic curves (ta=25 ? c) 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1 v gs = 2.5v v gs = 3.0v v gs = 2.8v v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.0v ta=25 c pulsed fig.1 typical output characteristics( ) drain current : i d [a] drain - source voltage : v ds [v] 0 1 2 3 4 5 6 7 0 2 4 6 8 10 v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.8v v gs = 2.5v v gs = 2.0v ta=25 c pulsed fig.2 typical output characteristics( ) drain - source voltage : v ds [v] drain current : i d [a] 0.001 0.01 0.1 1 10 100 0 1 2 3 v ds = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.3 typical transfer characteristics drain current : i d [a] gate - source voltage : v gs [v] 1 10 100 0.01 0.1 1 10 100 v gs = 4.0v v gs = 4.5v v gs = 10v . ta=25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 1 10 100 0.01 0.1 1 10 100 v gs = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 1 10 100 0.01 0.1 1 10 100 v gs = 4.5v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 3/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RQ1E075XN 1 10 100 0.01 0.1 1 10 100 v gs = 4.0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 0.1 1 10 100 0.01 0.1 1 10 v ds = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : i d [a] 0.01 0.1 1 10 100 0 0.5 1 1.5 v gs =0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.9 reverse drain current vs. sourse - drain voltage source current : is [a] source - drain voltage : v sd [v] 0 10 20 30 40 50 0 2 4 6 8 10 i d = 7.5a i d = 3.75a ta=25 c pulsed fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds ( on )[m ? ] gate - source voltage : v gs [v] 1 10 100 1000 0.01 0.1 1 10 100 t f t d(on) t d(off) ta=25 c v dd =15v v gs =10v r g =10 pulsed t r fig.11 switching characteristics switching time : t [ns] drain - current : i d [a] 0 2 4 6 8 10 0 2 4 6 8 10 12 14 16 ta=25 c v dd = 15v i d = 7.5a r g =10 pulsed fig.12 dynamic input characteristics gate - source voltage : v gs [v] total gate charge : qg [nc] 4/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RQ1E075XN 10 100 1000 10000 0.01 0.1 1 10 100 c iss c rss ta=25 c f=1mhz v gs =0v c oss fig.13 typical capacitance vs. drain - source voltage drain - source voltage : v ds [v] capacitance : c [pf] 0.01 0.1 1 10 100 1000 0.1 1 10 100 p w = 10ms dc operation operation in this area is limited by r ds(on) (v gs =10v) p w =100us p w =1ms ta=25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) fig.14 maximum safe operating aera drain current : i d (a) drain - source voltage : v ds [v] 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =83.3 c /w rth (ch - a) (t)=r(t) rth (ch - a) fig.15 normalized transient thermal resistance vs. pulse width pulse width : pw(s) normarized transient thermal resistance : r (t) 5/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RQ1E075XN ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. v gs r g v d s d.u.t. i d r l v dd 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform 6/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RQ1E075XN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X