Part Number Hot Search : 
5S26AJ 6050063 HER10 A107M0 LV2302 1V0DS00 V585ME30 CY7C261
Product Description
Full Text Search
 

To Download ROM-1210CF-A78AAE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  risc computing solutions features rom-1210 com with freescale i.mx53 series processor ? freescale arm cortex?-a8 i.mx53 1 ghz high performance processor ? supports opengl es 2.0 and openvg? 1.1 hardware accelerators ? supports full hd 1080p video decode and hd 720p video encode hardware engine ? freescale smart speed? technology supports low power consumption ? industrial design with 3.3v i/o voltage and wide range working temperature ? rich i/o for high expansion capability ? supports sata storage interface and can-bus for vehicle applications ? supports android 2.3, embedded linux2.6, windows ? embedded compact 7 introduction industrial design, i/o intensive com rom-1210 computer-on-module (com) integrates arm cortex-a8 1 ghz freescale i.mx53 series ultra low power soc and i/o solution chips to be windows ? embedded compact 7, android 2.3, and linux solution-ready! freescale i.mx53 supports 2d, 3d graphics acceleration, full hd 1080p video decoding and hd 720p video encoding hardware engine. rom-1210 with 3.3v i/o voltage current and wide-range temperature support is specially designed for industrial applications. design-in package ensures effcient evaluation and implementation the design-in package not only includes all the necessary h/w boards, fxtures and lcd related cables, but also includes the advantech-customized api, utility & reference codes. and of course, it includes all design related documentation including a white paper for detailed technical know-how. two supporting mechanisms are included in the design-in package: reference kit: includes the advantech reference customer solution board (csb) and all documentation relating to csb design and manufacture (e.g. : schematics, and pin defnition fle). lcd kit: includes the lcd, t/s and related cables. all goods are pre-verifed and supported in advantech's reference s/w package. specifcations kernel m/b rom-1210 cpu freescale i.mx535 cortex-a8 1 ghz (i.mx536 cortex-a8 800 mhz for wide temp. only) system ram 512 mb ddr3 (256 mb optional) flash 4 gb (up to 64 gb) graphic chip 24-bit lcd controller by cpu rtc yes watchdog timer yes power management standard/idle/suspend mode reset h/w reset & s/w reset (by register setting) i/o (all interfaces with industrial ttl 3.3v level) uart ttl level x5 (4-wire x3 & 2-wire x2) ethernet lan 10/100 mbps usb 2.0 client 1 (otg supported) usb 2.0 host 1 sd/mmc 2 sata 1 touch 4 wire resistive type system bus yes (address: 25-pin, data: 16-pin) i 2 c interface 2 spi interface 1 can-bus yes (optional) keypad 6 x 6 matrix gpio 20-pin 3.3v ttl level gpios i 2 s 1 multimedia graphic chip cpu internal 24-bit lcd controller resolution default 800 x 480 wvga (320 x 240 ~ 1920 x 1080 as optional) lcd interface 2 x 24-bit lvds connector audio line-in, line-out, mic-in power power input 3.3 v dc (+-5%) & 3.6 v dc (+-5%) power consumption full run: 2.2 w normal run: 0.8 w mechanical & environment size 68 x 68 x 7.5 mm operating temperature 0 ~ 60 c (-40 ~85 c by project base) operating humidity 5 ~ 95 % relative humidity, non-condensing other rohs yes certifcations ce/fcc class a software support embedded linux 2.6 (wec7 and android 2.3 by project support) microsoft ? windows ? embedded all product specifications are subject to change without notice last updated : 6-jul-2012
www.advantech.com/products online download rom-1210 ordering information part no. cpu ram flash memory 2d/3d uart lan usb host usb otg lcd touch sata sd canbus i 2 c spi size power input operating temp. rom-1210cb-a60aae freescale i.mx535 1 ghz 256 mb - yes 5 1 1 1 24-bit yes yes 2 n/a 2 1 68 x 68 x 7.5 mm 3.3 v & 3.6 v +-5% 0 ~ 60 c ROM-1210CF-A78AAE freescale i.mx536 800 mhz 512 mb 2 gb yes 5 1 1 1 24-bit yes yes 2 1 2 1 68 x 68 x 7.5 mm 3.3 v & 3.6 v +-5% 0 ~ 60 c rom-1210if-a78aae freescale i.mx536 800 mhz 512 mb 2 gb yes 5 1 1 1 24-bit yes yes 2 1 2 1 68 x 68 x 7.5 mm 3.3 v & 3.6 v +-5% -20 ~ 70 c rom-1210wf-a78aae freescale i.mx536 800 mhz 512 mb 2 gb yes 5 1 1 1 24-bit yes yes 2 1 2 1 68 x 68 x 7.5 mm 3.3 v & 3.6 v +-5% -40 ~ 85 c dimensions unit: mm design-in package part no. description rom-1210dk-b00e development board for rom-1210 power cord 1700001524 for 3-pin usa standard power cord 170203183c for 3-pin europe standard power cord 170203180a for 3-pin uk standard power cord packing list bulk packing with 20 pcs in one box **sample image and related documentation included with design-in kit only. 68.00 1654004729 1.00 68.00 4.70 4.70 1.30 1.30 59.90 30.10 h32p6i8 0.55 4.10 cn2 line-in, line- out, mic-in i 2 s audio dac freescale i.mx53 1ghz ethernet 10/100mbps pmic ttl lcd 24 bits gpio 9~20 usb otg (4 pins) i 2 c*2 (4 pins) uart-2 (4 pins) watchdog (internal) nor flash sd *1 i 2 s / i 2 c i 2 c cn4 cn1 cn3 gpio can cna (tx, rx) transceiver lan 10/100 touch (4 pins) sata (4 pins) rmii mdio i 2 c uarts 1,3,4,5 usb h1 (4 pins) rtc power gpio 1~8 i 2 s (4 pins) system bus (a: 25 pins, d: 16 pins) keypad (12 pins) lvds * 2 (20 pins) spi (4 pins) rtc i 2 c spi (4 pins) sd*1 (6 pins) ddr3-2gb ddr3-800mhz 32-bit ddr3-2gb inand 4gb sd (6 pins) block diagram


▲Up To Search▲   

 
Price & Availability of ROM-1210CF-A78AAE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X