Part Number Hot Search : 
12T20 HHR300SC 0ACPZ 98463 BGA2709 TN5126 H5TQ1 SP1045
Product Description
Full Text Search
 

To Download PCM-C3530EVALUATIONKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  risc computing solutions features ? ti omap35 series @ 600 mhz high performance/application processor (cortex?-a8 based) ? supports opengl es 1.1 & 2.0, openvg 1.0 and direct3d ? video supports d1 resolution directly and up to 720p ? built-in 430 mhz tms320c64x+? dsp core ? power dc input 10-24v5%; power consumption: standard 2w (max. 3w) ? extended temperature available as optional models ? compact size for system integration easily ? support wince 6.0 (default), linux 2.6 by project request pcm-c3530 evaluation kit ti omap35 sbc with windows ? embedded ce 6.0 specifcations motherboard pcm-c3530 cpu ti-omap 3530 cortex-a8 600 mhz dsp built-in 430 mhz tms320c64x+? dsp core support 2d/3d accelerators supports opengl es 1.1 & 2.0, openvg 1.0 and direct3d system ram 256 mb mobile ddr onboard flash 2 gb graphic chip cpu internal 24-bit lcd controller brightness/backlight control yes lcd interface 24-bit lvds lcd connector inverter 5v/12v inverter touchscreen 4-wire resistive type interface by ads7846 i 2 c interface 2 (pin header) spi interface 1 (pin header) keypad 6 x 6 matrix keypad (pin header) gpio 20 pins 3.3v ttl level gpios (pin header) uart rs-232 x 3 (1 thru db-9, 2 thru pin header) rs-485 x 1 (box header), ttl x 1 (pin header) usb usb 2.0 x 4 (type a x 2, pinheader x 2) usb otg usb hs otg x 1 (otg connector) audio mic-in, line-in, line-out, speaker-out (pin header) ethernet lan 10/100 mbps (rj-45) sd/mmc 2 (sd slot x1+ pin header x1) buzzer yes rtc yes watchdog timer yes power input 10 v ~ 24 v dc (5%) power consumption standard 2w (max. 3w) power management standard / ldle / suspend mode size 90 x 120 x 17 mm pcb thickness 1.6 mm, 8 layers operating temperature 0 ~ 60 c (-20 ~ 70 c, -40 ~ 85 c by component change) operating humidity 5 ~ 95 % relative humidity, non-condensing weight 92g wireless (optional) thru sdio /usb interface software support support wince 6.0 (default), linux 2.6 by project request microsoft ? windows ? embedded all product specifications are subject to change without notice last updated : 18-jun-2012
www.advantech.com/products online download pcm-c3530 evaluation kit ordering information pcm-c3530dk-b00e design-in package part no. description pcm-c3530dk-b00e evaluation kit for ti omap3530 w/ wince 6.0 256 mb ddr sdram, 2 gb fash power cord 1700001524 for 3-pin usa standard power cord 170203183c for 3-pin europe standard power cord 170203180a for 3-pin uk standard power cord packing list part number description quantity pcm-c3530-668b0e ti omap3530 256mb ram w/ 2gb flash 1 96ledk-a070wv32rb1 lcd-led backlight 7" lvds rgb 97g070v1n0f-2 1 1700000194 touch cable 1 1700014418 lvds cable 1 1700019577 lcd backlight cable 1 1757002944 adapter 100-240v 90w 19v 4.74a w/pfc 9na0900508 1 1700001524 power cord (usa) 1 1700003414 button cable 1 1703100153 a cable d-sub 9p (m)/2*5p-2.0 15cm 2 1700091002 m cable d-sub 9p (f)/d-sub 9p (f) 100cm 1 1700019129 usb type a host 1 1700019077 mini usb cable (client) 1 1700019076 mini usb cable (host) 1 1654909900 terminal connector 9p female 1 1652002209 plug-in block dip 2p (f) mc421-38102 deca 1 968qce60p0 wince6.0 license 1 adam-4520i-ae wide-temp rs-232 to rs-422/485 converter 1 sqf-isds2-2g-ete sqflash sd card slc 2g, 2ch (-40~85 c) 1 ti sn65hvd11d sd2 pin header reset pin header gpio level shift level shift level shift suspend pin header line out pin header ti omap 3530/3503 uart 1 pin header uart 3 debug port hsusb2 (ulpi) dss (29-pin) ti sn65lvds 93adggr lvds connector usb3320 usb host 3 pin header usb host (3-pin) hsusb0 (ulpi) usb otg 6x6 keypad(12-pin) usb 2.0 otg connector tpa2012d2 amplier mic in pin header speaker pin header 6x6 keypad pin header 4-wire ttl uart 1 line out (stereo) line in pin header mic in usb host 4 pin header 4-wire ttl uart 3 line in ti max3243 usb hub level shift pmic (with watchdog) level shift level shift uart 1 uart 3 cs3 gpmc cs0 cs4 level shift uart 2 pin header 4-wire ttl uart 2 ti max3243 level shift uart 2 cvbs tv out pin header sdrc sd/mmc2 inand 2gb jtag jtag test pin header ddr ram 128mb sd/mmc3(6-pin) with gpio dm9000b rj-45 with transformer tx, rx (7-pin) ti max3243 xr16l2751 ttl uart 4 (full function) ttl uart 5 (rs485) uart 4 d-sub 9 rs-485 phoenix conn. touch (4-pin) ads7846e touch driver touchscreen pin header level shift spi 1 bootable sd/mmc1(6-pin) level shift buzzer usb host 1, 2 type a x2 conn. level shift sd1 card slot gpio 5~20 pca9306 level shift pca9306 level shift pca9555pw i 2 c2 i 2 c1, i 2 c4 i 2 cs iv8 spi 4 1v8 with one gpio i 2 c3 iv8 i 2 c2 3v3 spi 4 3v3 with one gpio i 2 c3 3v3 gpio 1~4 level shift gpio 1~20 pin header 2x i 2 c and 1x spi pin header battery charger pin header block diagram


▲Up To Search▲   

 
Price & Availability of PCM-C3530EVALUATIONKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X