Part Number Hot Search : 
N06LG 005000 1SS35 BFP420F VN2460 ADG143 T37118 N06LG
Product Description
Full Text Search
 

To Download MC74LCX574DTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 july, 2012 ? rev. 7 1 publication order number: mc74lcx574/d mc74lcx574 low-voltage cmos octal d-type flip-flop flow through pinout with 5 v ? tolerant inputs and outputs (3 ? state, non ? inverting) the mc74lcx574 is a high performance, non ? inverting octal d ? type flip ? flop operating from a 2.3 to 3.6 v supply. high impedance ttl compatible inputs significantly reduce current loading to input drivers while ttl compatible outputs offer improved switching noise performance. a v i specification of 5.5 v allows mc74lcx574 inputs to be safely driven from 5.0 v devices. the mc74lcx574 consists of 8 edge ? triggered flip ? flops with individual d ? type inputs and 3 ? state true outputs. the buffered clock and buffered output enable (oe ) are common to all flip ? flops. the eight flip ? flops will store the state of individual d inputs that meet the setup and hold time requirements on the low ? to ? high clock (cp) transition. with the oe low, the contents of the eight flip ? flops are available at the outputs. when the oe is high, the outputs go to the high impedance state. the oe input level does not affect the operation of the flip ? flops. the lcx574 flow through design facilitates easy pc board layout. features ? designed for 2.3 to 3.6 v v cc operation ? 5 v tolerant ? interface capability with 5 v ttl logic ? supports live insertion and withdrawal ? i off specification guarantees high impedance when v cc = 0 v ? lvttl compatible ? lvcmos compatible ? 24ma balanced output sink and source capability ? near zero static supply current in all three logic states (10  a) substantially reduces system power requirements ? latchup performance exceeds 500 ma ? esd performance: ? human body model >2000 v ? machine model >200 v ? these devices are pb ? free, halogen free/bfr free and are rohs compliant marking diagrams see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information http://onsemi.com soic ? 20 wb dw suffix case 751d lcx574 awlyywwg tssop ? 20 dt suffix case 948e 20 1 lcx 574 alyw   a = assembly location l, wl = wafer lot y, yy = year w, ww = work week g or  =pb ? free package (note: microdot may be in either location)
mc74lcx574 http://onsemi.com 2 figure 1. pinout: 20 ? lead (top view) 19 20 18 17 16 15 14 2 1 34567 v cc 13 8 12 9 11 10 o0 o1 o2 o3 o4 o5 o6 o7 cp oe d0 d1 d2 d3 d4 d5 d6 d7 gnd o0 d0 o1 d1 o2 d2 o3 d3 o4 d4 o5 d5 o6 d6 o7 d7 figure 2. logic diagram ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d cp oe 11 1 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 pin names function output enable input clock pulse input data inputs 3 ? state outputs pins oe cp d0 ? d7 o0 ? o7 truth table inputs internal latches outputs oe cp dn q on operating mode l l l h l h l h load and read register l x nc nc hold and read register h x nc z hold and disable outputs h h l h l h z z load internal register and disable outputs h = high voltage level h = high voltage level one setup time prior to the low ? to ? high clock transition l = low voltage level l = low voltage level one setup time prior to the low ? to ? high clock transition nc = no change x = high or low voltage level and transitions are acceptable z = high impedance state = low ? to ? high t ransition = not a low ? to ? high transition; for i cc reasons, do not float inputs
mc74lcx574 http://onsemi.com 3 maximum ratings symbol parameter value condition units v cc dc supply voltage ? 0.5 to +7.0 v v i dc input voltage ? 0.5 v i +7.0 v v o dc output voltage ? 0.5 v o +7.0 output in 3 ? state v ? 0.5 v o v cc + 0.5 (note 1) v i ik dc input diode current ? 50 v i < gnd ma i ok dc output diode current ? 50 v o < gnd ma +50 v o > v cc ma i o dc output source/sink current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per ground pin 100 ma t stg storage temperature range ? 65 to +150 c msl moisture sensitivity level 1 maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. output in high or low state. i o absolute maximum rating must be observed. recommended operating conditions symbol parameter min typ max units v cc supply voltage operating data retention only 2.0 1.5 3.3 3.3 3.6 3.6 v v i input voltage 0 5.5 v v o output voltage (high or low state) (3 ? state) 0 0 v cc 5.5 v i oh high level output current, v cc = 3.0 v ? 3.6 v ? 24 ma i ol low level output current, v cc = 3.0 v ? 3.6 v 24 ma i oh high level output current, v cc = 2.7 v ? 3.0 v ? 12 ma i ol low level output current, v cc = 2.7 v ? 3.0 v 12 ma t a operating free ? air temperature ? 40 +85 c  t/  v input transition rise or fall rate, v in from 0.8 v to 2.0 v, v cc = 3.0 v 0 10 ns/v ordering information device package shipping ? mc74lcx574dwr2g soic ? 20 (pb ? free) 1000 tape & reel mc74lcx574dwr2g soic ? 20 (pb ? free) 1000 tape & reel MC74LCX574DTR2G soeiaj ? 20 (pb ? free) 2000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc74lcx574 http://onsemi.com 4 dc electrical characteristics t a = ? 40 c to +85 c symbol characteristic condition min max units v ih high level input voltage (note 2) 2.7 v v cc 3.6 v 2.0 v v il low level input voltage (note 2) 2.7 v v cc 3.6 v 0.8 v v oh high level output voltage 2.7 v v cc 3.6 v; i oh = ? 100  a v cc ? 0.2 v v cc = 2.7 v; i oh = ? 12 ma 2.2 v cc = 3.0 v; i oh = ? 18 ma 2.4 v cc = 3.0 v; i oh = ? 24 ma 2.2 v ol low level output voltage 2.7 v v cc 3.6 v; i ol = 100  a 0.2 v v cc = 2.7 v; i ol = 12 ma 0.4 v cc = 3.0 v; i ol = 16 ma 0.4 v cc = 3.0 v; i ol = 24 ma 0.55 i oz 3 ? state output current v cc = 3.6 v, v in = v ih or v il , v out = 0 to 3.6 v 5  a i off power off leakage current v cc = 0, v in = 3.6 v or v out = 3.6 v 10  a i in input leakage current v cc = 0 to 3.6 v, v in = 3.6 v or gnd 5  a i cc quiescent supply current v cc = 3.6 v, v in = 3.6 v or v out = 3.6 v 10  a  i cc increase in i cc per input 2.3 v cc 3.6 v; v ih = v cc ? 0.6 v 500  a 2. these values of v i are used to test dc electrical characteristics only. ac characteristics (t r = t f = 2.5 ns; c l = 50 pf; r l = 500  ) limits t a = ? 40 c to +85 c v cc = 3.0 v to 3.6 v v cc = 2.7 v symbol parameter waveform min max min max units f max clock pulse frequency 1 150 mhz t plh t phl propagation delay cp to on 1 1.5 1.5 8.5 8.5 1.5 1.5 9.5 9.5 ns t pzh t pzl output enable time to high and low levels 2 1.5 1.5 8.5 8.5 1.5 1.5 9.5 9.5 ns t phz t plz output disable time from high and low levels 2 1.5 1.5 6.5 6.5 1.5 1.5 7.0 7.0 ns t s setup time, high or low dn to cp 1 2.5 2.5 ns t h hold time, high or low dn to cp 1 1.5 1.5 ns t w cp pulse width, high or low 3 3.3 3.3 ns t oshl t oslh output ? to ? output skew (note 3) 1.0 1.0 ns 3. skew is defined as the absolute value of the dif ference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either high ? to ? low (t oshl ) or low ? to ? high (t oslh ); parameter guaranteed by design.
mc74lcx574 http://onsemi.com 5 dynamic switching characteristics t a = +25 c symbol characteristic condition min typ max units v olp dynamic low peak voltage (note 4) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v 0.8 v v olv dynamic low valley voltage (note 4) v cc = 3.3 v, c l = 50 pf, v ih = 3.3 v, v il = 0 v 0.8 v 4. number of outputs defined as ?n?. measured with ?n ? 1? outputs switching from high ? to ? low or low ? to ? high. the remaining output is measured in the low state. capacitive characteristics symbol parameter condition typical units c in input capacitance v cc = 3.3 v, v i = 0 v or v cc 7 pf c out output capacitance v cc = 3.3 v, v i = 0 v or v cc 8 pf c pd power dissipation capacitance 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 25 pf waveform 3 - pulse width t r = t f = 2.5 ns (or fast as required) from 10% to 90%; output requirements: v ol 0.8 v, v oh 2.0 v 2.7 v 0 v 2.7 v 0 v 1.5 v 1.5 v figure 3. ac waveforms t w 1.5 v 1.5 v t w waveform 2 - output enable and disable times t r = t f = 2.5 ns, 10% to 90%; f = 1 mhz; t w = 500 ns 2.7 v 0 v 0 v oe on t pzh 3.0 v t phz t pzl t plz on 1.5 v 1.5 v 1.5 v v cc v oh - 0.3 v v ol + 0.3 v gnd 1.5 v cp cp waveform 1 - propagation delays, setup and hold times t r = t f = 2.5 ns, 10% to 90%; f = 1 mhz; t w = 500 ns 2.7 v 0 v dn cp 1.5 v on 2.7 v 0 v v oh v ol t plh , t phl t h t s 1.5 v 1.5 v f max
mc74lcx574 http://onsemi.com 6 open pulse generator r t dut v cc r l r 1 c l 6 v gnd test switch t plh , t phl open t pzl , t plz 6 v open collector/drain t plh and t phl 6 v t pzh , t phz gnd c l = 50 pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500  or equivalent r t = z out of pulse generator (typically 50  ) figure 4. test circuit
mc74lcx574 http://onsemi.com 7 package dimensions 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  soic ? 20 wb case 751d ? 05 issue g
mc74lcx574 http://onsemi.com 8 package dimensions tssop ? 20 case 948e ? 02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc74lcx574 http://onsemi.com 9 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc74lcx574/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74LCX574DTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X