Part Number Hot Search : 
MPSA18 PSBT54 74F674 BDX68B UGP15D 75X02 1C5567M0 1062254
Product Description
Full Text Search
 

To Download MC74HC1GU04-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 september, 2001 rev. 7 1 publication order number: mc74hc1gu04/d mc74hc1gu04 single unbuffered inverter the mc74hc1gu04 is a high speed cmos unbuffered inverter fabricated with silicon gate cmos technology. the mc74hc1gu04 output drive current is 1/2 compared to mc74hc series. ? high speed: t pd = 7 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 1  a (max) at t a = 25  c ? high noise immunity ? balanced propagation delays (tplh = tphl) ? symmetrical output impedance (i oh = i ol = 2 ma) ? chip complexity: fet = 105 figure 1. pinout figure 2. logic symbol in a out y 1 v cc nc in a out y gnd 1 2 3 4 5 http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information marking diagrams pin 1 h6 d pin 1 h6 d l h function table input a output y h l pin assignment 1 2 3 gnd nc in a 4 5v cc out y sot235/tsop5/sc595 dt suffix case 483 d = date code 1 5 sc705/sc88a/sot353 df suffix case 419a 1 5
mc74hc1gu04 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v in dc input voltage  0.5 to v cc  0.5 v v out dc output voltage  0.5 to v cc  0.5 v i ik dc input diode current  20 ma i ok dc output diode current  20 ma i out dc output sink current  12.5 ma i cc dc supply current per supply pin  25 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance sc705/sc88a/sot353 (note 1) sot235/tsop5/sc595 350 230  c/w p d power dissipation in still air at 85  c sc705/sc88a/sot353 sot235/tsop5/sc595 150 200 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4)  2000  200 n/a v i latchup latchup performance above v cc and below gnd at 125  c (note 5)  500 ma maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 1. measured with minimum pad spacing on an fr4 board, using 10 mmby1 inch, 20 ounce copper trace with no air flow. 2. tested to eia/jesd22a114a. 3. tested to eia/jesd22a115a. 4. tested to jesd22c101a. 5. tested to eia/jesd78. recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 6.0 v v in dc input voltage 0.0 v cc v v out dc output voltage 0.0 v cc v t a operating temperature range  55  125  c t r , t f input rise and fall time v cc = 2.0 v v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v 0 0 0 0 1000 600 500 400 ns device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature normalized failure rate time, years t j = 130  c t j = 120  c t j = 110  c t j = 100  c t j = 90  c t j = 80  c
mc74hc1gu04 http://onsemi.com 3 dc electrical characteristics v cc t a = 25  c t a  85  c  55  c  t a  125  c symbol parameter test conditions (v) min typ max min max min max unit v ih minimum highlevel input voltage 2.0 3.0 4.5 6.0 1.7 2.45 3.60 4.80 1.7 2.45 3.60 4.80 1.7 2.45 3.60 4.80 v v il maximum lowlevel input voltage 2.0 3.0 4.5 6.0 0.3 0.5 0.9 1.20 0.3 0.5 0.9 1.20 0.3 0.5 0.9 1.20 v v oh minimum highlevel output voltage v in = v ih or v il v in = v ih or v il i oh = 20  a 2.0 3.0 4.5 6.0 1.8 2.7 4.0 5.5 2.0 3.0 4.5 5.9 1.8 2.7 4.0 5.5 1.8 2.7 4.0 5.5 v v in = v ih or v il i oh = 2 ma i oh = 2.6 ma 4.5 6.0 4.18 5.68 4.33 5.76 4.13 5.63 4.08 5.58 v ol maximum lowlevel output voltage v in = v ih or v il v in = v ih or v il i ol = 20  a 2.0 3.0 4.5 6.0 0.0 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il i ol = 2 ma i ol = 2.6 ma 4.5 6.0 0.26 0.26 0.33 0.33 0.40 0.40 i in maximum input leakage current v in = 6.0 v or gnd 6.0  0.1  1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 6.0 1.0 10 40  a ac electrical characteristics (input t r = t f = 6.0 ns) t a = 25  c t a  85  c  55  c  t a  125  c symbol parameter test conditions min typ max min max min max unit ???? ???? t plh , t ?????? ?????? maximum pro p agation delay ???????? ???????? v cc = 5.0 v c l = 15 pf ??? ??? ??? ??? 3 ??? ??? 15 ??? ??? ??? ??? 20 ???? ???? ???? ???? 25 ?? ?? ns ???? ? ?? ? ? ?? ? ???? t phl ?????? ? ???? ? ? ???? ? ?????? propagation delay, input a or b to y ???????? ? ?????? ? ? ?????? ? ???????? v cc = 2.0 v c l = 50 pf v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 17 9 7 6.5 ??? ? ? ? ? ? ? ??? 100 27 20 17 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 125 35 25 21 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 155 90 35 26 ?? ?? ?? ?? ???? ???? t tlh , t ?????? ?????? output transition time ???????? ???????? v cc = 5.0 v c l = 15 pf ??? ??? ??? ??? 4 ??? ??? 10 ??? ??? ??? ??? 15 ???? ???? ???? ???? 20 ?? ?? ns ???? ? ?? ? ? ?? ? ???? t thl ?????? ? ???? ? ? ???? ? ?????? time ???????? ? ?????? ? ? ?????? ? ???????? v cc = 2.0 v c l = 50 pf v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 25 16 12 10 ??? ? ? ? ? ? ? ??? 125 35 25 21 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 155 45 31 26 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 200 60 38 32 ?? ?? ?? ?? ???? ? ?? ? ???? c in ?????? ? ???? ? ?????? maximum input capacitance ???????? ? ?????? ? ???????? ??? ? ? ? ??? ??? ? ? ? ??? 5 ??? ? ? ? ??? 10 ??? ? ? ? ??? ??? ? ? ? ??? 10 ???? ? ?? ? ???? ???? ? ?? ? ???? 10 ?? ?? ?? pf typical @ 25  c, v cc = 5.0 v c pd power dissipation capacitance (note 6) 10 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74hc1gu04 http://onsemi.com 4 *includes all probe and jig capacitance. a 1mhz square input wave is recommended for propagation delay tests. c l* input output v cc gnd 50% 50% input a output y t phl t plh figure 4. switching waveforms figure 5. test circuit 90% 10% 90% 10% t tlh t thl t r t f device ordering information device nomenclature device order number logic circuit indicator temp range identifier technology device function package suffix tape and reel suffix package type (name/sot#/ common name) tape and reel size mc74hc1gu04dft1 mc 74 hc1g u04 df t1 sc705/sc88a/ sot353 178 mm (7 in) 3000 unit mc74hc1gu04dft2 mc 74 hc1g u04 df t2 sc705/sc88a/ sot353 178 mm (7 in) 3000 unit mc74hc1gu04dtt1 mc 74 hc1g u04 dt t1 sot235/tsop5/ sc595 178 mm (7 in) 3000 unit
mc74hc1gu04 http://onsemi.com 5 tape trailer (connected to reel hub) no components 160 mm min tape leader no components 400 mm min components direction of feed cavity tape top tape figure 6. tape ends for finished goods 1 4.00 2.00 1.75  1.00 min 4.00 figure 7. dft1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50 1 4.00 2.00 1.75  1.00 min 4.00 figure 8. dft2/dtt1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50
mc74hc1gu04 http://onsemi.com 6 figure 9. reel dimensions 13.0 mm  0.2 mm (0.512 in  0.008 in) 1.5 mm min (0.06 in) 50 mm min (1.969 in) 20.2 mm min (0.795 in) full radius t max g a reel dimensions tape size t and r suffix a max g t max 8 mm t1, t2 178 mm (7 in) 8.4 mm,  1.5 mm,  0.0 (0.33 in  0.059 in,  0.00) 14.4 mm (0.56 in) figure 10. reel winding direction direction of feed barcode label hole pocket
mc74hc1gu04 http://onsemi.com 7 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 v 0.30 0.40 0.012 0.016 b 0.2 (0.008) mm 123 4 5 a g v s d 5 pl h c n j k b sc705/sc88a/sot353 df suffix 5lead package case 419a01 issue e 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm
mc74hc1gu04 http://onsemi.com 8 package dimensions mm inches 1.9 0.039 1.0 0.094 0.7 0.074 2.4 0.028 0.95 0.037 0.95 0.037 sot235/tsop5/sc595 dt suffix 5lead package case 48301 issue b notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j    on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74hc1gu04/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC74HC1GU04-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X