Part Number Hot Search : 
PSB61 Z10502A IRF95 XB2HV 1N2SH YS20E MMBTS LB8721
Product Description
Full Text Search
 

To Download HD74ALVC16835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74ALVC16835 18-bit universal bus driver with 3-state outputs ade-205-192e (z) preliminary 6th. edition january 1999 description the HD74ALVC16835 is an 18-bit universal bus driver designed for 2.3 v to 3.6 v v cc operation. data flow from a to y is controlled by output enable ( oe ). the device operates in the transparent mode when the latch enable (le) input is high. the a data is latched if the clock (clk) input is held at a high or low logic level. if le is low, the a data is stored in the latch/flip flop on the low to high transition of the clk. when oe is high, the outputs are in the high impedance state. to ensure the high impedance state during power up or power down, oe should be tied to v cc through a pullup registor; the minimum value of the registor is determined by the current sinking capability of the driver. features meets ?c sdram registered dimm design support document, rev. 1.2 v cc = 2.3 v to 3.6 v typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25 c) typical v oh undershoot > 2.0 v (@v cc = 3.3 v, ta = 25 c) high output current 24 ma (@v cc = 3.0 v)
HD74ALVC16835 2 function table inputs oe le clk a output y hx xx z lhxl l lhxhh ll - ll ll - hh ll hxy 0 *1 ll lxy 0 *2 h : high level l : low level x : immaterial z : high impedance - : low to high transition notes: 1. output level before the indicated steady-state input conditions were established, provided that clk was high before le went low. 2. output level before the indicated steady-state input conditions were established.
HD74ALVC16835 3 pin arrangement (top view) 1 2 3 4 5 6 7 8 9 10 v cc nc nc y1 y2 y3 y4 y5 y6 y7 y8 y9 y10 y11 y12 y13 y14 y15 y17 y16 y18 oe le 11 12 13 14 15 16 17 18 19 20 21 22 23 24 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 gnd gnd gnd gnd 25 26 27 28 a17 32 gnd 31 a18 30 clk 29 gnd a16 a15 a14 a13 a12 a11 a10 a9 a8 a7 gnd a6 a5 a4 a3 a2 a1 gnd nc v cc gnd v cc v cc gnd
HD74ALVC16835 4 absolute maximum ratings item symbol ratings unit conditions supply voltage range v cc ?.5 to 4.6 v input voltage range *1 v i ?.5 to 4.6 v output voltage range *1, 2 v o ?.5 to v cc +0.5 v input clamp current i ik ?0 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc v cc , gnd current / pin i cc or i gnd 100 ma maximum power dissipation at ta = 55 c (in still air) *3 p t 1 w tssop storage temperature range tstg ?5 to 150 c stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ?ecommended operating condition?is not implied. exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output negative-voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. the input and output positive-voltage ratings may be exceeded up to 4.6 v if the input and output clamp-current ratings are observed. 3. the maximum power dissipation is calculated using a junction temperature of 150 c and board trace length of 750 mils. recommended operating conditions item symbol min max unit conditions supply voltage v cc 2.3 3.6 v input voltage v i 0v cc v output voltage v o 0v cc v high-level output current i oh ?2 ma v cc = 2.3 v ?2 v cc = 2.7 v ?4 v cc = 3.0 v low-level output current i ol ?2mav cc = 2.3 v ?2 v cc = 2.7 v ?4 v cc = 3.0 v input transition rise or fall rate d t/ d v 0 10 ns/v operating free-air temperature ta ?0 85 c note: unused or floating control pins must be held high or low.
HD74ALVC16835 5 logic diagram oe le a1 27 30 28 54 3 y1 clk c1 1d clk to 17 other channels
HD74ALVC16835 6 electrical characteristics ta = ?0 to 85 c item symbol v cc (v) min max unit test conditions input voltage v ih 2.3 to 2.7 1.7 v 2.7 to 3.6 2.0 v il 2.3 to 2.7 0.7 v 2.7 to 3.6 0.8 output voltage v oh 2.3 to 3.6 v cc ?.2 v i oh = ?00 m a 2.3 2.0 i oh = ? ma, v ih = 1.7 v 2.3 1.7 i oh = ?2 ma, v ih = 1.7 v 2.7 2.2 i oh = ?2 ma, v ih = 2.0 v 3.0 2.4 i oh = ?2 ma, v ih = 2.0 v 3.0 2.0 i oh = ?4 ma, v ih = 2.0 v v ol 2.3 to 3.6 0.2 v i ol = 100 m a 2.3 0.4 i ol = 6 ma, v il = 0.7 v 2.3 0.7 i ol = 12 ma, v il = 0.7 v 2.7 0.4 i ol = 12 ma, v il = 0.8 v 3.0 0.55 i ol = 24 ma, v il = 0.8 v input current i in 3.6 5.0 m av in = v cc or gnd off state output current i oz 3.6 10 m av out = v cc or gnd quiescent supply current i cc 3.6 40 m av in = v cc or gnd d i cc 3.0 to 3.6 750 m a one input at (v cc ?.6)v, other inputs at v cc or gnd
HD74ALVC16835 7 switching characteristics (ta = ?0 to 85 c) item symbol v cc (v) min typ max unit from (input) to (output) maximum clock f max 2.5 0.2 150 mhz frequency 2.7 150 3.3 0.3 150 propagation delay time t plh 2.5 0.2 1.0 4.2 ns a y t phl 2.7 4.2 3.3 0.3 1.0 3.6 2.5 0.2 1.3 5.0 le y 2.7 4.9 3.3 0.3 1.3 4.2 2.5 0.2 1.4 5.5 clk y 2.7 5.2 3.3 0.3 1.4 4.5 output enable time t zh 2.5 0.2 1.4 5.5 ns oe y t zl 2.7 5.6 3.3 0.3 1.1 4.6 output disable time t hz 2.5 0.2 1.0 4.5 ns oe y t lz 2.7 4.3 3.3 0.3 1.3 3.9 input capacitance c in 3.3 3.0 4.5 7.0 pf control inputs 3.3 3.0 6.0 9.0 data inputs output capacitance c o 3.3 3.0 7.0 9.0 pf y ports
HD74ALVC16835 8 switching characteristics (ta = ?0 to 85 c) (cont) item symbol v cc (v) min typ max unit from (input) setup time t su 2.5 0.2 2.2 ns data before clk - 2.7 2.1 3.3 0.3 1.7 2.5 0.2 1.9 data before le 2.7 1.6 clk ? 3.3 0.3 1.5 2.5 0.2 1.3 data before le 2.7 1.1 clk ? 3.3 0.3 1.0 hold time t h 2.5 0.2 0.6 ns data after clk - 2.7 0.6 3.3 0.3 0.7 2.5 0.2 1.4 data after le 2.7 1.7 clk ??or ? 3.3 0.3 1.4 pulse width t w 2.5 0.2 3.3 ns le ? 2.7 3.3 3.3 0.3 3.3 2.5 0.2 3.3 clk ??or ? 2.7 3.3 3.3 0.3 3.3 switching characteristics (ta = 0 to 85 c) item symbol v cc (v) min typ max unit from (input) to (output) propagation c l =0pf *1 t plh , t phl 3.3 0.165 0.9 2.0 ns a y delay time c l =50pf 3.3 0.165 1.0 4.5 c l =0pf *1 3.3 0.165 1.5 3.0 clk y c l =50pf 3.3 0.165 1.7 4.5 c l =50pf t sso *1, 2 3.3 0.165 1.7 4.8 clk, a y output rise / fall time c l =50pf t tlh , t thl *1 3.3 0.165 1.0 2.5 volts/ ns y notes: 1. this parameter is characterized but not tested. 2. t sso : simultaneous switching output time.
HD74ALVC16835 9 operating characteristics (ta = 25 c) item symbol v cc = 2.5 0.2 v v cc = 3.3 0.3 v unit test conditions typ typ power dissipation outputs enable c pd 22.0 24.5 pf c l = 0, f = 10 mhz capacitance outputs disable 5.0 6.0 test circuit 500 w c l 500 w s1 *1 see under table gnd open load circuit for outputs symbol t / t plh phl open gnd cc 2 v 6.0 v t / t zh hz t / t zl lz t / t / t su h w 30 pf 50 pf c l open gnd vcc=2.7v, 3.3 0.3v vcc=2.5 0.2v note: 1. c l includes probe and jig capacitance.
HD74ALVC16835 10 waveforms ?1 t plh t phl v oh v ol gnd v ih v ref v ref v ref v ref input output 10 % 90 % t rf t 10 % 90 % waveforms ?2 t su t h t w gnd v ih gnd v ih gnd v ih timing input data input input 10 % 90 % t r v ref v ref v ref v ref v ref
HD74ALVC16835 11 waveforms ?3 v ref1 v ref2 t zl t lz t zh t hz v oh v ol v cc v +0.15 v ol v ?.15 v oh v +0.3 v ol v ?.3 v oh v cc cc waveform - a output control waveform - b gnd v ih test v ih v ref v ref1 v ref2 1/2 v 1.5 v 2.7 v v oh1 v ol1 3.0 v gnd gnd vcc=2.7v, 3.3 0.3v vcc=2.5 0.2v 10 % 10 % 90 % 90 % t r t f v ref v ref v ref v ref ? v oh1 ? v ol1 notes: 1. all input pulses are supplied by generators having the following characteristics : prr 10 mhz, zo = 50 w , t r 2.0 ns, t f 2.0 ns. (v cc = 2.5 0.2 v) prr 10 mhz, zo = 50 w , t r 2.5 ns, t f 2.5 ns. (v cc = 2.7 v, 3.3 0.3 v) 2. waveform? is for an output with internal conditions such that the output is low except when disabled by the output control. 3. waveform? is for an output with internal conditions such that the output is high except when disabled by the output control. 4. the outputs are measured one at a time with one transition per measurement.
HD74ALVC16835 12 iv characteristics for register output (measured value) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 -100 -80 -60 -40 -20 0 weak condition high vcc = 3.15 v, ta = 85 c v (v) oh i (ma) oh 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 -150 -120 -90 -60 -30 0 strong condition high vcc = 3.45 v, ta = 0 c v (v) oh i (ma) oh
HD74ALVC16835 13 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 20 40 60 80 100 120 weak condition low vcc = 3.15 v, ta = 85 c v (v) ol i (ma) ol 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 50 100 150 200 strong condition low vcc = 3.45 v, ta = 0 c v (v) ol i (ma) ol
HD74ALVC16835 14 package dimensions unit : mm hitachi code eiaj code jedec code ttp-56d 0.08 m 0.10 0.20 0.15 0.05 8.10 0.3 0.40 max 128 29 56 +0.1 ?.05 +0.3 ?.1 14.00 +0.3 ?.1 6.10 1.20 max 10 max 0.50 0.05 min 0.50 0.1
cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 1999. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher strae 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of HD74ALVC16835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X