Part Number Hot Search : 
0015453 AT76C712 TSOP12 A1962 VW2X30 HCPL2411 T10A200T 24330
Product Description
Full Text Search
 

To Download GBJ5006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbj50005 ~ gbj5010 voltage 50v ~ 1000v 50.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  rating to 1000v prv  ideal for printed circuit board  low forward voltage drop, high current capability  reliable low cost construction utilizing molded pla stic technique results in inexpensive product  the plastic material has underwriters laboratory flammability classification 94v-0 maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit gbj 50005 gbj 5001 gbj 5002 gbj 5004 gbj 5006 gbj 5008 gbj 5010 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heat sink 2 ) i (av) 50 a rectified current @t c =100 c (without heat sink) peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 400 a maximum forward voltage @ 25a dc v f 1.1 v maximum dc reverse current at rated dc blocking voltage t j =25 c i r 10.0 a t j =125 c 500 i 2 t rating for fusing (t<8.3ms) i 2 t 660 a 2 s typical thermal resistance 1 r jc 1.5 c/w operating and storage temperature range t j ,t stg -55~150 c notes 1. thermal resistance from junction to case with u nits mounted on heat sink. 2. device mounted on 300mm*300mm*1.6mm cu plate he at sink. gbj ref. mill imeter ref. millimeter min. max. min. max. a 29.7 30 .3 j 0.6 0.8 b 19 .7 20 .3 k 7.3 7.7 c 4.4 4.8 l 2.0 2.4 d 17.0 18.0 m 9.8 10.2 e 3.0 x 45 n 2.3 2.7 f 3.1 3.4 p 3.6 4.2 g - 5.1 q 10.8 11.2 h 2.5 2.9 r 3.1 3.4 i 0.9 1.1 s 3.4 3.8
gbj50005 ~ gbj5010 voltage 50v ~ 1000v 50.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBJ5006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X