Part Number Hot Search : 
D87C51 BM324 S1300 FRE9260D SMCJ160A AP451 BR406 STP3NB80
Product Description
Full Text Search
 

To Download FM150L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FM150L thru fm160l features plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec do-214ac termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.0015 ounce, 0.05 gram (v) (v) (v) (v) ( o c) FM150L ss15 50 35 50 fm160l ss16 60 42 60 0.60 -55 to +150 symbols marking code operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.1 i o 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 0.5 ma v r = v rrm t a = 125 o c 10 ma thermal resistance junction to ambient r q ja 88 o c / w diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 120 pf storage temperature t stg -55 +150 o c reverse current i r *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage chip schottky barrier diodes silicon epitaxial planer type f o r m o s a m s 0.185(4.8) 0.173(4.4) 0.012(0.3) typ. 0.110(2.8) 0.094(2.4) 0.165(4.2) 0.150(3.8) 0.067(1.7) 0.060(1.5) 0.040 (1.0) typ. 0.040(1.0) typ. dimensions in inches and (millimeters) sma
0.1 1.0 .01 10 50 rating and characteristic curves (FM150L thru fm160l) fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 .01 tj=75 c tj=25 c tj=25 c ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse vol tage,(%) fig.3-maximum non-repetitive forward surge current 0 12 6 18 30 24 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of FM150L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X