Part Number Hot Search : 
AIC1647 MT3S11T SR103 4HCT37 74VCX1 78M00 NJM2795 ERTEC
Product Description
Full Text Search
 

To Download DDTA142JU-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30402 rev. 3 - 2 1 of 3 ddta (lo-r1) u www.diodes.com  diodes incorporated ddta (lo-r1) u pnp pre-biased 100 ma sot-323 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors  available in lead free/rohs compliant version (note 2) features maximum ratings @ t a = 25  c unless otherwise specified a m j l e d b c h k g in gnd out 3 2 1 mechanical data  case: sot-323  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 2  marking: date code and type code, see page 2  ordering information (see page 2)  weight: 0.006 grams (approximate) new product (2) in r 1 r 2 gnd (1) out (3) p/n r1 (nom) r2 (nom) type code ddta122lu ddta142ju ddta122tu ddta142tu 0.22k  0.47k  0.22k  0.47k  10k  10k  open open p81 p82 p83 p84 characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta122lu ddta142ju v in +5 to -6 +5 to -6 v input voltage, (1) to (2) ddta122tu ddta142tu v ebo (max) -5 v output current all i c -100 ma power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30402 rev. 3 - 2 2 of 3 ddta (lo-r1) u www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta122lu ddta142ju v l(off) -0.3 -0.3  v v cc = -5v, i o = -100  a ddta122lu ddta142ju v l(on)  -2.0 -2.0 v v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma output voltage v o(on)  -0.3v v i o /i l = -5ma/-0.25ma input current ddta122lu ddta142ju i l  -28 -13 ma v i = -5v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain ddta122lu ddta142ju g l 56 56  v o = -5v, i o = -10ma gain-bandwidth product* f t  200  mhz v ce = -10v, i e = -5ma, f = 100mhz electrical characteristics r1, r2 types @ t a = 25  c unless otherwise specified new product * transistor - for reference only characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -40  v i c = -1ma emitter-base breakdown voltage ddta122tu ddta142tu bv ebo -5   v i e = -50  a i e = -50  a collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current ddta122tu ddta142tu i ebo    -0.5 -0.5  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c = -5ma, i b = -0.25ma dc current transfer ratio ddta122tu ddta142tu h fe 100 100 250 250 600 600  i c = -1ma, v ce = -5v gain-bandwidth product* f t  200  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics r1-only types @ t a = 25  c unless otherwise specified * transistor - for reference only xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: p = 2003 m = month ex: 9 = september xxx ym marking information device packaging shipping ddta122lu-7 sot-323 3000/tape & reel DDTA142JU-7 sot-323 3000/tape & reel ddta122tu-7 sot-323 3000/tape & reel ddta142tu-7 sot-323 3000/tape & reel ordering information (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example: ddta142tu-7-f .
ds30402 rev. 3 - 2 3 of 3 ddta (lo-r1) u www.diodes.com new product -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 power deratin g curve a p , power dissipation (mw) d


▲Up To Search▲   

 
Price & Availability of DDTA142JU-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X