Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download ACP-4000BP-00XE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial computer chassis features acp-4010 4u rackmount chassis for atx/ceb/eeb motherboard or full-size shb/sbc with dual system support ? supports either an atx/ceb/eeb motherboard or a picmg backplane with up to 15 slots ? supports one or two systems in a single chassis ? supports up to two 5.25" and two 3.5" disk drives ? led indicators and alarm notifcation for system fault detection and network connection ? lockable front door prevents unauthorized access specifcations drive bay front-accessible internal 5.25" 2 - 3.5" 1 1 cooling fan 2 (12 cm /85 cfm each) air filter yes front i/o interface usb 4 9-pin d-sub 2 (reserved) miscellaneous led indicators power, hdd, temperature, fan, lan1, and lan2 rear panel backplane version: one 9-pin d-sub opening motherboard version: five 9-pin d-sub and one 68-pin scsi openings environment operating non-operating temperature 0 ~ 40 c (32 ~ 104 f) -20 ~ 60 c (-4 ~ 140 f) humidity 10 ~ 85% @ 40 c, non-condensing 10 ~ 95% @ 40 c, non-condensing vibration (5 ~ 500 hz) 1 grms 2 g shock 10 g (with 11 ms duration, half sine wave) 30 g physical characteristics dimensions (w x h x d) 482 x 177 x 479 mm (19" x 7.0" x 18.9") weight 16.6 kg (36.5 lb) / 17.6 kg (38.7 lb) *installation of all 15 full-size cards will sacrifce the two 3.5"disk drive bays for acp-4010. *while an eeb motherboard is installed in the chassis, only one 3.5" and two 5.25" disk drive bays are available. two 5.25" drive bays two 3.5" drive bays (int. x 1 & ext. x 1) two reset buttons for dual systems two 9-pin d-sub openings reserved four usb ports easy-to-maintain dual fans front view inside view rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 20-jun-2012
www.advantech.com/products online download acp-4010 ordering information model name power supply backplane version acp-4010bp-00xe without power supply, with atx switch motherboard version acp-4010mb-00xe without power supply, with atx switch power supply options (for detailed power supply specs, please refer to chapter 6) part number specifcations watts input ps8-300atx-zbe (atx, pfc) 300 w ac 100 ~ 240 v (full range) ps8-400atx-ze (atx, pfc) 400 w ac 100 ~ 240 v (full range) rps-300atx-ze (atx, pfc) (1+1 redundant) 300 w ac 100 ~ 240 v (full range) rps-400atx-ze (atx, pfc) (1+1 redundant) 400 w ac 100 ~ 240 v (full range) optional accessories part number description 1990001299 fan flter 95 x 130 mm 1990001298 door flter 150 x 68 mm idt-3120e mobile rack for converting a 3.5" drive bay to dual 2.5" sata hdd trays idt-5230e mobile rack for converting dual 5.25" drive bays to three 3.5" sas/sata hdd trays 177.0 [6.97] 482.0 [18.99] 468.0 [18.44] 101.6 [4.00] 426.0 [16.78] mb bp dimensions unit: mm [inch]


▲Up To Search▲   

 
Price & Availability of ACP-4000BP-00XE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X