Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download 78172-0411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/20/2010 please check www.molex.com for latest part information part number: 0781720411 status: active overview: picoezmate description: 1.20mm (.047") pitch pico-ezmate? wire-to-board crimp terminal, gold (au) flash over nickel (ni) plated, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-78171-010 (pdf) agency certification csa lr19980 ul e29179 general product family crimp terminals series 78172 crimp quality equipment yes overview picoezmate product name pico-ezmate? physical durability (mating cycles max) 10 flammability 94v-0 gender receptacle material - metal copper-nickel-silicon material - plating mating gold material - plating termination gold packaging type reel termination interface: style crimp or compression wire insulation diameter 0.60mm( .024") and 0.70mm(.028 wire size awg 28, 30 wire size mm2 n/a material info reference - drawing numbers application specification as-78172-001, as-78172-006 packaging specification pk-89990-681 product specification ps-78171-010, rps-78171-007 sales drawing sd-78172-009 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78172 series mates with 78171 pcb header use with 78172 crimp receptacle... application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator for 1.20mm (.047") pico- ezmate? wire-to- board terminals 0639011300 t2 terminator for 1.20mm (.047") pico- ezmate?, 28-30 awg 0639111300
hand crimp tool for pico-ezmate? wire- to-board terminal, 28-30 awg for loose parts only 0638194300 extraction tool 0638132700 hand tool for 1.20mm (.047") pitch pico-ezmate? crimp terminals, 28 awg for reeled product 0638194800 hand tool for 1.20mm (.047") pitch pico-ezmate? crimp terminals, 30 awg for reeled product 0638230100 this document was generated on 05/20/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 78172-0411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X