Part Number Hot Search : 
SSF1JG CX2024 N5672 C1510 X9C103 TPS2409 1N5231B 4ALVT
Product Description
Full Text Search
 

To Download 74V1G02CTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 july 2001 n high speed: t pd = 3.6ns (typ.) at v cc = 5v n low power dissipation: i cc = 1 m a(max.) at t a =25c n high noise immunity: v nih = v nil = 28% v cc (min.) n power down protection on inputs n symmetrical output impedance: |i oh | = i ol = 8ma (min) at v cc = 4.5v n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2v to 5.5v n improved latch-up immunity description the 74v1g02 is an advanced high-speed cmos single 2-input nor gate fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. the internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v. 74v1g02 single 2-input nor gate pin connection and iec logic symbols order codes package t & r sot23-5l 74v1g02str sot323-5l 74V1G02CTR sot323-5l sot23-5l
74v1g02 2/9 input equivalent circuit pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied.. recommended operating conditions 1) v in from 30% to 70% of v cc pin no symbol name and function 1 1a data input 2 1b data input 4 1y data output 3 gnd ground (0v) 5 v cc positive supply voltage aby llh lhl hll hhl symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 260 c symbol parameter value unit v cc supply voltage 2 to 5.5 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 1) (v cc = 3.3 0.3v) (v cc = 5.0 0.5v) 0 to 100 0 to 20 ns/v ns/v
74v1g02 3/9 dc specifications ac electrical characteristics (input t r = t f = 3ns) (*) voltage range is 3.3v 0.3v (**) voltage range is 5.0v 0.5v capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 3.0 to 5.5 0.7v cc 0.7v cc 0.7v cc v il low level input voltage 2.0 0.5 0.5 0.5 v 3.0 to 5.5 0.3v cc 0.3v cc 0.3v cc v oh high level output voltage 2.0 i o =-50 m a 1.9 2.0 1.9 1.9 v 3.0 i o =-50 m a 2.9 3.0 2.9 2.9 4.5 i o =-50 m a 4.4 4.5 4.4 4.4 3.0 i o =-4 ma 2.58 2.48 2.4 4.5 i o =-8 ma 3.94 3.8 3.7 v ol low level output voltage 2.0 i o =50 m a 0.0 0.1 0.1 0.1 v 3.0 i o =50 m a 0.0 0.1 0.1 0.1 4.5 i o =50 m a 0.0 0.1 0.1 0.1 3.0 i o =4 ma 0.36 0.44 0.55 4.5 i o =8 ma 0.36 0.44 0.55 i i input leakage current 0 to 5.5 v i = 5.5v or gnd 0.1 1 1 m a i cc quiescent supply current 5.5 v i = v cc or gnd 11020 m a symbol parameter test condition value unit v cc (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t plh t phl propagation delay time 3.3 (*) 15 4.7 8.0 1.0 9.5 1.0 10.5 ns 3.3 (*) 50 5.2 9.0 1.0 10.5 1.0 11.5 5.0 (**) 15 3.6 5.5 1.0 6.5 1.0 7.5 5.0 (**) 50 4.5 7.0 1.0 8.5 1.0 9.5 symbol parameter test condition value unit t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 4101010pf c pd power dissipation capacitance (note 1) 10 pf
74v1g02 4/9 test circuit c l = 15/50pf or equivalent (includes jig and probe capacitance) r t = z out of pulse generator (typically 50 w ) waveform: propagation delay (f=1mhz; 50% duty cycle)
74v1g02 5/9 dim. mm. mils min. typ max. min. typ. max. a 0.90 1.45 35.4 57.1 a1 0.00 0.15 0.0 5.9 a2 0.90 1.30 35.4 51.2 b 0.35 0.50 13.7 19.7 c 0.09 0.20 3.5 7.8 d 2.80 3.00 110.2 118.1 e 2.60 3.00 102.3 118.1 e1 1.50 1.75 59.0 68.8 e0.95 37.4 e1 1.9 74.8 l 0.35 0.55 13.7 21.6 sot23-5l mechanical data
74v1g02 6/9 dim. mm. mils min. typ max. min. typ. max. a 0.80 1.10 31.5 43.3 a1 0.00 0.10 0.0 3.9 a2 0.80 1.00 31.5 39.4 b 0.15 0.30 5.9 11.8 c 0.10 0.18 3.9 7.1 d 1.80 2.20 70.9 86.6 e 1.80 2.40 70.9 94.5 e1 1.15 1.35 45.3 53.1 e0.65 25.6 e1 1.3 51.2 l 0.10 0.30 3.9 11.8 sot323-5l mechanical data
74v1g02 7/9 dim. mm. inch min. typ max. min. typ. max. a 180 7.086 c 12.8 13.0 13.2 0.504 0.512 0.519 d 20.2 0.795 n 60 2.362 t 14.4 0.567 ao 3.13 3.23 3.33 0.123 0.127 0.131 bo 3.07 3.17 3.27 0.120 0.124 0.128 ko 1.27 1.37 1.47 0.050 0.054 0.0.58 po 3.9 4.0 4.1 0.153 0.157 0.161 p 3.9 4.0 4.1 0.153 0.157 0.161 tape & reel sot23-xl mechanical data
74v1g02 8/9 dim. mm. inch min. typ max. min. typ. max. a 175 180 185 6.889 7.086 7.283 c 12.8 13 13.2 0.504 0.512 0.519 d 20.2 0.795 n 59.5 60 60.5 2.362 t 14.4 0.567 ao 2.25 0.088 bo 2.7 0.106 ko 1.2 0.047 po 3.98 4 4.2 0.156 0.157 0.165 p 3.98 4 4.2 0.156 0.157 0.165 tape & reel sot323-xl mechanical data
74v1g02 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 9/9


▲Up To Search▲   

 
Price & Availability of 74V1G02CTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X