d a t a sh eet supersedes data of september 2004 2008 sep 01 ferroxcube 3E55 material specification
2008 sep 01 157 ferroxcube material specification 3E55 3E55 specifications a high permeability material optimized for a very low total harmonic distortion factor (thd/ a ) over the full operating temperature range of dsl wideband transformers. symbol conditions value unit i 25 c; 10 khz; 0.25 mt 10000 20% b25 c; 10 khz; 1200 a/m 370 mt 80 c; 10 khz; 1200 a/m 220 tan / i 25 c; 10 khz; 0.25 mt 10 10 ? 6 25 c; 30 khz; 0.25 mt 30 10 ? 6 b 25 c; 10 khz; 1.5to3mt 0.2 10 ? 3 t ? 1 dc; 25 c 0.1 ? m t c 100 c density 5000 kg/m 3 handbook, halfpage cbw433 10 1 10 10 5 f (mhz) ' , s '' s 10 4 10 3 10 10 2 3E55 '' s 2 1 ' s fig.1 complex permeability as a function of frequency. handbook, halfpage 20000 50 50 250 0 cbw434 150 5000 10000 15000 i t ( o c) 3E55 fig.2 initial permeability as a function of temperature. handbook, halfpage 25 50 250 500 0 cbw435 150 100 200 300 400 25 0 h (a/m) b (mt) 3E55 25 o c 80 o c fig.3 typical b-h loops.
2008 sep 01 158 ferroxcube material specification 3E55 ? 115 20 0 80 ? 135 mfw062 40 ? 130 ? 125 ? 120 thd/ a (db) t ( o c) 3E55 fig.4 thd-factor as a function of temperature (b =10 mt, f = 25 khz). 1 10 100 b (mt) -135 -130 -125 -120 -115 -110 thd/ a (db) mfw071 3E55 fig.5 thd-factor as a function of flux density (f = 25 khz, t = 25 c). 1 10 100 f (khz) -135 -130 -125 -120 -115 -110 thd/ a (db) mfw072 3E55 fig.6 thd-factor as a function of frequency (b =10 mt, t = 25 c).
2008 sep 01 159 ferroxcube material specification 3E55 data sheet status definitions disclaimer life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify ferroxcube for any damages resulting from such application. product status definitions data sheet status product status definitions preliminary specification development this data sheet contains prelimin ary data. ferroxcube reserves the right to make changes at any time without not ice in order to improve design and supply the best possible product. product specification production this data sheet contains final specifications. ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. status indication definition prototype these are products that have been made as development samples for the purposes of technical evaluation only. the data for these types is provisional and is subject to change. design-in these products are recommended for new designs. preferred these products are recommended for use in current designs and are available via our sales channels. support these products are not recommended for new designs and may not be available through all of our sales channels. customers are advised to check for availability.
|