Part Number Hot Search : 
OV7959 SI2311DS MC74ACT 1000B 75M00 KE39A 75NS04Z D1A0510
Product Description
Full Text Search
 

To Download 1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N60 1N60p schottky barrier rectifier features ? high reliability ? low reverse current and low forward voltage maximum ratings ? storage &operating junctiontemperature: -65 to +125 electrical characteristics @ 25 c unless otherwise specified parameter symbol type value test condition 1N60 40v repetitive peak reverse voltage v rrm 1N60p 45v 1N60 30ma t a = 25 average forward current i f(av) 1N60p 50ma t a = 25 1N60 150ma t p Q 1s peak forward surge current i fsm 1N60p 500ma t p Q 1s junction ambient r thja 250k/w on pc board 50mm 50mm 1.6mm do-35 dimensions inches mm dim min max min max note a --- .166 --- 4.2 b --- .079 --- 2.00 c --- .020 --- .52 d 1.000 --- 25.40 --- a b c d d cathode mark marking : cathode band and type number note: 1. lead in glass exemption applied, see eu directive annex 5. ? moisture sensitivity: level 1 per j-std-020c                                                                   tiger electronic co.,ltd
electrical characteristics @ 25 c unless otherwise specified parameter test conditions type symbol min typ max unit 1N60 v f --- 0.32 0.5 v i f =1ma 1N60p v f --- 0.24 0.5 v i f =30ma 1N60 v f --- 0.65 1.0 v forward voltage i f =200ma 1N60p v f --- 0.65 1.0 v 1N60 i r --- 0.1 0.5 a reverse current v r =15v 1N60p i r --- 0.5 1.0 a v r =1v, f=1mhz 1N60 c j --- 2.0 --- pf junction capacitance v r =10v, f=1mhz 1N60p c j --- 6.0 --- pf reverse recovery time i f =i r =1ma, i rr =1ma r c =100 ? t rr --- --- 1.0 ns 1 n60, 1N60p                                                                  


▲Up To Search▲   

 
Price & Availability of 1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X