Part Number Hot Search : 
1206A10 FHNCBBRN S29AL0 31000 80000 SI8410 SB110 FHNCBBRN
Product Description
Full Text Search
 

To Download 1N4384GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  peak forward surge current maximum average forward rectified current maximum dc blocking voltage v maximum rms voltage v maximum repetitive peak reverse voltage v glass passivated junction rectifier 1n4585gp thru 1n4586gp 1n4383gp thru 1n4385gp 200v-1000v 1.0a web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com mechanical data maximum ratings and electrical characteristics ? superectifier structure for high reliability application ? cavity-free glass- passivated junction ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec case: jedec do-204ac molded plastic over glass body terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.015 ounce, 0.4 gram ratings at 25c ambient temperature unless otherwise specified. 1n 1n 1n 1n 1n symbols 4383gp 4384gp 4385gp 4585gp 4586gp units rrm 200 400 600 800 1000 volts rms 140 280 420 560 700 volts dc 200 400 600 800 1000 volts 0.375" (9.5mm) lead length at t a =100c i (av) 1.0 amp 8.3ms single half sine-wave superimposed i fsm 50.0 amps on rated load (jedec method) at t a =100c maximum instantaneous forward voltage at 1.0a v f 1.0 volts maximum dc reverse current t a =25c 5.0 at rated dc blocking voltage t a =150c i r 250.0 m a (note 1) t rr 2.0 m s maximum full load reverse current full cycle average at 0.375" (9.5mm) lead length at t a =100c i r(av) 275 250 225 200 200 m a typical junction capacitance (note 2) c j 15.0 pf typical thermal resistance (note 3) r q ja 45.0 c/w j , t stg -65 to +175 c notes: (1) reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (3) thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, p.c.b. mounted * jedec registered values
atings and characteristic curves 1n4383gp thru 1n4385gp 1n4585gp,1n4586gp e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 glass passivated junction rectifier 1n4585gp thru 1n4586gp 1n4383gp thru 1n4385gp 200v-1000v 1.0a fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive pe ak forward surge current 0 25 50 75 100 125 150 175 200 0.2 0.4 0.6 0.8 1.0 average forwar d rectified current (a) ambient temperature (c) 60 hz re s i s tive or inductive load 0.375 " (9.5 mm) lead length 0 10 1 100 10 20 30 40 50 number of cycle s at 60 hz peak forwar d s urge current (a) t a = 100 c 8.3 m s s ingle half s ine-wave fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 in s tantaneou s forward voltage (v) in s tantaneou s forward current (a) t j = 25 c pul s e width = 300 s 1 % duty cycle 0 0.01 0.1 1 10 60 80 100 20 40 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e leakage current (a) t j = 125 c t j = 25 c t j = 75 c 100 1 10 100 rever s e voltage (v) junction capacitanc e (pf) 110 t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 0.01 0.1 10 1 100 0.1 10 100 1 tran s ient thermal impedance (c/w) t - pul s e duration ( s )


▲Up To Search▲   

 
Price & Availability of 1N4384GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X