Part Number Hot Search : 
215002 AMS811T MMBT4 LS3010 IRFU9220 DTS431 FSL91 2SD1918
Product Description
Full Text Search
 

To Download 012104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.lumberg.com 11/2009 0121 din socket, straight version, shielded, with metal housing, bend protection and solder terminals 1. temperature range -20 c/+85 c 2. materials insulating body abs, v0 according to ul 94 contact spring cuzn, silvered strain relief steel, nickeled screw steel, nickeled housing zn alloy, nickeled bend protection pvc 3. mechanical data mating with din plugs 0131 wire section awg 18 (0.75 mm2) 4. electrical data contact resistance contact spring 30 m contact resistance housing 50 m rated current 4 a rated voltage 60 v ac test voltage 250 v ac rms/60 s insulation resistance 100 m 0121 0121 bestellbezeichnung polzahl verpackungseinheit designation poles package unit dsignation p?les unit demballage 0121 03 3 50 0121 04 4 50 0121 05 5 50 0121 05-1 5 50 0121 06 6 50 0121 07-1 7 50 0121 08-1 8 50 polbilder, von der l?tseite gesehen pin configurations, solder side view schmas de raccordement, vus du c?t souder 0121 03 0121 04 0121 05 0121 05-1 0121 06 0121 07-1 0121 08-1 din 41524 din 41524 din 45322 din 45322 din 45329 din 45326 verpackung: einzeln in kunststoffbeuteln, im karton packaging: in individual plastic bags, in a cardboard box emballage: seul dans sachets en plastique, dans un carton connecteur femelle din, version droite, blind, avec bo?tier mtallique, protection contre pliage et connexion par sou- dure 1. temprature dutilisation -20 c/+85 c 2. materiaux corps isolant abs, v0 suivant ul 94 ressort de contact cuzn, argent dcharge de traction acier, nickel vis acier, nickel bo?tier zn alliage, nickel protecion contre pliage pvc 3. caractristiques mcaniques raccordement avec connecteurs males din 0131 section de raccordement de fil awg 18 (0,75 mm2) 4. caractristiques lectriques rsistance de contact ressort 30 m rsistance de contact bo?tier 50 m courant assign 4 a tension assigne 60 v ac tension dssai 250 v ac rms/60 s rsistance disolement 100 m din-kupplung, gerade ausfhrung, geschirmt, mit metall- geh?use, knickschutz und l?tanschlssen 1. temperaturbereich -20 c/+85 c 2. werkstoffe kontakttr?ger abs, v0 nach ul 94 kontaktfeder cuzn, versilbert zugentlastung stahl, vernickelt schraube stahl, vernickelt geh?use zn-legierung, vernickelt knickschutztlle pvc 3. mechanische daten kontaktierung mit din-steckern 0131 anschlussquerschnitt awg 18 (0,75 mm2) 4. elektrische daten durchgangswiderstand kontaktfeder 30 m durchgangswiderstand geh?use 50 m bemessungsstrom 4 a bemessungsspannung 60 v ac prfspannung 250 v ac rms/60 s isolationswiderstand 100 m din-rundsteckverbinder din circular connectors connecteurs circulaires din


▲Up To Search▲   

 
Price & Availability of 012104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X