Part Number Hot Search : 
TN80C196 ATTINY4 A1941 SC2627 AOZ1212 A01BAGD1 C2402 C3353
Product Description
Full Text Search
 

To Download XC3500M-20S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a 20db directional coupler description the XC3500M-20S is a low profile, high performance 20db directional coupler in a new easy to use, manufacturing friendly surface mount package. it is designed for wimax applications. the XC3500M-20S is designed particularly for power and frequency detection, as well as for vswr monitoring, where tightly controlled coupling and low insertion loss is required. it can be used in high power applications up to 60 watts. parts have been subjected to rigorous qualification testing and they are manufactured using materials with coe fficients of thermal expansion (cte) compatible with common substrates such as fr4, g-10, rf-35, ro4350 and polyimide. produced with 6 of 6 rohs compliant tin immersion. electrical specifications ** frequency mean coupling insertion loss vswr directivity mhz db db max max : 1 db min 3300-3800 20 1.0 0.25 1.20 15 frequency sensitivity power jc operating temp. degrees avg. cw watts oc/watt oc 90 0.40 60 tbd -55 to +85 features: ? 3300 - 3800 mhz ? wimax ? high power ? very low loss ? tight amplitude balance ? high isolation ? production friendly ? tape and reel ? lead-free mechanical outline **specification based on performance of unit pr operly installed on anaren test board 51991- 0001 with small signal applied. specifications subject to change without notice. refer to parameter definitions for details. .400 .010 [10.16 0.25 ] .200 .010 [5.08 0.25 ] .065 .013 [1.64 0.33 ] .304 .004 [7.72 0.10 ] 4x .042 .004 s q [1.07 0.10 ] 4x .024 .004 [0.61 0.10 ] 4x .024 .004 [0.61 0.10 ] .104 .004 [2.64 0.10 ] orientation marker denotes pin 1 denotes array number gnd pin 1 pin 2 pin 3 pin 4 pin 2 pin 1 pin 4 pin 3 gnd dimensions are in inches [millimeters] XC3500M-20S mechanical outline tolerances are non-cumulative
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. hybrid coupler pin configuration the XC3500M-20S has an orientation marker to denote pin 1. once port one has been identified the other ports are known automatically. please see the chart below for clarification: 20db coupler pin configuration pin 1 pin 2 pin 3 pin 4 input direct isolated coupled direct input coupled isolated note: the direct port has a dc connection to the inpu t port and the coupled port has a dc connection to the isolated port. for optimum performance use pin 1 or pin 2 as inputs.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a typical performance (25c): 3300-3800 mhz
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. typical performance (25c): 3300-3800 mhz
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a definition of measured specifications parameter definition mathematical representation vswr (voltage standing wave ratio) vswr = min max v v vmax = voltage maxima of a standing wave vmin = voltage minima of a standing wave the impedance match of the coupler to a 50 system. a vswr of 1:1 is optimal. return loss the impedance match of the coupler to a 50 system. return loss is an alternate means to express vswr. return loss (db)= 20log 1-vswr 1vswr + insertion loss the input power divided by the sum of the power at the two output ports. insertion loss(db)= 10log direct cpl in pp p + isolation the input power divided by the power at the isolated port. isolation(db)= 10log iso in p p phase balance the difference in phase angle between the two output ports. phase at coupled port ? phase at direct port 10log ? ? ? ? ? ? + 2 pp p direct cpl cpl and 10log ? ? ? ? ? ? + 2 pp p direct cpl direct the power at each output divided by the average power of the two outputs. amplitude balance
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. notes on rf testing and circuit layout the XC3500M-20S surface mount couplers require the use of a test fixture for verification of rf performance. this test fixture is designed to evaluate the coupler in t he same environment that is recommended for installation. enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. the part being tested is placed into the test fixture and pressure is applie d to the top of the device using a pneumatic piston. a four port vector network analyzer is connected to the fixture and is used to measure the s- parameters of the part. worst case values for each parameter are found and compared to th e specification. these worst ca se values are reported to the test equipment operator along with a pass or fail flag. see the illustrations below. 3 db test board 10 db test board test board in fixture test station
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a the effects of the test fixture on the measured data must be minimized in order to accurately determine the performance of the device under test. if t he line impedance is anything other than 50 and/or there is a discontinuity at the microstrip to sma interface, there will be errors in the data for the device under test. the test environment can never be ?perfect?, but the procedure used to build and evaluate the test boards (outlined below) demonstrates an attempt to minimize the errors associated with testi ng these devices. the lower the signal level that is being measured, the more impact the fixtur e errors will have on the data. para meters such as return loss and isolation/directivity, which are specifi ed as low as 27db and typically measure at much lower levels, will present the greatest measurement challenge. the test fixture errors introduce an uncertainty to the meas ured data. fixture errors can make the performance of the device under test look better or worse than it actually is. fo r example, if a device has a known return loss of 30db and a discontinuity with a magnitude of ?35db is introduced in to the measurement path, t he new measured return loss data could read anywhere between ?26db and ?37db. this sa me discontinuity could introduce an insertion phase error of up to 1 . there are different techniques used throughout the industr y to minimize the affects of the test fixture on the measurement data. anaren uses the fo llowing design and de-embedding criteria: ? test boards have been designed and parameters s pecified to provide trace impedances of 50 1 . furthermore, discontinuities at the sma to micr ostrip interface are required to be less than ?35db and insertion phase errors (due to differenc es in the connector interface discontinuities and the electrical line length) should be less than 0.25 from the median value of the four paths. ? a ?thru? circuit board is built. this is a two port, microstrip board that uses the same sma to microstrip interface and has the same total length (insertion phase) as the actual test board. the ?thru? board must meet the same stringent re quirements as the test board. the insertion loss and insertion phase of the ?thru? board are measured and stored. this data is used to completely de-embed the device under test from the test fixture. the de-embedded data is available in s-parameter form on the anaren website (www.anaren.com). note : the s-parameter files that are available on the ana ren.com website include data for frequencies that are outside of the specified band. it is impor tant to note that the test fixture is designed for optimum performance through 2.3ghz. some degradation in the test fixture performanc e will occur above this frequency and connector interface discontinuities of ?25db or more can be expected. this larger discontinuity will affect the data at frequencies above 2.3ghz. circuit board layout the dimensions for the anaren test board are shown below. the test board is printed on rogers ro4350 material that is 0.030? thick. consider the case when a different material is us ed. first, the pad size must remain the same to accommodate the part. but, if the material thickness or diel ectric constant (or both) ch anges, the reactance at the interface to the coupler will also change. second, the linewidth required for 50 will be different and this will introduce a step in the line at the pad where the coupl er interfaces with the printed microstrip trace. both of these conditions will affect the performance of the part. to achieve the specified performance, serious attention must be given to the design and layout of the circuit environment in which this component will be used. if a different circuit board material is used, an attempt should be made to achieve the same interface pad reactance that is present on the anaren ro4350 test board. when thi nner circuit board material is used, the ground plane will be closer to the pad yielding more capacitance for the same size interface pad. the same is true if the dielectric constant of the circuit board material is higher than is used on the anaren test board. in both of these cases, narrowing the line before the interface pad will introduce a series inductance, which, when properly tuned, will compensate for the extra capacitive reactance. if a thicker circuit board or one with a lower dielectric constant is used,
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. the interface pad will have less capacitive reactance than the anaren test board. in this case, a wider section of line before the interface pad (or a larger interface pad) will in troduce a shunt capacitance and when properly tuned will match the performance of the anaren test board. notice that the board layout for the 3db couplers is different from that of the 10db couplers. the test board for the 3db couplers has all four traces interfacing with the coupl er at the same angle. the test board for the 10db couplers has two traces approaching at one angle and the other two traces at a different angle. the entry angle of the traces has a significant impact on the rf performance and these parts have been optimized for the layout used on the test boards shown below. 10 db test board 3 db test board testing sample parts supplied on anaren test boards if you have received a coupler installed on an anaren produced mi crostrip test board, please remember to remove the loss of the test board from the measured data. the loss is small enough that it is not of concern for return loss and isolation/directivity, but it should ce rtainly be considered when measuring coup ling and calculating the insertion loss of the coupler. an s-parameter file for a ?thru? board (see description of ?thru? boar d above) will be supplied upon request. as a first order approximation, one s hould consider the following loss estimates: frequency band avg. ins. loss of test board @ 25 c 800 - 1000 mhz ~ 0.07db 1700 ? 2300 mhz ~0.12db 2300 ? 2700 mhz ~0.15db 3300 ? 3800 mhz ~0.17db for example, a 1900mhz, 10db coupler on a test board may measure ?10.30db from input to the coupled port at some frequency, f1. when the loss of the test board is removed, the coupling at f1 becomes -10.18db (-10.30db + 0.12db). this compensation must be made to both the c oupled and direct path measurements when calculating insertion loss. the loss estimates in the table above come from room temp erature measurements. it is important to note that the loss of the test board will change with temperature. this fact must be considered if the coupler is to be evaluated at other temperatures.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a peak power handling high-pot testing of these couplers during the qualification procedure result ed in a minimum breakdown voltage of 1.7kv (minimum recorded value). this voltage level corres ponds to a breakdown resistance capable of handling at least 12db peaks over average power levels, for very short durations. the breakdown location consistently occurred across the air interface at the coupler contact pads (see illu stration below). the breakdown levels at these points will be affected by any contamination in the gap area around th ese pads. these areas must be kept clean for optimum performance. it is recommended that the user test for voltage breakdown under the maximum operating conditions and over worst case modulation induced power peaking. this evaluation should also include extreme environmental conditions (such as high humidity). orientation marker a printed circular feature appears on t he top surface of the coupler to designate pin 1. this orientation marker is not intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of these parts into the tape and reel package. this ensures that the components are always delivered with the same orientation. refer to the table on page 2 of t he data sheet for allowable pin configurations. test plan xinger ii couplers are manufactured in large panels and then separated. a sample population of parts is rf small signal tested at room temperatur e in the fixture described above. all parts are dc tested for shorts/opens. (see ?qualification flow chart? section for deta ils on the accelerated life test procedures.)
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. power handling the average power handling (total input powe r) of a xinger coupler is a function of: ? internal circuit temperature. ? unit mounting interface temperature. ? unit thermal resistance ? power dissipated within the unit. all thermal calculations are based on the following assumptions: ? the unit has reached a steady state operating condition. ? maximum mounting interface temperature is 95 o c. ? conduction heat transfer through the mounting interface. ? no convection heat transfer. ? no radiation heat transfer. ? the material properties are constant over the operating temperature range. finite element simulations are made for each unit. t he simulation results are used to calculate the unit thermal resistance. the finite element simulation requires the following inputs: ? unit material stack-up. ? material properties. ? circuit geometry. ? mounting interface temperature. ? thermal load (dissipated power). the classical definition for dissip ated power is temperature delta ( t) divided by thermal resistance (r). the dissipated power (p dis ) can also be calculated as a function of the total input power (p in ) and the thermal insertion loss (il therm ): )( 101 10 w p r t p therm il in dis ? ? ? ? ? ? ? ? ??= = ? (1) power flow and nomenclature for an ?x? style coupler is shown in figure 1.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a pin 1 pin 4 input port coupled port direct port isolated port p in p out (rl) p out (iso) p out (cpl) p out (dc) figure 1 the coupler is excited at the input port with p in (watts) of power. assuming the coupler is not ideal, and that there are no radiation losses, power will exit the coupler at all four port s. symbolically written, p out(rl) is the power that is returned to the source because of impedance mismatch, p out(iso) is the power at the isolated port, p out(cpl) is the power at the coupled port, and p out(dc) is the power at the direct port. at anaren, insertion loss is defined as the log of the input power divided by the sum of the power at the coupled and direct ports: note: in this document, insertion loss is taken to be a positi ve number. in many places, insertion loss is written as a negative number. obviously, a mere sign change equates the two quantities. )db( pp p log10il )dc(out)cpl(out in 10 ? ? ? ? ? ? ? ? + ?= (2) in terms of s-parameters, il can be computed as follows: )db(sslog10il 2 41 2 31 10 ? ? ? ? ? ? + ??= (3) we notice that this insertion loss value includes the power lost because of return loss as well as power lost to the isolated port. for thermal calculations, we are only interested in the power lost ?inside? the coupler. since p out(rl) is lost in the source termination and p out(iso) is lost in an external termination, they are not be included in the insertion loss for thermal calculations. therefore, we define a new insertion loss value solely to be used for thermal calculations: )( log10 )()()()( 10 db pppp p il rlout isoout dcout cplout in therm ? ? ? ? ? ? ? ? +++ ?= (4)
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. in terms of s-parameters, il therm can be computed as follows: )( log10 2 41 2 31 2 21 2 11 10 db ssss il therm ? ? ? ? ? ? +++ ??= (5) the thermal resistance and power dissipated within the unit are then used to calculate the average total input power of the unit. the average total steady state input power (p in ) therefore is: )( 101 101 10 10 w r t p p therm therm il il dis in ? ? ? ? ? ? ? ? ? = ? ? ? ? ? ? ? ? ? = ? ? (6) where the temperature delta is the circuit temperature (t circ ) minus the mounting interface temperature (t mnt ): )( cttt o mnt circ ?= (7) the maximum allowable circuit temperature is defined by the properties of the materials used to construct the unit. multiple material combinations and bonding techniques are used within the xinger ii product family to optimize rf performance. consequently the maximum allowable circui t temperature varies. please note that the circuit temperature is not a function of the xinger case (top surface) temperature. therefore, the case temperature cannot be used as a boundary condition for power handling calculations. due to the numerous board materials and mounting configuratio ns used in specific customer configurations, it is the end users responsibility to ensure that the xinger ii coupler mounting interface temperature is maintained within the limits defined on the power derating plots for the required average power handling. additionally appropriate solder composition is required to prevent reflow or fatigue failure at the rf ports. finally, reliability is improved when the mounting interface and rf port temperatures are kept to a minimum. the power-derating curve illustra tes how change s in the mounting interface temper ature result in converse changes of the power handling of the coupler.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a mounting in order for xinger surface mount couplers to work optimally, there must be 50 ? transmission lines leading to and from all of the rf ports. also, there must be a very good ground plane underneath the part to ensure proper electrical performance. if either of these two conditions is not satisfied, electrical performance may not meet published specifications. overall ground is improved if a dense population of plated through holes connect the top and bottom ground layers of the pcb. this minimizes ground inductance and improves ground continuity. all of the xinger hybrid and directional couplers are constructed from ceramic filled ptfe composites which possess excellent electrical and mechanical stability having x and y thermal coefficient of expansion (cte) of 17-25 ppm/ o c. when a surface mount hybrid coupler is mounted to a printed circuit board, the prim ary concerns are; ensuring the rf pads of the device are in contact with the circuit trace of the pcb and insuring the ground plane of neither the component nor the pcb is in contact with the rf signal. mounting footprint dimensions are in inches [millimeters] XC3500M-20S mounting footprint .300 [7.62] to ensure proper electrical and thermal performance there must be a ground plane with 100% solder connection underneath the part .034 typ [0.86] .100 [2.54] 50 transmission line multiple plated thru holes to ground coupler mounting process the process for assembling this component is a conventional surface mount process as shown in figure 1. this process is conducive to both low and high volume usage. figure 1: surface mounting process steps storage of components: the xinger ii products are available in either an immersion tin or tin-lead finish. commonly used storage procedures used to control oxidation should be followed for these surface mount components. the storage temperatures should be held between 15 o c and 60 o c. substrate: depending upon the particular component, the circuit material has an x and y coefficient of thermal expansion of between 17 and 25 ppm/c. this coefficient minimizes solder joint stresses due to similar expansion rates of most commonly used board substrates such as rf35, ro4350, fr4, polyimide and g-10 materials. mounting to ?hard? substrates (alumina etc.) is possible depending upon operational temperature requirements. the solder surfaces of the coupler are all copper plated with either an immersion tin or tin-lead exterior finish. solder paste: all conventional solder paste formulations will work well with anaren?s xinger ii surface mount components. solder paste can be applied with stencils or syringe dispensers. an example of a stenciled solder paste deposit is shown in figure 2. as shown in the figure solder paste is applied to the four rf pads and the entire ground plane underneath the body of the part.
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. figure 2: solder paste application coupler positioning: the surface mount coupler can be placed manually or with automatic pick and place mechanisms. couplers should be placed (see figure 3 and 4) onto wet paste with common surface mount techniques and parameters. pick and place systems must supply adequate vacuum to hold a 0.50-0.55 gram coupler. figure 3: component placement figure 4: mounting features example reflow: the surface mount coupler is conducive to most of today?s conventional reflow methods. a low and high temperature thermal reflow profile are shown in figures 5 and 6, respectively. manual soldering of these components can be done with conventional surface mount non-contact hot air soldering tools. board pre-heating is highly recommended for these selective hot air soldering methods. manual soldering with conventional irons should be avoided.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a figure 5 ? low temperature solder reflow thermal profile figure 6 ? high temperature solder reflow thermal profile
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. qualification flow chart
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a electrical testing at room temperature s-parameter n=50 visual inspection n=25 mechanical inspection n=25 microsection 3 test units and 1 control high power test n=2 life testing xxx watts input xxxc base plate temperature 96 hours 3 in series n=6 visual inspection n=16 electrical testing at room temperature and over temperature s-parameter n=6 microsection 2 life, 1 high power and 1 control visual inspection n=50 bake parts for 1 hour at 100c n=40 electrical testing at room temperature s-parameter n=50 moisture resistance testing -25 to 65 c for 2 hrs. @ 90% humidity. increase to 95% humidity and soak for 4 hrs. ramp temp to 25 c in 2 hrs. repeat for 10 cycles and then soak -10 c hour 3 hrs. n=40 visual inspection n=50 control units n=10 electrical testing at room temperature s-parameter n=50 control units n=10
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. application information directional couplers and sampling directional couplers are often used in circuits that requi re the sampling of an arbitrary signal. because they are passive, non-linear devices, anaren directional couplers do not perturb the characteristics of the signal to be sampled, and can be used for frequency monitoring and/or measurement of rf power. an example of a sampling circuit is the reflectometer. the purpose of the reflectometer is to isolate and sample the incident and reflected signals from a mismatched load. a basic reflectometer ci rcuit is shown in figure ap.n.1-1. load 12 3 4 reflected wave v input i vv r figure ap.n.1-1. a reflectometer circuit schematic if the directional coupler has perfect di rectivity, then it is clear that v i is strictly a sample of the incident voltage v input , and v r is strictly a sample of the wave that is reflected from the load. since directivity is never perfect in practice, both v i and v r will contain samples of the input signal as well as the reflected signal. in that case, j i e v += cdtc eq. ap.n.1-1 and j r e v += ctcd eq. ap.n.1-2 where c is the coupling, d is the directivity, is the complex reflection coefficient of the load, t is the transmission coefficient, and and are unknown phase delay differences caused by t he interconnect lines on the test board. if we know v i and v r , we can easily calculate the reflection coefficient of the load. one should notice that in order to make forward and reverse measurements using only one coupler, th e directivity must be really lo w. in specific customer applications, the preferred method for forward and reverse sampling is shown in figure ap.n.1-2.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a load 12 3 4 reflected wave input isolator reverse measurement measurement forward rfp-500500a6z50 150 rfp-375375a6z50 50 rfp-250375a4z50 15 rfp-060120a15z50 8 model power (watts) ** recommended terminations **termination figure ap.n.1-2. forward and reverse sampling the isolator in figure ap.n.1-2 prevents t he reflected wave from exciting the directional coupler. a list of recommended terminations is shown in the figure. directional couplers in feed-forward amplifier applications feed-forward amplifiers are widely used to reduce distortion due to nonlinearities in power amplifiers. although the level and complexity of feed-forward amplif iers varies from one manufacturer to another, the basic building block for this linearization scheme remains the same. a basic feed-forward sc hematic is shown in figure ap.n.2-1. the input signal is split in two using a hybrid coupler or power divider. the output of the main amplifier is sampled with a 20db-30db directional coupler. the XC3500M-20S is an excellent candidat e for this sampling since it provides great return loss and directivity. the sampled signal, which consists of a sample of the original input signal plus some distortion, is inverted and then combined with the output of the first delay line. this procedure subt racts (through destructive interference) the sample of the original input signal, leaving only the distortion or error component. the error component is then amplified and combined with the output of the second delay line us ing another directional coupler. in many cases, a 10db coupler is used to combine the two signals. the XC3500M-20S is a perfect choice for this injection because it has tight coupling, superior directivity, and excellent match.
model XC3500M-20S rev a usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. rfp-500500a6z50 rfp-375375a6z50 50 rfp-250375a4z50 15 rfp-060120a15z50 8 model power (watts) 50 ohm ** (see table below) ** recommended terminations terminations coupler hybrid 3db 10db directional coupler coupler directional 20db -- 30db output input error amplifier cancellation carrier delay delay amplifier main 100 figure ap.n.2-1. generic f eed forward circuit schematic both directional couplers in the figure ap.n.2-1 have one port terminated with a 50 resistor. in order to achieve optimum performance, the termination mu st be chosen carefully. it is important to remember that a good termination will not only produce a good match at the input of the couple r, but will also maximize the isolation between the input port and isolated port. furthermore, since the termination can potentially absorb high levels of power, its maximum power rating should be chosen accordingly. a list of recommended term inations is shown in figure ap.n.2-1. for an ideal lossless directional coupler, the power at the coupled and direct ports can be written as: watts db 10 )(coupling input coupled 10 p p = eq. ap.n.2-1 watts db 10 )(coupling input input direct 10 p pp ?= eq. ap.n.2-2 where p input is the input power in watts, and coupling(db) is the coupling value in db.
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model XC3500M-20S rev a packaging and ordering information parts are available in both reel and tube. packaging fo llows eia 481-2. parts are oriented in tape and reel as shown below. minimum order quantities are 2000 per reel and 48 per tube. see model numbers below for further ordering information. xinger coupler frequency (mhz) size (inches) coupling value plating finish xc 0450 = 410-480 0900 = 800-1000 1900 = 1700-2000 2100 = 2000-2300 2500 = 2300-2700 3500 = 3300-3700 a = 0.56 x 0.35 b = 1.0 x 0.50 e = 0.56 x 0.20 l = 0.65 x 0.48 m= 0.40 x 0.20 p = 0.25 x 0.20 03 = 3db 05 = 5db 10 = 10db 20 = 20db 30 = 30db p = tin lead s = immersion tin xx xxxx x - xx x


▲Up To Search▲   

 
Price & Availability of XC3500M-20S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X