Part Number Hot Search : 
1N5233B A6169 MC74LV KP110 82801FR PMN40LN V640MU 16100
Product Description
Full Text Search
 

To Download UD6004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 UD6004 n-ch 60v fast switching mosfets symbol parameter rating units v ds drain-source voltage 60 v v gs gate-sou r ce voltage 20 v i d @t c =25 continuous drain current, v gs @ 10v 1 25 a i d @t c =100 continuous drain current, v gs @ 10v 1 18 a i dm pulsed drain current 2 50 a eas single pulse avalanche energy 3 34.5 mj i as avalanche current 22.6 a p d @t c =25 total power dissipation 4 34.7 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol parameter typ. max. unit r ja thermal resistance junction-ambient 1 --- 62 /w r jc thermal resistance junction-case 1 --- 3.6 /w id 60v 30m ? 25a the UD6004 is the highest performance trench n-ch mosfets with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications . the UD6004 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. z advanced high cell density trench technology z super low gate charge z excellent cdv/dt effect decline z 100% eas guaranteed z green device available general description features applications z high frequency point-of-load synchronous buck converter. z networking dc-dc power system z load switch absolute maximum ratings thermal data to252 pin configuration product summery bv dss r ds(on)
2 n-ch 60v fast switching mosfets symbol parameter conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v , i d =250ua 60 --- --- v bv dss / t j bv dss temperature coefficient reference to 25 , i d =1ma --- 0.063 --- v/ v gs =10v , i d =15a --- 25 30 r ds(on) static drain-source on-resistance 2 v gs =4.5v , i d =10a --- 30 38 m v gs(th) gate threshold voltage 1.2 2.5 v v gs(th) v gs(th) temperature coefficient v gs =v ds , i d =250ua --- -5.24 --- mv/ v ds =48v , v gs =0v , t j =25 --- --- 1 i dss drain-source leakage current v ds =48v , v gs =0v , t j =55 --- --- 5 ua i gss gate-source leakage current v gs = 20v , v ds =0v --- --- 100 na gfs forward transconductance v ds =5v , i d =15a --- 17 --- s r g gate resistance v ds =0v , v gs =0v , f=1mhz --- 3.2 q g total gate charge (4.5v) --- 12.56 --- q gs gate-source charge --- 3.24 --- q gd gate-drain charge v ds =48v , v gs =4.5v , i d =10a --- 6.31 --- nc t d(on) turn-on delay time --- 8 --- t r rise time --- 14.2 --- t d(off) turn-off delay time --- 24.4 --- t f fall time v dd =30v , v gs =10v , r g =3.3 , i d =10a --- 4.6 --- ns c iss input capacitance --- 1345 --- c oss output capacitance --- 72.5 --- c rss reverse transfer capacitance v ds =25v , v gs =0v , f=1mhz --- 54.4 --- pf symbol parameter conditions min. typ. max. unit eas single pulse avalanche energy 5 v dd =25v , l=0.1mh , i as =15a 15.2 --- --- mj symbol parameter conditions min. typ. max. unit i s continuous source current 1,6 --- --- 25 a i sm pulsed source current 2,6 v g =v d =0v , force current --- --- 50 a v sd diode forward voltage 2 v gs =0v , i s =1a , t j =25 --- --- 1.2 v note : 1.the data tested by surface mounted on a 1 inch 2 fr-4 board with 2oz copper. 2.the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3.the eas data shows max. rating . the test condition is v dd =25v,v gs =10v,l=0.1mh,i as =15a 4.the power dissipation is limited by 150 junction temperature 5.the min. value is 100% eas tested guarantee. 6.the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation. electrical characteristics (t j =25 , unless otherwise noted) guaranteed avalanche characteristics diode characteristics UD6004
3 n-ch 60v fast switching mosfets 0 2 4 6 8 10 12 00.511.52 v ds , drain-to-source voltage (v) i d drain current (a) v gs =10v v gs =7 v gs =5v v gs =4.5v v gs =3v 25 28 30 33 35 246810 v gs (v) r dson (m ? ) i d =12a 0 2 4 6 8 10 12 0.2 0.4 0.6 0.8 1 v sd , source-to-drain voltage (v) i s source current(a) t j =150 t j =25 0 2 4 6 8 10 0 5 10 15 20 25 q g , total gate charge (nc) v gs gate to source voltage (v) i d =12a 0 0.5 1 1.5 -50 0 50 100 150 t j ,junction temperature ( ) normalized v gs(th) 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( ) normalized on resistanc e typical characteristics fig.1 typical output characteristics fig.2 on-resistance v.s gate-source fig.3 forward characteristics of reverse fig.4 gate-charge characteristics fig.5 normalized v gs(th) v.s t j fig.6 normalized r dson v.s t j UD6004
4 n-ch 60v fast switching mosfets 10 100 1000 10000 1 5 9 13 17 21 25 v ds drain to source voltage(v) capacitance (pf) f=1.0mhz ciss coss crss 0.01 0.10 1.00 10.00 100.00 0.1 1 10 100 1000 v ds (v) i d (a) tc=25 o c single pulse 100m 100us 1ms 10ms dc 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r jc ) p dm d = t on /t t j peak = t c + p dm x r jc t on t 0.02 0.01 0.05 0.1 0.3 duty=0.5 single pulse fig.8 safe operating area fig.9 normalized maximum transient thermal impedance fig.7 capacitance fig.10 switching time waveform fig.11 unclamped inductive waveform UD6004


▲Up To Search▲   

 
Price & Availability of UD6004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X