Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download SRC1211UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-r5d018-001 1 SRC1211UF npn silicon transistor pin connection descriptions ? switching application ? interface circuit and driver circuit application features ? with built-in bias resistor ? simplify circuit design ? reduce a quantity of parts and manufacturing process ? high packing density ordering information type no. marking package code SRC1211UF rd sot-323f device code year&week code absolute maximum ratings (ta=25 c) characteristic symbol rating unit output voltage v o 50 v input voltage v i 30, -5 v output current i o 100 ma power dissipation p d 200 mw junction temperature t j 150 c storage temperature range t stg -55 ~ 150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit output cut-off current i o(off) v o =50v, v i =0 - - 500 na dc current gain g i v o =5v, i o =10ma 120 - - - output voltage v o(on) i o =10ma, i i =0.5ma - 0.1 0.3 v input voltage (on) v i(on) v o =0.2v, i o =5ma - 0.9 1.4 v input voltage (off) v i(off) v o =5v, i o =0.1ma 0.3 0.55 - v transition frequency f t * v o =10v, i o =5ma, f=1mhz - 200 - mhz input current i i v i =5v, i o =0 - - 0.88 ma input resistor (input to base) r 1 - 7 10 13 k * : characteristic of transistor only r 1 in common out r 1 = 10k in common out
ksd-r5d018-001 2 SRC1211UF electrical characteristic curves fig. 2 i o ? v i(off) fig. 1 i o ? v i ( on ) fig. 3 g i - i o ?
ksd-r5d018-001 3 SRC1211UF outline dimension recommend pcb solder land [unit: mm]
ksd-r5d018-001 4 SRC1211UF the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SRC1211UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X