? faraday technology. as part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice fara013d.doc page 1 of 2 sep-01 (d) + small compact design for pcb mounting + + auto 625/525 operation + + fully filtered and buffered outputs + + reclocked outputs available + + three cvbs outputs or cvbs + y/c output this interface card accepts d1 serial digits and provides three analogue composite video outputs with colour bursts and mixed sync?s to allow picture display on a composite video monitor. an interface card with y/c output (s-video) and 1 cvbs output only is available. input requirements input 1 x 270 mb/s serial nrzi (ebu tech 3 267, smpte rp-259m) input impedance 75 ohm terminating line standard 625/50 or 525/60 auto detection equalisation automatic up to 40 db at 200 mhz (typically 300m of belden 8281 at 270mhz ) analogue output characteristics output format 3 cvbs or 1 cvbs and y/c (as requested) output levels 1 v pk-pk including syncs 2% impedance 75 ohms resolution 8 bit data / 9 bit dac frequency response 0.2 db to 5.5 mhz signal-to-noise ratio > 60 db rms to 5.5 mhz digital outputs output format 2 reclocked serial o/ps impedance 75 ohms available options b and d only other parameters power + 5v 0.25v (500 ma max) - 5v 0.50v (50 ma max) operating temp. 0 0 c to 40 0 c aqueous washable yes package dr00168 c ordering codes reclocked o/p?s 3 x cvbs o/p?s cvbs , y and c o/p?s sdi-003a x ? x sdi-003b ? ? x SDI-003C x x ? sdi-003d ? x ? sdi-003 serial d1 to cvbs/yc module
package detail faraday technology ltd. tel: + 44 (0)1782 661501 croft road industrial estate, fax: + 44 (0)1782 630101 newcastle, staffordshire email: sales@faradaytech.co.uk st5 0qz. england. web site: http://www.faradaytech.co.uk fara013d.doc page 2 of 2 sep-01 (d)
|