Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download MC74VHCT374AMELG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 june, 2011 ? rev. 5 1 publication order number: mc74vhct374a/d mc74vhct374a octal d-type flip-flop with 3-state output the mc74vhct374a is an advanced high speed cmos octal flip ? flop with 3 ? state output fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. this 8 ? bit d ? type flip ? flop is controlled by a clock input and an output enable input. when the output enable input is high, the eight outputs are in a high impedance state. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the vhct inputs are compatible with ttl levels. this device can be used as a level converter for interfacing 3.3 v to 5.0 v, because it has full 5.0 v cmos level output swings. the vhct374a input and output (when disabled) structures provide protection when voltages between 0 v and 5.5 v are applied, regardless of the supply voltage. these input and output structures help prevent device destruction caused by supply voltage ? input/output voltage mismatch, battery backup, hot insertion, etc. features ? high speed: f max = 140 mhz (typ) at v cc = 5.0 v ? low power dissipation: i cc = 4  a (max) at t a = 25 c ? ttl ? compatible inputs: v il = 0.8 v; v ih = 2.0 v ? power down protection provided on inputs and outputs ? balanced propagation delays ? designed for 4.5 v to 5.5 v operating range ? low noise: v olp = 1.6 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: human body model > 2000 v; machine model > 200 v ? chip complexity: 276 fets or 69 equivalent gates ? these devices are pb ? free and are rohs compliant soeiaj ? 20 suffix m case 967 http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information marking diagrams 74vhct374 awlywwg 20 1 20 1 1 tssop ? 20 suffix dt case 948e soic ? 20wb suffix dw case 751d vhct 374a alyw   1 1 20 1 vhct374a awlyywwg a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location) oe cp q l l l h l, h, x h l no change z inputs output function table d h l x x
mc74vhct374a http://onsemi.com 2 figure 1. logic diagram data inputs d0 d1 d2 d3 d4 d5 d6 d7 18 17 14 13 8 7 4 3 1 oe 19 q0 q1 q2 q3 q4 q5 q6 q7 16 15 12 9 6 5 2 noninverting outputs 11 cp figure 2. pin assignment q2 d1 d0 q0 oe gnd q3 d3 d2 q1 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q6 d6 d7 q7 v cc cp q4 d4 d5 q5 ??????????????????????? ??????????????????????? maximum ratings ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? v cc ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ? state high or low state ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 20 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 20 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 75 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ?derating ? soic packages: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ??? ??? ???? ???? v cc ????????????????????????? ????????????????????????? ??? ??? ??? ??? ??? ??? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ??? ??? ???? ???? ????????????????????????? ????????????????????????? ? state high or low state ??? ??? ??? ??? ??? ??? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ? 40 ??? ??? ??? ???  c ???? ???? ????????????????????????? ????????????????????????? 0.5v ??? ??? ??? ??? ??? ??? ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74vhct374a http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? ???? ???? ???? ????????? ????????? ????????? ???????? ???????? ???????? ??? ??? ??? ??????? ??????? c ?????? ?????? ? 40 to 85 c ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? v ih ????????? ????????? ? level input voltage ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ????????? ????????? ? level input voltage ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ????????? ????????? ????????? ? level output voltage v in = v ih or v il ???????? ???????? ? 50  a ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???????? ???????? ? 8ma ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ????????? ????????? ????????? ? level output voltage v in = v ih or v il ???????? ????????  a ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ????????? ????????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? 0.1 ??? ??? ???? ???? 1.0 ?? ??  a ???? ???? ????????? ????????? ? state leakage current ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? 0.25 ??? ??? ???? ???? 2.5 ?? ??  a ???? ???? ????????? ????????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ??  a ???? ???? ???? ????????? ????????? ????????? ???????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ????????? ???????? ??? ??? ??? ??? ??? ???? ??  a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0ns) ???? ???? ???? symbol ?????????? ?????????? ?????????? ????????? ????????? ????????? ??????? ??????? c ?????? ?????? ? 40 to 85 c ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? f max ?????????? ?????????? ????????? ????????? 0.5v c l = 15pf c l = 50pf ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???? ?????????? ?????????? ?????????? ????????? ????????? ????????? 0.5v c l = 15pf c l = 50pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ?????????? ?????????? ????????? ????????? 0.5v c l = 15pf r l = 1k  c l = 50pf ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???? ?????????? ?????????? ?????????? ????????? ????????? ????????? 0.5v c l = 50pf r l = 1k  ??? ??? ??? ??? ??? ??? 7.0 ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ?????????? ?????????? ????????? ????????? 0.5v c l = 50pf (note 1) ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???? ?????????? ?????????? ?????????? ? state output capacitance (output in high ? impedance state) ????????? ????????? ????????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? typical @ 25 c, v cc = 5.0v pf 25 1. parameter guaranteed by design. t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln |. 2. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc / 8 (per flip ? flop). c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0ns, c l = 50pf, v cc = 5.0v) symbol parameter t a = 25 c unit typ max v olp quiet output maximum dynamic v ol 1.2 1.6 v v olv quiet output minimum dynamic v ol ? 1.2 ? 1.6 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v timing requirements (input t r = t f = 3.0ns) symbol parameter test conditions t a = 25 c t a = ? 40 to 85 c unit typ limit limit t w minimum pulse width, cp v cc = 5.0 0.5 v 6.5 8.5 ns t su minimum setup time, d to cp v cc = 5.0 0.5 v 2.5 2.5 ns t h minimum hold time, d to cp v cc = 5.0 0.5 v 2.5 2.5 ns
mc74vhct374a http://onsemi.com 4 ordering information device package shipping ? mc74vhct374adwrg soic ? 20wb (pb ? free) 1000 / tape & reel mc74vhct374adtrg tssop ? 20* 2500 / tape & reel MC74VHCT374AMELG soeiaj ? 20 (pb ? free) 2000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free. figure 3. switching waveform 3v 1.5v 1.5v cp t plh t phl q t w 1/f max 1.5v 1.5v 1.5v oe q t pzl t plz t pzh t phz 3v high impedance v ol +0.3v v oh -0.3v high impedance 1.5v d cp 3v gnd gnd valid t h t su 1.5v q figure 4. switching waveform figure 5. switching waveform gnd v oh v ol gnd 3v
mc74vhct374a http://onsemi.com 5 figure 6. test circuit *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k  figure 7. test circuit figure 8. expanded logic diagram d0 3 dq c q0 2 d1 4 dq c q1 5 d2 7 dq c q2 6 d3 8 dq c q3 9 d4 13 dq c q4 12 d5 14 dq c q5 15 d6 17 dq c q6 16 d7 18 dq c q7 19 cp oe 11 1
mc74vhct374a http://onsemi.com 6 package dimensions 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition.  soic ? 20 wb dw suffix case 751d ? 05 issue g
mc74vhct374a http://onsemi.com 7 package dimensions tssop ? 20 case 948e ? 02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc74vhct374a http://onsemi.com 8 package dimensions soeiaj ? 20 m suffix case 967 ? 01 issue a dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.15 0.25 0.006 0.010 12.35 12.80 0.486 0.504 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.81 --- 0.032 a 1 h e q 1 l e  10  0  10  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). h e a 1 l e q 1  c a z d e 20 110 11 b m 0.13 (0.005) e 0.10 (0.004) view p detail p m l a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc74vhct374a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74VHCT374AMELG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X