Part Number Hot Search : 
LVA462A 875KAC14 LUY12D 1206R10J R5F64 BR5006 RBAQ20 HXTR6102
Product Description
Full Text Search
 

To Download IRG4PC50KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 IRG4PC50KD insulated gate bipolar transistor with ultrafast soft recovery diode features e g n-channel c v ces = 600v v ce(on) typ. = 1.84v @v ge = 15v, i c = 30a short circuit rated ultrafast igbt l short circuit rated ultrafast: optimized for high operating frequencies >5.0 khz, and short circuit rated to 10s @125c, v ge = 15v l generation 4 igbt design provides tighter parameter distribution and higher efficiency than generation 3 l igbt co-packaged with hexfred tm ultrafast, ultra-soft recovery anti-parallel diodes for use in bridge configurations l industry standard to-247ac package benefits l generation 4 igbts offer highest efficiencies available l hexfred diodes optimized for performance with igbts. minimized recovery characteristics require less/no snubbing l designed to be a "drop-in" replacement for equivalent industry-standard generation 3 ir igbts pd -91582b parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 52 i c @ t c = 100c continuous collector current 30 i cm pulsed collector current 104 a i lm clamped inductive load current 104 i f @ t c = 100c diode continuous forward current 25 i fm diode maximum forward current 280 t sc short circuit withstand time 10 s v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 200 p d @ t c = 100c maximum power dissipation 78 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw. 10 lbf?in (1.1 n?m) absolute maximum ratings w thermal resistance to-247ac parameter min. typ. max. units r q jc junction-to-case - igbt 0.64 r q jc junction-to-case - diode 0.83 c/w r q cs case-to-sink, flat, greased surface 0.24 r q ja junction-to-ambient, typical socket mount 40 wt weight 6 (0.21) g (oz) 12/3/98
IRG4PC50KD www.irf.com 2 parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage a a a a a 600 v v ge = 0v, i c = 250a d v (br)ces / d t j temperature coeff. of breakdown voltage 0.47 v/c v ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage 1.84 2.2 i c = 30a v ge = 15v 2.19 v i c = 52a see figures 2, 5 1.79 i c = 25a, t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a d v ge(th) / d t j temperature coeff. of threshold voltage -12 mv/c v ce = v ge , i c = 250a g fe forward transconductance ? ? ? ? ? 17 24 s v ce = 100v, i c = 30a i ces zero gate voltage collector current 250 a v ge = 0v, v ce = 600v 6500 v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop 1.3 1.7 v i c = 25a see figure 13 1.2 1.5 i c = 25a, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions q g total gate charge (turn-on) 200 300 i c = 30a q ge gate - emitter charge (turn-on) 25 38 nc v cc = 400v see figure 8 q gc gate - collector charge (turn-on) 85 127 v ge = 15v t d(on) turn-on delay time 63 t r rise time 49 t j = 25c t d(off) turn-off delay time 150 220 i c = 30a, v cc = 480v t f fall time 95 140 v ge = 15v, r g = 5.0 w e on turn-on switching loss 1.61 energy losses include "tail" e off turn-off switching loss 0.84 mj and diode reverse recovery e ts total switching loss 2.45 3.0see figures 9,10,18 t sc short circuit withstand time 10 s v cc = 360v, t j = 125c v ge = 15v, r g = 10 w , v cpk < 500v t d(on) turn-on delay time 61 t j = 150c, see figures 11,18 t r rise time 46 i c = 30a, v cc = 480v t d(off) turn-off delay time 310 v ge = 15v, r g = 5.0 w t f fall time 170 energy losses include "tail" e ts total switching loss 3.53 mj and diode reverse recovery l e internal emitter inductance 13 nh measured 5mm from package c ies input capacitance 3200 v ge = 0v c oes output capacitance 370 pf v cc = 30v see figure 7 c res reverse transfer capacitance 95 ? = 1.0mhz t rr diode reverse recovery time 50 75 ns t j = 25c see figure 105 160 t j = 125c 14 i f = 25a i rr diode peak reverse recovery current 4.5 10 a t j = 25c see figure 8.0 15 t j = 125c 15 v r = 200v q rr diode reverse recovery charge 112 375 nc t j = 25c see figure 420 1200 t j = 125c 16 di/dt 200a/s di (rec)m /dt diode peak rate of fall of recovery 250 a/s t j = 25c see figure during t b 160 t j = 125c 17 switching characteristics @ t j = 25c (unless otherwise specified) ns ns
IRG4PC50KD www.irf.com 3 0.1 1 10 100 0 5 10 15 20 25 30 35 f, frequency (khz) load current (a) fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) for both: duty cycle: 50% t = 125c t = 90c gate drive as specified sink j power dissipation = w 60% of rated voltage i ideal diodes square wave: 40 fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 1000 1 10 v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c v = 15v 20s pulse width ge t = 25 c j t = 150 c j 1 10 100 1000 5 6 7 8 9 10 11 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c v = 50v 5s pulse width cc t = 25 c j t = 150 c j 150c
IRG4PC50KD www.irf.com 4 fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 25 50 75 100 125 150 0 10 20 30 40 50 60 t , case temperature ( c) maximum dc collector current(a) c -60 -40 -20 0 20 40 60 80 100 120 140 160 1.0 2.0 3.0 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce v = 15v 80 us pulse width ge i = a 60 c i = a 30 c i = a 15 c 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectan g ular pulse duration ( sec ) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response)
IRG4PC50KD www.irf.com 5 -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 100 t , junction temperature ( c ) total switching losses (mj) j r = ohm v = 15v v = 480v g ge cc i = a 60 c i = a 30 c i = a 15 c 0 10 20 30 40 50 2.0 2.5 3.0 3.5 4.0 4.5 g(o) total switching losses (mj) v = 480v v = 15v t = 25 c i = 30a cc ge j c fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature r g , gate resistance ( w ) 5.0 w fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage 1 10 100 0 1000 2000 3000 4000 5000 v , collector-to-emitter voltage (v) c, capacitance (pf) ce v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies ge gc , ce res gc oes ce gc c res c oes c ies 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge v = 400v i = 30a cc c
IRG4PC50KD www.irf.com 6 fig. 14 - typical reverse recovery vs. di f /dt 20 40 60 80 100 120 140 100 1000 f di /dt - (a/s) t - (ns) rr i = 50a i = 25a i = 10a f f f v = 200v t = 125c t = 25c r j j 0 10 20 30 40 50 60 70 0 2 4 6 8 10 12 i , collector-to-emitter current (a) total switching losses (mj) c r = ohm t = 150 c v = 480v v = 15v g j cc ge 10 100 1000 1 10 100 1000 v = 20v t = 125 c ge j o safe operating area v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c fig. 11 - typical switching losses vs. collector-to-emitter current fig. 12 - turn-off soa fig. 13 - maximum forward voltage drop vs. instantaneous forward current 5.0 w 1 10 100 0.6 1.0 1.4 1.8 2.2 2.6 fm f instantaneous forward current - i (a) forward volta g e drop - v (v) t = 150c t = 125c t = 25c j j j
IRG4PC50KD www.irf.com 7 fig. 15 - typical recovery current vs. di f /dt fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt 0 300 600 900 1200 1500 100 1000 f di /dt - (a/s) rr q - (nc) i = 10a i = 25a i = 50a f f f v = 200v t = 125c t = 25c r j j 100 1000 10000 100 1000 f di /dt - (a/s) di(rec)m/dt - (a/s) i = 50a i = 25a i = 10a f f f v = 200v t = 125c t = 25c r j j 1 10 100 100 1000 f di /dt - (a/s) i - (a) irrm i = 10a i = 25a i = 50a f f f v = 200v t = 125c t = 25c r j j mechanical drawings, appendix a test circuit diagrams, appendix b switching loss waveforms, appendix c
IRG4PC50KD www.irf.com 8 same t y pe device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +v g 10% +v g 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery w aveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr vd ic dt vce ic dt ic dt t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% c i c e on e off ts on off e = (e +e ) v v ge
IRG4PC50KD www.irf.com 9 v g gate signal device under test current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v figure 19. clamped inductive load test circuit figure 20. pulsed collector current test circuit r l = 800v 4 x i c @25c 0 - 800v figure 18e. macro waveforms for figure 18a's test circuit
IRG4PC50KD www.irf.com 10 dim ensions in m illim eters and (inches) conforms to jedec outline to-247ac (to-3p) - d - 5.30 (.209) 4.70 (.185) 3.65 (.143) 3.55 (.140) 2.50 (.089) 1.50 (.059) 4 3x 0.80 (.031) 0.40 (.016) 2.60 (.102) 2.20 (.087) 3.40 (.133) 3.00 (.118) 3x 0.25 (.010) m c a s 4.30 (.170) 3.70 (.145) - c - 2x 5.50 (.217) 4.50 (.177) 5.50 (.217) 0.25 (.010) 1.40 (.056) 1.00 (.039) d m m b - a - 15.90 (.626) 15.30 (.602) - b - 1 2 3 20.30 (.800) 19.70 (.775) 14.80 (.583) 14.20 (.559) 2.40 (.094) 2.00 (.079) 2x 2x 5.45 (.215) * notes: 1 dimensions & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 dimensions are show n millimeters (inches). 4 co n fo r m s to jed e c o utline to -247ac. lead assignments 1 - gate 2 - collector 3 - em it ter 4 - collector * longer leaded (20mm) version available (to-247ad) to order add "-e" suffix to part number case outline ? to-247ac notes: ? repetitive rating: v ge =20v; pulse width limited by maximum junction temperature (figure 20) ? v cc =80%(v ces ) , v ge =20v, l=10h, r g = 5.0 w (figure 19) ? pulse width 80s; duty factor 0.1%. ? pulse width 5.0s, single shot. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 12/98


▲Up To Search▲   

 
Price & Availability of IRG4PC50KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X