Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download IQE48040A033V-001-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  206 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ disclaimer: us.tdk-lambda.com/lp/legal.htm iqe series features u standard quarter brick footprint u 18-36, 36-75vdc inputs u 3.3v 40a - 15v 10a nominal outputs u through hole mounting u low 10.41mm pro? le u 1500vdc basic isolation u high operating ef? ciency (>90%) u constant switching frequency u low component count 96 - 204w quarter brick converter model nominal output voltage vdc 3.3 5 12 15 input voltage range vdc see model selector input current (max) a 10 ef? ciency - typically 90% at full load output voltage tolerance vdc 3.2 - 3.4 4.85 - 5.15 11.58 - 12.42 14.48 - 15.52 ripple & noise (max)(pk to pk) (1) mv 150 150 150 150 line regulation (max) mv 10 15 30 30 load regulation (max) mv 10 30 30 30 overload protection (typ) % inception- 133-158% of rated output; short circuit - auto recovery overvoltage protection vdc 3.8 - 4.6 5.7 - 6.7 13.6 - 16.5 16.7 - 21 remote sense - yes remote on / off - positive or negative logic available, see model selector temperature (operating) c -40 to 125 temperature (storage) c -55 to 125 humidity (operating) - 20-95% rh non condensing humidity (storage) - 10-95% rh non condensing cooling - convection or forced air isolation voltage vdc 1500 vibration (non operating) - 5 to 50hz @ 0.5g (4.9m/s 2 ), and 50 to 500hz @ 1.5g (14.7m/s 2 ) per bellcore tr-eop-000063-5.4.4 shock - 196.1m/s 2 safety agency approvals - ul60950 (us and canada), vde0805 (iec60950), cb scheme (iec60950) weight (max) g 50 size mm 57.9 x 36.8 x 10.41 warranty - 3 years speci? cations notes: see website for detailed speci? cations (1) measured across one 22f and one 0.1f ceramic capacitor; bw = 20mhz key market segments & applications
207 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision a7: jan 2013 iqe series for additional information, please visit us.tdk-lambda.com/lp/products/iqe-series.htm other models available for volume opportunities. contact factory. pin function 1 vin (+) 2 on / off 3 vin (-) 4 vout (-) 5 sense (-) 6 trim 7 sense (+) 8 vout (+) pinout recommended footprint (top view) input output adjust max. max. output on/off pin model voltage (v) voltage (v) range (v) curr. (a) power (w) polarity length IQE48040A033V-001-R 36 - 75 3.3 2.97 - 3.63 40 132 neg 0.145 iqe24024a050v-001-r 18 - 36 5 4.5 - 5.5 24 120 neg 0.145 iqe48030a050v-001-r 36 - 75 5 4.5 - 5.5 30 150 neg 0.145 iqe24009a120v-001-r 18 - 36 12 10.8 - 13.2 9 108 neg 0.145 iqe4w011a120v-001-r 18 - 60 12 10.8 - 13.2 11 132 neg 0.145 iqe48017a120v-001-r 36 - 75 12 10.8 - 13.2 17 204 neg 0.145 iqe48010a150v-007-r 36 - 75 15 13.5 - 16.5 10 150 neg 0.180 model selector 3 2 1 87 6 5 4 preferred model


▲Up To Search▲   

 
Price & Availability of IQE48040A033V-001-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X