Part Number Hot Search : 
CB07E1L0 SMV0222A YT5166 MCP6286 MC100LV 80000 RGEF250 EF100
Product Description
Full Text Search
 

To Download GPAF801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 486 - .071(1.8) max .161(4.1) .146(3.7) .118(3.00) .124(3.16) .185(4.7) .173(4.4) .272(6.9) .248(6.3) .063(1.6) max .100(2.55) .543(13.8) .512(13.2) .100(2.55) .110(2.8) .098(2.5) .606(15.5) .583(14.8) .112(2.85) .100(2.55) .406(10.3) .390(9.90) .134(3.4)dia .113(3.0)dia 2 pin 1 pin 2 case positive GPAF801 thru gpaf807 isolation 8.0 amps. glass passivated rectifiers voltage range 50 to 1000 volts current 8.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: ito-220ac molded plastic epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 / 0.25?,(6.35mm) from case for 10 seconds. mounting torque: 5 in ? 1bs. max. weight: 2.24 grams ito-220ac dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol gpaf 801 gpaf 802 gpaf 803 gpaf 804 gpaf 805 gpaf 806 gpaf 807 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t c = 100 i (av) 8.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @8.0a v f 1.1 v maximum dc reverse current @ t c =25 at rated dc blocking voltage i r 5.0 ua typical junction capacitance ( note 1) cj 50 pf typical thermal resistance (note 2) r jc 5.0 /w operating and storage temperature range t j ,t stg - 65 to + 150 notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 2. thermal resistance from junction to case mounted on heatsink size 2? x 3? x 0.25? al-plate
- 487 - fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 25 0 50 75 125 100 150 175 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics instantaneous for ward current . (a) .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 0.4 0.2 1 4 2 10 20 40 100 200 400 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 .1 .4 .2 1.0 4 40 2 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance junction cap acitance.(pf) 0.1 0.5 1.0 4 10 40 100 1000 400 20 0 40 60 100 80 120 reverse voltage. (v) tj=25 c 0 f=10 mhz vsig 50mvp-p fig.1- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2.0 4.0 6.0 8.0 10 case temperature. ( c) o single phase half wave 60hz resistive of inductive load ratings and characteristic curves (GPAF801 thr gpaf807) u


▲Up To Search▲   

 
Price & Availability of GPAF801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X