zowie (200v~1000v / 3.0a) gp30dlh thru gp30mlh low vf rectifier diode low vf rectifier diode * halogen-free type * gprc (glass passivated rectifier chip) inside * glass passivated cavity-free junction * compliance to rohs product * low forward voltage drop * 3.0 ampere operation at t a =55 o c with no thermal runaway * plastic package has underwriters laboratory flammability classification 94v-0 features * general purpose rectification * surge absorption application bulk : * 500 pieces box * 24 boxes per (330x320x265mm) carton reel : * 1,250 pieces per reel * 4 reels per (340x340x330mm) carton packing case : do-201ad molded plastic terminals : tin plated, solderable per mil-std-750, method 2026. polarity : color band denotes cathode end weight : 1.12 grams mechanical data 2009/06 rev. 0 absolute maximum ratings (ta = 25 o c) v rrm gp30dlh 200 gp30glh 400 gp30jlh 600 GP30KLH 800 gp30mlh 1000 v i f(av) i fsm a t j t stg 140 -65 to +175 -65 to +175 item average forward current symbol unit peak forward surge current (8.3ms single half sine-wave) operating junction temperature range rating 3.0 repetitive peak reverse voltage storage temperature range o c electrical characteristics (ta = 25 o c) item symbol conditions min. typ. max. unit v f i f = 3.0a v forward voltage - 20 - r th(ja) junction to ambient * thermal resistance o c/w - 10 - r th(jl) junction to lead * pf - 40 - c j v r = 4v, f = 1.0 mhz junction capacitance ua - 0.08 5 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c * thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead lengths, p.c.b. mounted. uni t : mm case : do-201ad outline dimensions jedec : do-201ad 25.4 min. 25.4 min. 5.05 0.25 1.25 0.05 8.35 1.15 dia. dia. type - 0.87 0.90 gp30dlh gp30glh gp30jlh - 0.90 0.92 GP30KLH gp30mlh marking cathode mark zowie logo voltage class low vf gp 30dl standard series code amps class voltage class : d = 200v, g = 400v, j = 600v k = 800v, m = 1000v halogen-free type . i fsm = 140amp v f < 0.90v @if = 3a
zowie (200v~1000v/3.0a) gp30dlh thru gp30mlh 2009/06 rev. 0 fig.2 - maximum non-repetitive peak forward surge current 20 0 40 60 80 140 100 120 peak forward surge current, amperes 0 10 100 number of cycles at 60 hz fig.1 - forward current derating curve average forward rectified current, amperes 3.5 3.0 2.5 2.0 1.5 1.0 0 0 25 50 75 100 125 150 175 60hz resistive or inductive load ambient temperature, o c 0.375" (9.5mm) lead length fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes 0.10 1.0 10 0.01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 tj=25 o c pulse width=300us 1% duty cycle instantaneous forward voltage, volts 8.3ms single half sine-wave (jedec method) fig.5 - typical junction capacitance reverse voltage, volts .1 1 junction capacitance, pf 40 200 .2 .4 1.0 2 4 10 20 40 100 2 4 10 6 20 60 100 tj = 25 o c fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse leakage current, microamperes tj=150 o c tj=125 o c tj=25 o c 0.01 .001 0 20 0.10 1.0 10 100 40 60 80 100
|