Part Number Hot Search : 
ON0314 C5000 P23AN FM3116 22A120 AKD4394 3N190 A1S10
Product Description
Full Text Search
 

To Download ENA1010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ech8651r no. a1010-1/7 features ? low on-resistance ? built-in gate protection resistor ? 2.5v drive ? best suited for lib charging and discharging switch ? common-drain type ? halogen free compliance ? protection diode in speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 24 v gate-to-source voltage v gss 12 v drain current (dc) i d 10 a drain current (pulse) i dp pw 10 s, duty cycle 1% 60 a allowable power dissipation p d when mounted on ceramic substrate (900mm 2 0.8mm) 1unit 1.4 w total dissipation p t when mounted on ceramic substrate (900mm 2 0.8mm) 1.5 w channel temperature tch 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7011a-003 50912 tkim/40908pe tiim tc-00001313 sanyo semiconductors data sheet ech8651r n-channel silicon mosfet general-purpose switching device applications http:// semicon.sanyo.com/en/network product & package information ? package : ech8 ? jeita, jedec : - ? minimum packing quantity : 3,000 pcs./reel packing type : tl marking electrical connection ordering number : ENA1010A 8765 1234 1 : source1 2 : gate1 3 : source2 4 : gate2 5 : drain 6 : drain 7 : drain 8 : drain sanyo : ech8 1 4 85 0.15 0 to 0.02 0.25 0.25 2.8 2.3 0.65 2.9 0.3 0.9 0.07 top view bottom view tl wv lot no. ech8651r-tl-h
ech8651r no. a1010-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =1ma, v gs =0v 24 v zero-gate voltage drain current i dss v ds =20v, v gs =0v 1 a gate-to-source leakage current i gss v gs =8v, v ds =0v 10 a cutoff voltage v gs (off) v ds =10v, i d =1ma 0.5 1.3 v forward transfer admittance | yfs | v ds =10v, i d =5a 5.5 9.5 s static drain-to-source on-state resistance r ds (on)1 i d =5a, v gs =4.5v 7 10.5 14 m r ds (on)2 i d =5a, v gs =4.0v 7.2 11 15 m r ds (on)3 i d =5a, v gs =3.1v 7.5 12.5 17.5 m r ds (on)4 i d =2.5a, v gs =2.5v 9 15 21 m turn-on delay time t d (on) see speci ed test circuit. 300 ns rise time t r 1000 ns turn-off delay time t d (off) 4000 ns fall time t f 2500 ns total gate charge qg v ds =10v, v gs =10v, i d =10a 24 nc gate-to-source charge qgs 2nc gate-to-drain ?miller? charge qgd 4.5 nc diode forward voltage v sd i s =10a, v gs =0v 0.77 1.2 v switching time test circuit ordering information device package shipping memo ech8651r-tl-h ech8 3,000pcs./reel pb free and halogen free pw=10 s d.c. 1% p. g 50 g s d i d =5a r l =2 v dd =10v v out ech8651r v in 4.5v 0v v in r g r g =1k
ech8651r no. a1010-3/7 0 it13149 0 2 4 6 7 1 3 5 9 8 10 0 0.1 0.2 0.3 0.4 0.5 26 4810 0 5 10 15 20 30 25 35 40 v gs =1v 2.5v ta=25 c it13148 3.1v 4v 4.5v 1.5v i d =2.5a 5.0a gate-to-source voltage, v gs -- v r ds (on) -- v gs drain-to-source voltage, v ds -- v i d -- v ds drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- m 0.1 0.4 0.5 0.2 0.3 0.6 0.7 0.8 0.9 it13150 --50 0 50 100 150 200 0 5 15 10 20 25 30 it13151 it13152 0.001 0.01 7 5 3 2 0.1 7 5 3 2 2 1.0 7 5 3 2 1.0 2 3 10 7 5 0.1 57 23 1.0 2 ta= --25 c 75 c 25 c v ds =10v --25 c 25 c ta=75 c v gs =0v 10 57 3 10 7 5 3 v gs =3.1v, i d =5a v gs =2.5v, i d =2.5a v gs =4.0v, i d =5a v gs =4.5v, i d =5a ambient temperature, ta -- c r ds (on) -- ta drain current, i d -- a diode forward voltage, v sd -- v source current, i s -- a i s -- v sd static drain-to-source on-state resistance, r ds (on) -- m a s o drain-to-source voltage, v ds -- v drain current, i d -- a sw time -- i d v gs -- qg total gate charge, qg -- nc gate-to-source voltage, v gs -- v switching time, sw time -- ns drain current, i d -- a 2 100 2 1000 1000 7 5 3 7 5 3 0.1 2 1.0 357 it13295 v dd =10v v gs =4v t d (off) t d (on) t r t f 10 23 57 0 5 10 15 20 25 30 0 1.0 0.5 2.0 1.5 3.0 2.5 3.5 4.0 4.5 it13296 v ds =10v i d =10a it13390 2 2 3 5 7 0.1 2 3 5 7 1.0 0.01 0.01 0.1 57 23 2 1.0 57 32 10 57 33 25 operation in this area is limited by r ds (on). pw 10 s 100 s 100ms dc operation 10ms 1ms 2 3 5 7 3 2 5 7 10 100 i dp =60a i d =10a ta=25 c single pulse when mounted on ceramic substrate (900mm 2 ? 0.8mm) 1unit forward transfer admittance, | y fs | -- s | y fs | -- i d
ech8651r no. a1010-4/7 it13154 0 0 20 40 0.4 60 80 100 120 140 160 1.0 1.4 1.5 1.8 0.2 0.8 0.6 1.2 1.6 1unit ambient temperature, ta -- c p d -- ta allowable power dissipation, p d -- w total dissipation when mounted on ceramic substrate (900mm 2 ? 0.8mm)
ech8651r no. a1010-5/7 embossed taping speci cation ech8651r-tl-h
ech8651r no. a1010-6/7 outline drawing land pattern example ech8651r-tl-h mass (g) unit 0.02 * for reference mm unit: mm 0.4 0.6 2.8 0.65
ech8651r ps no. a1010-7/7 this catalog provides information as of may, 2012. speci cations and information herein are subject to change without notice. note on usage : since the ech8651r is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of ENA1010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X