Part Number Hot Search : 
JCS4N60C HT48R064 SS22A 11101 1N444 N2804 DFLT6V0A AN1061
Product Description
Full Text Search
 

To Download DUY57C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : mar 04, 2008 drawing no : sdsa 2172 v4 checked : shin chi p.1/5 part number: DUY57C 56.9mm (2.3?) single digit numeric display www.sunled.com part number emitting color emitting material luminous intensity (if=10ma) ucd wavelength nm p description min. typ. DUY57C yellow gaasp/gap 8000 26490 590 common cathode , rt.hand decimal absolute maximum ratings (t a =25c ) uy (gaasp/gap) unit reverse voltage per segment or ( dp) v r 20(10) v forward current per segment or ( dp) i f 30(30) ma forward current (peak) per segment or ( dp) 1/10duty cycle 0.1ms pulse width i fs 140(140) ma power dissipation per segment or ( dp) p t 300(150) mw operating temperature t a -40 ~ +85 storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3~ 5 seconds c uy (gaasp/gap) unit forward voltage (typ.) per segment or ( dp) (if=10ma) vf 7.8(3.9) v forward voltage (max.) per segment or ( dp) (if=10ma) vf 10(5.0) v reverse current per segment or (dp) (vr=20(10)v) ir 10(10) ua wavelength of peak emission (typ.) (if=10ma) p 590 nm wavelength of dominant emission (typ.) (if=10ma) d 588 nm spectral line full width at half-maximum (typ.) (if=10ma) ? 35 nm capacitance (typ.) (vf=0v, f=1mhz) c 20 pf operating characteristics (t a =25c ) features 2.3 inch digit height. low current operation. excellent character appearance. high light output. easy mounting on p.c. boards or sockets. multicolor available. mechanically rugged. standard: gray face, white segment. rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0. 01") unless otherwise noted. 3.specifications are subject to change without notice.
published date : mar 04, 2008 drawing no : sdsa 2172 v4 checked : shin chi p.2/5 part number: DUY57C 56.9mm (2.3?) single digit numeric display www.sunled.com ? uy
published date : mar 04, 2008 drawing no : sdsa 2172 v4 checked : shin chi p.3/5 part number: DUY57C 56.9mm (2.3?) single digit numeric display www.sunled.com
published date : mar 04, 2008 drawing no : sdsa 2172 v4 checked : shin chi p.4/5 part number: DUY57C 56.9mm (2.3?) single digit numeric display www.sunled.com remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 04, 2008 drawing no : sdsa 2172 v4 checked : shin chi p.5/5 part number: DUY57C 56.9mm (2.3?) single digit numeric display www.sunled.com packing & label specifications DUY57C


▲Up To Search▲   

 
Price & Availability of DUY57C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X