czt5401 surface mount pnp silicon transistor description: the central semiconductor czt5401 is a pnp silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. marking: full part number sot-223 case sot-223 case maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 160 v collector-emitter voltage v ceo 150 v emitter-base voltage v ebo 5.0 v continuous collector current i c 600 ma power dissipation p d 2.0 w operating and storage junction temperature t j, t stg -65 to +150 c thermal resistance ja 62.5 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =120v 50 na i cbo v cb =120v, t a =100c 50 a i ebo v eb =3.0v 50 na bv cbo i c =100a 160 v bv ceo i c =1.0ma 150 v bv ebo i e =10a 5.0 v v ce(sat) i c =10ma, i b =1.0ma 0.2 v v ce(sat) i c =50ma, i b =5.0ma 0.5 v v be(sat) i c =10ma, i b =1.0ma 1.0 v v be(sat) i c =50ma, i b =5.0ma 1.0 v h fe v ce =5.0v, i c =1.0ma 50 h fe v ce =5.0v, i c =10ma 60 240 h fe v ce =5.0v, i c =50ma 50 f t v ce =10v, i c =10ma, f=100mhz 100 300 mhz c ob v cb =10v, i e =0, f=1.0mhz 6.0 pf h fe v ce =10v, i c =1.0ma, f=1.0khz 40 200 n f v ce =5.0v, i c =250a, r s =1.0k, f=10hz to 15.7khz 8.0 db r6 (1-march 2010) www.centralsemi.com
czt5401 surface mount pnp silicon transistor lead code: 1) base 2) collector 3) emitter 4) collector marking: full part number sot-223 case - mechanical outline www.centralsemi.com r6 (1-march 2010)
|