Part Number Hot Search : 
P0080SB 1005F L51DC SPIC33 SKIIP2 PCD5096H LTD321 CR100
Product Description
Full Text Search
 

To Download BL93C46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shanghai belling corp., ltd BL93C46 1 BL93C46 1k bits (128 x 8 or 64 x 16) three-wire serial eeprom features three-w i re seri al interfac e v cc = 1.8v to 5.5v 2 mhz rate ( 5 v) compatibility self-timed write cy cle (5 ms max) 1 million write cy cles guaranteed data retention > 100 y ears 8-lead pdip, 8-lead jedec so ic and 8-lead tssop packages description t he BL93C46 provi des 10 24 bits of serial el ectricall y er asa b le pr ogramm a ble re ad on l y memor y (eep rom) orga nize d as 6 4 w o rds of 16 b i ts each, w h en the org pi n is conn ected to v cc an d 1 28 w o rds of 8 b i ts e a c h w h e n it is tied to gro und. t hebl93 c46 is av aila bl e in spac e-savi ng 8-le a d pdip, 8-lead t ssop and 8-lea d jedec soic packag e s. t he bl93 c46 is en abl ed throu gh the chi p select pin (cs), and a ccessed via a 3 - w i re serial i n terface consisti ng of data input (di), data output (do), and shift c l ock (sk). upon receivi ng a r e a d instructio n at di, the address i s dec od ed a n d the data is clo cked out seri all y on th e data o u tput pin do. t he w r it e cy cl e is complete l y sel f -timed and no separ ate eras e c y cle is req u ir ed bef ore w r ite . t he w r ite cy c l e i s onl y en ab led w hen it is in t he erase/w r ite enabl e st ate. w h en cs is brou g h t ?high? foll o w i ng the initi a tio n of a w r ite cy cle, the do pin out puts the ready /busy status. order information part num b er package shipping b l 9 3 c 4 6 - d i p p d i p 8 t u b e b l 9 3 c 4 6 - s o p s o p 8 tube  2500 pcs / t a pe & reel b l 9 3 c 4 6 - t s s o p t s s o p 8 tube  3000 pcs / t a pe & reel
shanghai belling corp., ltd BL93C46 2 pin descriptions block diagram
shanghai belling corp., ltd BL93C46 3 electrical characteristics
shanghai belling corp., ltd BL93C46 4 ac electrical characteristics
shanghai belling corp., ltd BL93C46 5 functional description t he bl93c4 6 is accesse d via a sim p le a nd versati l e th ree- w i r e seri al communic a tio n interfac e. device oper ation is co ntroll ed b y s e v en i n structions issue d b y th e host proc esso r. a valid instr u ction starts w i th a rising ed ge of cs and c onsis ts of a start bit (logic? 1?) foll o w e d b y th e ap propri a te o p co de a nd the de sired memory address location. re a d (re a d ) : t he read (read) instructio n contains the addr ess code for the memor y locati on to be read. after the instru ction a nd addr ess are dec od ed, data fr om the se lecte d m e mo r y l o catio n is ava ila ble at the serial o u tput pi n do. output d a ta chan ges ar e s y nc hron iz e d w i th the risin g edg es of serial clock sk. it sh ou l d be noted that a dummy bit (logic ?0?) precedes the 8- or 16-bit data output string. er a s e/write (ewen): t o assure data in tegrit y , the part autom atical l y goes into t he erase/w r ite disabl e (ew d s) state w h e n po w e r is first applie d. an erase/w r ite enab le(ewen) instructi on mu st be exec uted first before a n y pr ogrammi ng in structions can be carried o u t. please not e that once in the ew en state, progr ammin g r e mai n s en ab le d until a n ew d s instructio n is execute d or v cc p o w e r is re moved from th e part. er a s e (er a se): t he erase (erase) instruction programs all bi ts in the specified memor y location to the logic a l ? 1 ? state. t he self-timed eras e c y cle s t arts once the erase inst ruc t ion and addre ss are decoded. t he do pin outputs the read y / bu s y status of the part if cs is broug ht high afte r being ke pt lo w f o r a minim u m of 250 ns (t cs). a log i c ?1? at pin do in dic a tes that the se lecte d memor y locat i on has bee n er ased, a nd th e p a rt is ready for another instruction. write (wr i te): t he w r i t e (w rit e ) instruction contai ns the 8 or 16 bits of data to be w r itten into the specifi ed mem o r y l o catio n . t h e self-timed pr ogrammi ng c y c l e, twp, starts after the last bit of data is received at serial data i nput pi n di. t h e do pin outp u ts the read y/ bus y status of the part if cs i s brought hi gh after bei ng kept lo w for a minimum of 250 ns (t cs). a logic ?0? at do ind i cates th at progr ammin g is stil l i n pro g r e ss . a logic ?1? indi cates that the memor y loc a ti on at the specified ad dress ha s been w r itten w i t h the data patter n contai ne d in th e instructi on a nd the part is ready for further instructions . a read y / bu s y status c ann ot b e obtained if the cs is brought hi gh after the end of the selftim ed programming cy cle, t w p. er a s e a ll (er a l): t he erase all (eral) instructio n prog rams ever y bit in the memor y arra y to the l ogi c ?1? state and is pri m aril y use d for testing purp o se s. t he do pin outputs the re ad y/ bus y stat u s of the part if cs is
shanghai belling corp., ltd BL93C46 6 brou ght hig h af ter bein g kept lo w for a min i m u m of 250 ns (t cs). t he er al instructio n is valid on l y at vcc = 5.0v 10%. write a ll (wr a l): t he w r ite all (w ra l) instructi on p r ograms all m e mor y loc a tions w i t h the data p a tter n s specifi ed in th e instruction. t he do pin o u tp uts the rea d y / b us y status of the part if cs i s broug ht hig h after being kept low for a minimum of 250 ns (t cs). t he w r al instruction is valid only at vcc = 5.0v 10%. er a s e/write dis a bl e ( e wds): t o protect agai nst accid ental d a ta disturb, the er ase/w r ite di sabl e (ew d s) instruction disa bl es all progr amming mo d e s an d shoul d be execute d after all progr ammin g oper ations. t he op erati on of the re ad i n str u ction is in de p end ent of b o th the ew en an d ew ds instruc t ions and can be executed at any time. t i ming diagrams
shanghai belling corp., ltd BL93C46 7
shanghai belling corp., ltd BL93C46 8
shanghai belling corp., ltd BL93C46 9 package information 8-lead pdip outline dimensions millimeter symbol m i n n o m m a x a 3 . 6 0 3 . 8 0 4 . 0 0 a 2 3 . 1 0 3 . 3 0 3 . 5 0 b 0 . 4 4 - 0 . 5 3 b 1 1 . 5 2 b s c c 0 . 2 5 - 0 . 3 1 c 1 0 . 2 4 0 . 2 5 0 . 2 6 d 9 . 0 5 9 . 2 5 9 . 4 5 e 1 6 . 1 5 6 . 3 5 6 . 5 5 e 2 . 5 4 b s c ea 7 . 6 2 b s c l 3 . 0 0 - -
shanghai belling corp., ltd BL93C46 10 8-lead soic outline dim e nsions millimeter symbol m i n n o m m a x a - - 1 . 7 7 a 1 0 . 0 8 0 . 1 8 0 . 2 8 b 0 . 4 4 - 0 . 5 3 c 0 . 2 1 - 0 . 2 6 d 4 . 7 0 4 . 9 0 5 . 1 0 e 5 . 8 0 6 . 0 0 6 . 2 0 e 1 3 . 7 0 3 . 9 0 4 . 1 0 e 1 . 2 7 b s c 0 - 8
shanghai belling corp., ltd BL93C46 11 8-lead tssop outline dimensions millimeter symbol m i n n o m m a x a - - 1 . 2 0 a 1 0 . 0 5 - 0 . 1 5 a 2 0 . 9 0 1 . 0 0 1 . 0 5 a 3 0 . 3 4 0 . 4 4 0 . 5 4 b 0 . 2 0 - 0 . 2 8 b 1 0 . 2 0 0 . 2 2 0 . 2 4 c 0 . 1 0 - 0 . 1 9 c 1 0 . 1 0 0 . 1 3 0 . 1 5 d 2 . 8 3 2 . 9 3 3 . 0 3 e 6 . 2 0 6 . 4 0 6 . 6 0
shanghai belling corp., ltd BL93C46 12 e1 4.30 4.40 4.50 e 0.65bsc l 0.45 0.60 0.75 l1 1.00ref l2 0.25bsc r 0.09 - - r1 0.09 - - s 0.20 - - 1 0 - 8 2 10 12 14 3 10 12 14


▲Up To Search▲   

 
Price & Availability of BL93C46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X