Part Number Hot Search : 
CAT4004 T5551 2N6969 1N4686 E400BL2 90121 MMBT3906 3GZ41
Product Description
Full Text Search
 

To Download BAS285 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAS285 vishay semiconductors 1 (4) rev. 4, 12-feb-01 www.vishay.com document number 85501 small signal schottky barrier diode features  integrated protection ring against static discharge  very low forward voltage applications applications where a very low forward voltage is required 96 12009 order instruction type type differentiation ordering code remarks BAS285 v r = 30 v BAS285gs08 tape and reel absolute maximum ratings t j = 25  c parameter test conditions type symbol value unit reverse voltage v r 30 v peak forward surge current t p = 10 ms i fsm 5 a repetitive peak forward current t p 1 s i frm 300 ma forward current i f 200 ma average forward current i fav 200 ma junction temperature t j 125  c storage temperature range t stg 65...+150  c maximum thermal resistance t j = 25  c parameter test conditions symbol value unit junction ambient on pc board 50 mmx50 mmx1.6 mm r thja 320 k/w
BAS285 vishay semiconductors 2 (4) rev. 4, 12-feb-01 www.vishay.com document number 85501 electrical characteristics t j = 25  c parameter test conditions type symbol min typ max unit i f =0.1ma v f 240 mv i f =1ma v f 320 mv forward voltage i f =10ma v f 400 mv g i f =30ma v f 500 mv i f =100ma v f 800 mv reverse current v r =25 v, t p =300  s i r 2.3  a diode capacitance v r =1 v, f=1mhz c d 10 pf characteristics (t j = 25  c unless otherwise specified) 0 20 40 60 80 100 120 140 160 180 200 25 50 75 100 125 150 t j junction temperature ( 5 c ) 15822 v r = 30 v p reverse power dissipation ( mw ) r 540k/w p r limit @100%v r p r limit @80%v r r thja = figure 1. max. reverse power dissipation vs. junction temperature 1 10 100 1000 25 50 75 100 125 150 1 10 100 1000 25 50 75 100 125 150 t j junction temperature ( 5 c ) 15823 v r = v rrm  i reverse current ( a ) r figure 2. reverse current vs. junction temperature 0 0.5 1.0 1.5 i forward current ( a ) v f forward voltage ( v ) 15824 f t j =25 5 c t j = 150 5 c 0.1 1 10 100 1000 figure 3. forward current vs. forward voltage 0 1 2 3 4 5 6 7 8 9 10 0.1 1.0 10.0 100.0 v r reverse voltage ( v ) 15825 c diode capacitance ( pf ) d f=1mhz figure 4. diode capacitance vs. reverse voltage
BAS285 vishay semiconductors 3 (4) rev. 4, 12-feb-01 www.vishay.com document number 85501 dimensions in mm 96 12071
BAS285 vishay semiconductors 4 (4) rev. 4, 12-feb-01 www.vishay.com document number 85501 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishaysemiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of BAS285

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X