Part Number Hot Search : 
CY7C2 CXX0G KID6500 GB7017 24C16N CSR1004 MJ15024 HT68F03M
Product Description
Full Text Search
 

To Download 74HC4351 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation file under integrated circuits, ic06 december 1990 integrated circuits 74hc/hct4351 8-channel analog multiplexer/demultiplexer with latch for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 2 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 features wide analog input voltage range: 5 v low on resistance: 80 w (typ.) at v cc - v ee = 4.5 v 70 w (typ.) at v cc - v ee = 6.0 v 60 w (typ.) at v cc - v ee = 9.0 v logic level translation: to enable 5 v logic to communicate with 5 v analog signals typical break before make built in address latches provided output capability: non-standard i cc category: msi general description the 74hc/hct4351 are high-speed si-gate cmos devices. they are specified in compliance with jedec standard no. 7a. the 74hc/hct4351 are 8-channel analog multiplexers/demultiplexers with three select inputs (s 0 to s 2 ), two enable inputs ( e 1 and e 2 ), a latch enable input ( le), eight independent inputs/outputs (y 0 to y 7 ) and a common input/output (z). with e 1 low and e 2 is high, one of the eight switches is selected (low impedance on-state) by s 0 to s 2 . the data at the select inputs may be latched by using the active low latch enable input ( le). when le is high the latch is transparent. when either of the two enable inputs, e 1 (active low) and e 2 (active high), is inactive, all 8 analog switches are turned off. v cc and gnd are the supply voltage pins for the digital control inputs (s 0 to s 2 , le, e 1 and e 2 ). the v cc to gnd ranges are 2.0 to 10.0 v for hc and 4.5 to 5.5 v for hct. the analog inputs/outputs (y 0 to y 7 , and z) can swing between v cc as a positive limit and v ee as a negative limit. v cc - v ee may not exceed 10.0 v. for operation as a digital multiplexer/demultiplexer, v ee is connected to gnd (typically ground). quick reference data v ee = gnd = 0 v; t amb =25 c; t r =t f = 6 ns symbol parameter conditions typical unit hc hct t pzh / t pzl turn on time e 1 , e 2 or s n to v os c l = 15 pf; r l =1 k w ; v cc =5 v2735ns t phz / t plz turn off time e 1 , e 2 or s n to v os 21 23 ns c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per switch notes 1 and 2 25 25 pf c s max. switch capacitance independent (y) 5 5 pf common (z) 25 25 pf notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? {(c l + c s ) v cc 2 f o } where: f i = input frequency in mhz f o = output frequency in mhz c l = output load capacitance in pf c s = max. switch capacitance in pf ? {(c l + c s ) v cc 2 f o } = sum of outputs v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v ordering information see 74hc/hct/hcu/hcmos logic package information . www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 3 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 pin description pin no. symbol name and function 4 z common 3, 14 n.c. not connected 7 e 1 enable input (active low) 8e 2 enable input (active high) 9v ee negative supply voltage 10 gnd ground (0 v) 11 le latch enable input (active low) 15, 13, 12 s 0 to s 2 select inputs 17, 18, 19, 16, 1, 6, 2, 5 y 0 to y 7 independent inputs/outputs 20 v cc positive supply voltage fig.1 pin configuration. fig.2 fig.3 iec logic symbol. www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 4 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 function table notes 1. last selected channel on. 2. selected channels latched. 3. h = high voltage level l = low voltage level x = dont care = high-to-low le transition applications analog multiplexing and demultiplexing digital multiplexing and demultiplexing signal gating inputs channel on e 1 e 2 le s 2 s 1 s 0 h x x l x x x x x x x x none none l l l l h h h h h h h h l l l l l l h h l h l h y 0 y 1 y 2 y 3 l l l l h h h h h h h h h h h h l l h h l h l h y 4 y 5 y 6 y 7 l x h x l x x x x x x (1) (2) fig.4 functional diagram. fig.5 schematic diagram (one switch). www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 5 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 ratings limiting values in accordance with the absolute maximum system (iec 134) voltages are referenced to v ee = gnd (ground = 0 v) note to ratings 1. to avoid drawing v cc current out of terminal z, when switch current flows in terminals y n , the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into terminal z, no v cc current will flow out of terminals y n . in this case there is no limit for the voltage drop across the switch, but the voltages at y n and z may not exceed v cc or v ee . recommended operating conditions symbol parameter min. max. unit conditions v cc dc supply voltage - 0.5 +11.0 v i ik dc digital input diode current 20 ma for v i <- 0.5 v or v i > v cc + 0.5 v i sk dc switch diode current 20 ma for v s <- 0.5 v or v s > v cc + 0.5 v i s dc switch current 25 ma for - 0.5 v < v s < v cc + 0.5 v i ee dc v ee current 20 ma i cc; i gnd dc v cc or gnd current 50 ma t stg storage temperature range - 65 +150 c p tot power dissipation per package for temperature range: - 40 to +125 c 74hc/hct plastic dil 750 mw above +70 c: derate linearly with 12 mw/k plastic mini-pack (so) 500 mw above +70 c: derate linearly with 8 mw/k p s power dissipation per switch 100 mw symbol parameter 74hc 74hct unit conditions min. typ. max. min. typ. max. v cc dc supply voltage v cc - gnd 2.0 5.0 10.0 4.5 5.0 5.5 v see figs 6 and 7 v cc dc supply voltage v cc - v ee 2.0 5.0 10.0 2.0 5.0 10.0 v see figs 6 and 7 v i dc input voltage range gnd v cc gnd v cc v v s dc switch voltage range v ee v cc v ee v cc v t amb operating ambient temperature range - 40 +85 - 40 +85 c see dc and ac characteristics t amb operating ambient temperature range - 40 +125 - 40 +125 c t r , t f input rise and fall times 6.0 1000 500 400 250 6.0 500 ns v cc = 2.0 v v cc = 4.5 v v cc = 6.0 v v cc = 10.0 v www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 6 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 fig.6 guaranteed operating area as a function of the supply voltages for 74HC4351. handbook, halfpage 10 8 6 4 2 0 0246810 v cc - v ee (v) v cc - gnd (v) mba334 operating area fig.7 guaranteed operating area as a function of the supply voltages for 74hct4351. dc characteristics for 74hc/hct for 74hc: v cc - gnd or v cc - v ee = 2.0, 4.5, 6.0 and 9.0 v for 74hct: v cc - gnd = 4.5 and 5.5 v; v cc - v ee = 2.0, 4.5, 6.0 and 9.0 v notes to dc characteristics 1. at supply voltages (v cc - v ee ) approaching 2.0 v, the analog switch on-resistance becomes extremely non-linear. there it is recommended that these devices be used to transmit digital signals only, when using these supply voltages. 2. for test circuit measuring r on see fig.8. symbol parameter t amb ( c) unit test conditions 74hc/hct v cc (v) v ee (v) i s ( m a) v is v i +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. r on on resistance (rail) - 100 90 70 - 180 160 130 - 225 200 165 - 270 240 195 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v cc to v ee v in or v il r on on resistance (rail) 150 80 70 60 - 140 120 105 - 175 150 130 - 210 180 160 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v ee v ih or v il r on on resistance (rail) 150 90 80 65 - 160 140 120 - 200 175 150 - 240 210 180 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v cc v ih or v il d r on maximum d on resistance between any two channels - 9 8 6 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 v cc to v ee v ih or v il www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 7 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 dc characteristics for 74hc voltages are referenced to gnd (ground = 0 v) symbol parameter t amb ( c) unit test conditions 74hc v cc (v) v ee (v) v i other +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. v ih high level input voltage 1.5 3.15 4.2 6.3 1.2 2.4 3.2 4.7 1.5 3.15 4.2 6.3 1.5 3.15 4.2 6.3 v 2.0 4.5 6.0 9.0 v il low level input voltage 0.8 2.1 2.8 4.3 0.5 1.35 1.8 2.7 0.5 1.35 1.8 2.7 0.5 1.35 1.8 2.7 v 2.0 4.5 6.0 9.0 i i input leakage current 0.1 0.2 1.0 2.0 1.0 2.0 m a 6.0 10.0 0 0 v cc or gnd i s analog switch off-state current per channel 0.1 1.0 1.0 m a 10.0 0v ih or v il v s = v cc - v ee (see fig.10) i s analog switch off-state current all channels 0.4 4.0 4.0 m a 10.0 0v ih or v il v s = v cc - v ee (see fig.10) i s analog switch on-state current 0.4 4.0 4.0 m a 10.0 0v ih or v il v s = v cc - v ee (see fig.11) i cc quiescent supply current 8.0 16.0 80.0 160.0 160.0 320.0 m a 6.0 10.0 0 0 v cc or gnd v is =v ee or v cc ; v os =v cc or v ee www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 8 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) v ee (v) other +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. t phl / t plh propagation delay v is to v os 14 5 4 4 60 12 10 8 75 15 13 10 90 18 15 12 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l = ; c l = 50 pf (see fig.17) t pzh / t pzl turn on time e 1 to v os 85 31 25 28 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time e 2 to v os 85 31 25 25 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time le to v os 91 33 26 27 300 60 51 55 375 75 64 69 450 90 77 83 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time s n to v os 88 32 26 25 300 60 51 50 375 75 64 63 450 90 77 75 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time e 1 to v os 69 25 20 20 250 50 43 40 315 63 54 50 375 75 64 60 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time e 2 to v os 72 26 21 19 250 50 43 40 315 63 54 50 375 75 64 60 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time le to v os 83 30 24 26 275 55 47 45 345 69 59 56 415 83 71 68 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time s n to v os 80 29 23 24 275 55 47 48 345 69 59 60 415 83 71 72 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 9 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 t su set-up time s n to le 60 12 10 18 17 6 5 9 75 15 13 23 90 18 15 27 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w; c l = 50 pf (see fig.19) t h hold time s n to le 5 5 5 5 - 8 - 3 - 2 - 4 5 5 5 5 5 5 5 5 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w; c l = 50 pf (see fig.19) t w le minimum pulse width high 100 20 17 25 11 1 3 7 125 25 21 31 150 30 26 38 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w; c l = 50 pf (see fig.19) symbol parameter t amb ( c) unit test conditions 74hc v cc (v) v ee (v) other +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 10 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 dc characteristics for 74hct voltages are referenced to gnd (ground = 0) note to hct types 1. the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given here. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. symbol parameter t amb ( c) unit test conditions 74hct v cc (v) v ee (v) v i other +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.6 2.0 2.0 v 4.5 to 5.5 v il low level input voltage 1.2 0.8 0.8 0.8 v 4.5 to 5.5 i i input leakage current 0.1 1.0 1.0 m a 5.5 0 v cc or gnd i s analog switch off-state current per channel 0.1 1.0 1.0 m a 10.0 0v ih or v il v s = v cc - v ee (see fig.10) i s analog switch off-state current all channels 0.4 4.0 4.0 m a 10.0 0v ih or v il v s = v cc - v ee (see fig.10) i s analog switch on-state current 0.4 4.0 4.0 m a 10.0 0 v ih or v il v s = v cc - v ee (see fig.11) i cc quiescent supply current 8.0 16.0 80.0 160.0 160.0 320.0 m a 5.5 5.0 0 - 5.0 v cc or gnd v is =v ee or v cc ; v os =v cc or v ee d i cc additional quiescent supply current per input pin for unit load coef?cient is 1 (note 1) 100 360 450 490 m a 4.5 to 5.5 0 v cc - 2.1 v other inputs at v cc or gnd input unit load coefficient e 1 , e 2 s n le 0.50 0.50 1.5 www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 11 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 ac characteristics for 74hct gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hct v cc (v) v ee (v) other +25 - 40 to +85 - 40 to +125 min. typ. max. min. max. min. max. t phl / t plh propagation delay v is to v os 6 4 12 8 15 10 18 12 ns 4.5 4.5 0 - 4.5 r l = ; c l = 50 pf (see fig.17) t pzh / t pzl turn on time e 1 to v os 40 31 75 60 94 75 113 90 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time e 2 to v os 35 26 70 50 88 63 105 75 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time le to v os 42 37 75 60 94 75 113 90 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time s n to v os 39 30 75 60 94 75 113 90 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time e 1 to v os 27 20 55 40 69 50 83 60 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time e 2 to v os 32 26 60 50 75 63 90 75 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time le to v os 33 30 60 55 75 69 90 83 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t phz / t plz turn off time s n to v os 33 29 65 55 81 69 98 83 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.18) t su set-up time s n to le 12 14 6 7 15 18 18 21 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.19) t h hold time s n to le 5 5 - 1 - 2 5 5 5 5 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.19) t w le minimum pulse width high 25 25 13 13 31 31 38 38 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see fig.19) www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 12 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 fig.8 test circuit for measuring r on . fig.9 typical r on as a function of input voltage v is for v is = 0 to v cc - v ee . fig.10 test circuit for measuring off-state current. fig.11 test circuit for measuring on-state current. www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 13 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 additional ac characteristics for 74hc/hct recommended conditions and typical values gnd = 0 v; t amb =25 c notes to ac characteristics 1. adjust input voltage v is to 0 dbm level (0 dbm = 1 mw into 600 w ). 2. adjust input voltage v is to 0 dbm level at v os for 1 mhz (0 dbm = 1 mw into 50 w ). v is is the input voltage at a y n or z terminal, whichever is assigned as an input. v os is the output voltage at a y n or z terminal, whichever is assigned as an output. symbol parameter typ. unit v cc (v) v ee (v) v is(p - p) (v) conditions sine-wave distortion f = 1 khz 0.04 0.02 % % 2.25 4.5 - 2.25 - 4.5 4.0 8.0 r l = 10 k w ; c l = 50 pf (see fig.14) sine-wave distortion f = 10 khz 0.12 0.06 % % 2.25 4.5 - 2.25 - 4.5 4.0 8.0 r l = 10 k w ; c l = 50 pf (see fig.14) switch off signal feed-through - 50 - 50 db db 2.25 4.5 - 2.25 - 4.5 note 1 r l = 600 w ; c l = 50 pf (see figs 12 and 15) v (p - p) crosstalk voltage between control and any switch (peak-to-peak value) 120 220 mv mv 4.5 4.5 0 - 4.5 r l = 600 w ; c l = 50 pf; f = 1 mhz ( e 1 , e 2 or s n , square-wave between v cc and gnd, t r =t f = 6 ns) (see fig.16) f max minimum frequency response ( - 3db) 160 170 mhz mhz 2.25 4.5 - 2.25 - 4.5 note 2 r l =50 w ; c l = 10 pf (see figs 13 and 14) c s maximum switch capacitance independent (y) common (z) 5 25 pf pf fig.12 typical switch off signal feed-through as a function of frequency. test conditions: v cc = 4.5 v; gnd = 0 v; v ee = - 4.5 v; r l =50 w ; r source =1 k w . www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 14 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 fig.13 typical frequency response. test conditions: v cc = 4.5 v; gnd = 0 v; v ee = - 4.5 v; r l =50 w ; r source =1 k w . fig.14 test circuit for measuring sine-wave distortion and minimum frequency response. fig.15 test circuit for measuring switch off signal feed-through. fig.16 test circuit for measuring crosstalk between control and any switch. the crosstalk is defined as follows (oscilloscope output): www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 15 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 ac waveforms fig.17 waveforms showing the input (v is ) to output (v os ) propagation delays. fig.18 waveforms showing the turn-on and turn-off times. hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. fig.19 waveforms showing the set-up and hold times from s n inputs to le input, and minimum pulse width of le. hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 16 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 test circuit and waveforms fig.20 test circuit for measuring ac performance. conditions test switch v is t pzh v ee v cc t pzl v cc v ee t phz v ee v cc t plz v cc v ee others open pulse family amplitude v m t r ; t f f max ; pulse width other 74hc v cc 50% < 2 ns 6 ns 74hct 3.0 v 1.3 v < 2 ns 6 ns c l = load capacitance including jig and probe capacitance (see ac characteristics for values). r t = termination resistance should be equal to the output impedance z o of the pulse generator. t r =t f = 6 ns; when measuring f max , there is no constraint on t r , t f with 50% duty factor. conditions test switch v is t pzh v ee v cc t pzl v cc v ee t phz v ee v cc t plz v cc v ee others open pulse family amplitude v m t r ; t f f max ; pulse width other 74hc v cc 50% < 2 ns 6 ns 74hct 3.0 v 1.3 v < 2 ns 6 ns c l = load capacitance including jig and probe capacitance (see ac characteristics for values). r t = termination resistance should be equal to the output impedance z o of the pulse generator. t r =t f = 6 ns; when measuring f max , there is no constraint on t r , t f with 50% duty factor. fig.21 input pulse definitions. www.datasheet.net/ datasheet pdf - http://www..co.kr/
december 1990 17 philips semiconductors product speci?cation 8-channel analog multiplexer/demultiplexer with latch 74hc/hct4351 package outlines see 74hc/hct/hcu/hcmos logic package outlines . www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of 74HC4351

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X