Part Number Hot Search : 
MG1002 ML6673 1N540 L1501 H1563P LVCZ16 H1563P B1093
Product Description
Full Text Search
 

To Download 2SC2983 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2983 2002-07-23 1 toshiba transistor silicon npn epitaxial type (pct process) 2SC2983 power amplifier applications driver stage amplifier applications  high transition frequency: f t = 100 mhz (typ.)  complementary to 2sa1225 maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo 160 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 5 v collector current i c 1.5 a base current i b 0.3 a ta = 25c 1.0 collector power dissipation tc = 25c p c 15 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c unit: mm jedec D jeita D toshiba 2-7b1a weight: 0.36 g (typ.) jedec D jeita D toshiba 2-7j1a weight: 0.36 g (typ.)
2SC2983 2002-07-23 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb = 160 v, i e = 0 D D 1.0 a emitter cut-off current i ebo v eb = 5 v, i c = 0 D D 1.0 a collector-emitter breakdown voltage v (br) ceo i c = 10 a, i b = 0 160 D D v emitter-base breakdown voltage v (br) ebo i e = 1 ma, i c = 0 5 D D v dc current gain h fe (note) v ce = 5 v, i c = 100 ma 70 D 240 collector emitter saturation voltage v ce (sat) i c = 500 ma, i b = 50 ma D D 1.5 v base-emitter voltage v be v ce = 5 v, i c = 500 ma D D 1.0 v transition frequency f t v ce = 10 v, i c = 100 ma D 100 D mhz collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz D 25 D pf note: h fe classification o: 70 to 140, y: 120 to 240 marking explanation of lot no. month of manufacture: january to december are denoted by letters a to l respectively. year of manufacture: last decimal digit of the year of manufacture c2983 product no. lot no. h fe classification
2SC2983 2002-07-23 3 safe operating area v ce (sat) ? i c f t ? i c i c ? v ce h fe ? i c collector power dissipation p c (w) transition frequency f t (mhz) collector-emitter voltage v ce (v) collector current i c (a) collector current i c (a) dc current gain h fe collector current i c (ma) collector-emitter saturation voltage v ce (sat) (v) collector current i c (ma) ambient temperature ta (c) collector current i c (a) collector-emitter voltage v ce (v) p c ? ta common emitter v ce = 5 v 10 0.003 30 50 100 300 500 0.01 0.03 0.1 0.3 1 tc = 100c ? 25 25 common emitter tc = 25c 0 0 1.0 0.2 0.4 0.6 0.8 2 4 6 8 10 12 14 1.2 i b = 2 ma 6 8 12 20 4 0 0.003 0.02 0.01 0.03 0.1 0.3 1 0.05 0.1 0.3 0.5 1 common emitter i c /i b = 10 tc = 100c ? 25 25 common emitter v ce = 10 v tc = 2 5 c 10 ? 5 ? 10 ? 30 ? 100 ? 300 ? 1000 30 50 100 300 (1) tc = ta infinite heat sink (2) ceramic substrate 50 50 0.8 mm (3) no heat sink 0 0 24 20 40 60 80 100 120 140 160 4 8 12 16 20 (1) (2) (3) 1 i c max (continuous) i c max (pulsed)* dc operation tc = 25c v ceo max 100 300 30 3 10 0.01 0.03 0.05 0.1 0.3 0.5 1 3 5 1 ms* 10 ms *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature.
2SC2983 2002-07-23 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC2983

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X