Part Number Hot Search : 
LSZ51A LSZ51A 1N5629 27C256 LSZ51A P6KE200C SMBJ58A ZTX650
Product Description
Full Text Search
 

To Download 2N4910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2N4910 2n4911 2n4912 description with to-66 package low collector saturation voltage excellent safe operating area 2n4912 complement to type 2n4900 applications designed for driver circuits,switching and amplifier applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit 2N4910 40 2n4911 60 v cbo collector-base voltage 2n4912 open emitter 80 v 2N4910 40 2n4911 60 v ceo collector-emitter voltage 2n4912 open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 1.0 a i b base current 1.0 a p d total power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 7.0 /w fig.1 simplified outline (to-66) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2N4910 2n4911 2n4912 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2N4910 40 2n4911 60 v ceo(sus) collector-emitter sustaining voltage 2n4912 i c =0.1a ;i b =0 80 v v cesat collector-emitter saturation voltage i c =1a; i b =0.1a 0.6 v v besat base-emitter saturation voltage i c =1a ;i b =0.1a 1.3 v v be base-emitter on voltage i c =1a ; v ce =1v 1.3 v 2N4910 v ce =20v; i b =0 2n4911 v ce =30v; i b =0 i ceo collector cut-off current 2n4912 v ce =40v; i b =0 0.5 ma i cex collector cut-off current v ce =rated v ceo ; v be(off) =1.5v t c =150 0.1 1.0 ma i cbo collector cut-off current v cb =rated v cbo ; i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 1.0 ma h fe-1 dc current gain i c =50ma ; v ce =1v 40 h fe-2 dc current gain i c =500ma ; v ce =1v 20 100 h fe-3 dc current gain i c =1.0a ; v ce =1v 10 c ob output capacitance i e =0;v cb =10v;f=1mhz 100 pf f t transition frequency i c =250ma;v ce =10v;f=1mhz 3.0 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2N4910 2n4911 2n4912 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N4910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X