phoenix contact inc., usa page 1 / 3 http://www.phoenixcon.com feb 25, 2010 extract from the online catalog ? hc-b 6-sml/1pg16 order no.: 1771150 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771150 ? ? box mounting base, with single locking latch, height 52 mm, with screw connection, 1x pg16 ? commercial data ean 4017918035891 pack 10 pcs. customs tariff 85389099 weight/piece 0.2388 kg catalog page information page 481 (pc-2009) product notes weee/rohs-compliant since: 03/01/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data design b6 height 52 mm width 52 mm length 84 mm housing type box mounting bases
hc-b 6-sml/1pg16 order no.: 1771150 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771150 phoenix contact inc., usa page 2 / 3 http://www.phoenixcon.com feb 25, 2010 locking type with single locking latch type of the screw connection 1x pg16 pg screw connection with wrench size, union nut 22 mm cable exit conductor exit direction to the left (looking into the open single locking latch) external cable diameter 7.5 mm ... 15 mm degree of protection ip65 ambient temperature (operation) -40 c ... 125 c housing material aluminum, die-cast housing surface material powder-coated, gray seal material nbr cable gland material nickel-plated brass cable seal material nbr locking latch material high-grade steel, handle: pa-gf material grip body interlock pa-gf certificates / approvals certification gost diagrams/drawings dimensioned drawing
hc-b 6-sml/1pg16 order no.: 1771150 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1771150 phoenix contact inc., usa page 3 / 3 http://www.phoenixcon.com feb 25, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;
|