Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download 0877156113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0877156113 status: planned for obsolescence description: 1.00mm (.039") pitch, pci express* connector, 64 circuits, nylon 6/6 glass-filled, white housing, phosphor bronze, gold (au) flash, with plastic pegs, 3.00mm (.118") soldertail, lead free documents: 3d model product specification ps-87715-200 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family edge card connectors series 87715 comments pci 4 lanes component type edgecard to pcb product name pci express* physical circuits (loaded) 64 circuits (maximum) 64 circuits detail all signal durability (mating cycles max) 50 entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - plating mating gold material - plating termination tin pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 1.00 mm polarized to mating part yes temperature range - operating -55c to +85c termination interface: style through hole electrical current - maximum per contact 1.1a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers packaging specification pk-87715-207 product specification ps-87715-200 sales drawing sd-87715-207 test summary ts-87715-207 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87715 series
* pci express is a registered trademark of pci-sig? this document was generated on 05/25/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0877156113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X