Part Number Hot Search : 
RPM42BD CDRH2D11 033104 IS93C46D IRF73 E1215 PIC18F4 BF992
Product Description
Full Text Search
 

To Download 0395224007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/12/2010 please check www.molex.com for latest part information part number: 0395224007 status: active description: 5.00mm (.197") pitch eurostyle? horizontal pcb header, surface mount compatible, 7 circuits documents: 3d model product specification ps-39500-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 39522 application wire-to-board component type pcb header product literature order no usa-355 product name ese, eurostyle?pluggable type euro block physical circuits (loaded) 7 entry angle n/a lock to mating part yes number of rows 1 orientation horizontal pc tail length (in) 0.154 in pc tail length (mm) 3.90 mm pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.20 mm panel mount no pitch - mating interface (in) 0.197 in pitch - mating interface (mm) 5.00 mm polarized to mating part yes shrouded closed ends stackable no surface mount compatible (smc) yes temperature range - operating -40c to +140c wire size awg n/a electrical current - maximum per contact 15a voltage - maximum 300v material info reference - drawing numbers product specification ps-39500-001 sales drawing sd-39501-002, sd-39522-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39522 series mates with 39520 horizontal plug, 39523 vertical plug, most 5.00mm (.197") pitch industry standard plugs this document was generated on 04/12/2010 please check www.molex.com for latest part information


material numbers black green 100% tin 30 u" gold 100% tin 30 u" gold dimensional information printing options printing options printing options printing options dim. a dim b description circuit size none 10a 11a none 10a 11a none 10a 11a none 10a 11a mm inch mm inch 5.0mm, euro header, right angle, high temp 2 395224002 395224102 395224202 395224502 395224602 395224702 395229002 395229102 395229202 395229502 395229602 395229702 12.00 0 .472 5.00 0.197 5.0mm, euro header, right angle, high temp 3 395224003 395224103 395224203 395224503 395224603 395224703 395229003 395229103 395229203 395229503 395229603 395229703 17.00 0 .669 10.00 0.394 5.0mm, euro header, right angle, high temp 4 395224004 395224104 395224204 395224504 395224604 395224704 395229004 395229104 395229204 395229504 395229604 395229704 22.00 0 .866 15.00 0.591 5.0mm, euro header, right angle, high temp 5 395224005 395224105 395224205 395224505 395224605 395224705 395229005 395229105 395229205 395229505 395229605 395229705 27.00 1 .063 20.00 0.787 5.0mm, euro header, right angle, high temp 6 395224006 395224106 395224206 395224506 395224606 395224706 395229006 395229106 395229206 395229506 395229606 395229706 32.00 1 .260 25.00 0.984 5.0mm, euro header, right angle, high temp 7 395224007 395224107 395224207 395224507 395224607 395224707 395229007 395229107 395229207 395229507 395229607 395229707 37.00 1 .457 30.00 1.181 5.0mm, euro header, right angle, high temp 8 395224008 395224108 395224208 395224508 395224608 395224708 395229008 395229108 395229208 395229508 395229608 395229708 42.00 1 .654 35.00 1.378 5.0mm, euro header, right angle, high temp 9 395224009 395224109 395224209 395224509 395224609 395224709 395229009 395229109 395229209 395229509 395229609 395229709 47.00 1 .850 40.00 1.575 5.0mm, euro header, right angle, high temp 10 395224010 395224110 395224210 395224510 395224610 395224710 395229010 395229110 395229210 395229510 395229610 395229710 52.00 2 .047 45.00 1.772 5.0mm, euro header, right angle, high temp 11 395224011 395224111 395224211 395224511 395224611 395224711 395229011 395229111 395229211 395229511 395229611 395229711 57.00 2 .244 50.00 1.969 5.0mm, euro header, right angle, high temp 12 395224012 395224112 395224212 395224512 395224612 395224712 395229012 395229112 395229212 395229512 395229612 395229712 62.00 2 .441 55.00 2.165 5.0mm, euro header, right angle, high temp 13 395224013 395224113 395224213 395224513 395224613 395224713 395229013 395229113 395229213 395229513 395229613 395229713 67.00 2 .638 60.00 2.362 5.0mm, euro header, right angle, high temp 14 395224014 395224114 395224214 395224514 395224614 395224714 395229014 395229114 395229214 395229514 395229614 395229714 72.00 2 .835 65.00 2.559 5.0mm, euro header, right angle, high temp 15 395224015 395224115 395224215 395224515 395224615 395224715 395229015 395229115 395229215 395229515 395229615 395229715 77.00 3 .031 70.00 2.756 5.0mm, euro header, right angle, high temp 16 395224016 395224116 395224216 395224516 395224616 395224716 395229016 395229116 395229216 395229516 395229616 395229716 82.00 3 .228 75.00 2.953 5.0mm, euro header, right angle, high temp 17 395224017 395224117 395224217 395224517 395224617 395224717 395229017 395229117 395229217 395229517 395229617 395229717 87.00 3 .425 80.00 3.150 5.0mm, euro header, right angle, high temp 18 395224018 395224118 395224218 395224518 395224618 395224718 395229018 395229118 395229218 395229518 395229618 395229718 92.00 3 .622 85.00 3.346 5.0mm, euro header, right angle, high temp 19 395224019 395224119 395224219 395224519 395224619 395224719 395229019 395229119 395229219 395229519 395229619 395229719 97.00 3 .819 90.00 3.543 5.0mm, euro header, right angle, high temp 20 395224020 395224120 395224220 395224520 395224620 395224720 395229020 395229120 395229220 395229520 395229620 395229720 102.00 4.016 95.00 3.740 5.0mm, euro header, right angle, high temp 21 395224021 395224121 395224221 395224521 395224621 395224721 395229021 395229121 395229221 395229521 395229621 395229721 107.00 4.213 100.00 3.937 5.0mm, euro header, right angle, high temp 22 395224022 395224122 395224222 395224522 395224622 395224722 395229022 395229122 395229222 395229522 395229622 395229722 112.00 4.409 105.00 4.134 5.0mm, euro header, right angle, high temp 23 395224023 395224123 395224223 395224523 395224623 395224723 395229023 395229123 395229223 395229523 395229623 395229723 117.00 4.606 110.00 4.331 5.0mm, euro header, right angle, high temp 24 395224024 395224124 395224224 395224524 395224624 395224724 395229024 395229124 395229224 395229524 395229624 395229724 122.00 4.803 115.00 4.528


▲Up To Search▲   

 
Price & Availability of 0395224007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X