this document was generated on 04/23/2010 please check www.molex.com for latest part information part number: 0395221012 status: active description: 5.00mm (.197") pitch eurostyle? horizontal pcb header, 12 circuits documents: 3d model product specification ps-39500-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 39522 application wire-to-board component type pcb header product literature order no usa-355 product name ese, eurostyle?pluggable type euro block physical circuits (loaded) 12 entry angle n/a lock to mating part yes number of rows 1 orientation horizontal pc tail length (in) 0.154 in pc tail length (mm) 3.90 mm pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.20 mm panel mount no pitch - mating interface (in) 0.197 in pitch - mating interface (mm) 5.00 mm polarized to mating part yes shrouded closed ends stackable no temperature range - operating -40c to +105c wire size awg n/a electrical current - maximum per contact 15a voltage - maximum 300v material info reference - drawing numbers product specification ps-39500-001 sales drawing sd-39501-002, sd-39522-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39522 series mates with 39520 horizontal plug, 39523 vertical plug, most 5.00mm (.197") pitch industry standard plugs this document was generated on 04/23/2010 please check www.molex.com for latest part information
material numbers black green 100% tin 30 u" gold 100% tin 30 u" gold dimensional information printing options printing options printing options printing options dim. a dim b description circuit size none 10a 11a none 10a 11a none 10a 11a none 10a 11a mm inch mm inch 5.0mm, euro header, right angle 2 395221002 395221102 395221202 395221502 395221602 395221702 395226002 395226102 395226202 395226502 395226602 395226702 12.00 0 .472 5.00 0.197 5.0mm, euro header, right angle 3 395221003 395221103 395221203 395221503 395221603 395221703 395226003 395226103 395226203 395226503 395226603 395226703 17.00 0 .669 10.00 0.394 5.0mm, euro header, right angle 4 395221004 395221104 395221204 395221504 395221604 395221704 395226004 395226104 395226204 395226504 395226604 395226704 22.00 0 .866 15.00 0.591 5.0mm, euro header, right angle 5 395221005 395221105 395221205 395221505 395221605 395221705 395226005 395226105 395226205 395226505 395226605 395226705 27.00 1 .063 20.00 0.787 5.0mm, euro header, right angle 6 395221006 395221106 395221206 395221506 395221606 395221706 395226006 395226106 395226206 395226506 395226606 395226706 32.00 1 .260 25.00 0.984 5.0mm, euro header, right angle 7 395221007 395221107 395221207 395221507 395221607 395221707 395226007 395226107 395226207 395226507 395226607 395226707 37.00 1 .457 30.00 1.181 5.0mm, euro header, right angle 8 395221008 395221108 395221208 395221508 395221608 395221708 395226008 395226108 395226208 395226508 395226608 395226708 42.00 1 .654 35.00 1.378 5.0mm, euro header, right angle 9 395221009 395221109 395221209 395221509 395221609 395221709 395226009 395226109 395226209 395226509 395226609 395226709 47.00 1 .850 40.00 1.575 5.0mm, euro header, right angle 10 395221010 395221110 395221210 395221510 395221610 395221710 395226010 395226110 395226210 395226510 395226610 395226710 52.00 2 .047 45.00 1.772 5.0mm, euro header, right angle 11 395221011 395221111 395221211 395221511 395221611 395221711 395226011 395226111 395226211 395226511 395226611 395226711 57.00 2 .244 50.00 1.969 5.0mm, euro header, right angle 12 395221012 395221112 395221212 395221512 395221612 395221712 395226012 395226112 395226212 395226512 395226612 395226712 62.00 2 .441 55.00 2.165 5.0mm, euro header, right angle 13 395221013 395221113 395221213 395221513 395221613 395221713 395226013 395226113 395226213 395226513 395226613 395226713 67.00 2 .638 60.00 2.362 5.0mm, euro header, right angle 14 395221014 395221114 395221214 395221514 395221614 395221714 395226014 395226114 395226214 395226514 395226614 395226714 72.00 2 .835 65.00 2.559 5.0mm, euro header, right angle 15 395221015 395221115 395221215 395221515 395221615 395221715 395226015 395226115 395226215 395226515 395226615 395226715 77.00 3 .031 70.00 2.756 5.0mm, euro header, right angle 16 395221016 395221116 395221216 395221516 395221616 395221716 395226016 395226116 395226216 395226516 395226616 395226716 82.00 3 .228 75.00 2.953 5.0mm, euro header, right angle 17 395221017 395221117 395221217 395221517 395221617 395221717 395226017 395226117 395226217 395226517 395226617 395226717 87.00 3 .425 80.00 3.150 5.0mm, euro header, right angle 18 395221018 395221118 395221218 395221518 395221618 395221718 395226018 395226118 395226218 395226518 395226618 395226718 92.00 3 .622 85.00 3.346 5.0mm, euro header, right angle 19 395221019 395221119 395221219 395221519 395221619 395221719 395226019 395226119 395226219 395226519 395226619 395226719 97.00 3 .819 90.00 3.543 5.0mm, euro header, right angle 20 395221020 395221120 395221220 395221520 395221620 395221720 395226020 395226120 395226220 395226520 395226620 395226720 102.00 4.016 95.00 3.740 5.0mm, euro header, right angle 21 395221021 395221121 395221221 395221521 395221621 395221721 395226021 395226121 395226221 395226521 395226621 395226721 107.00 4.213 100.00 3.937 5.0mm, euro header, right angle 22 395221022 395221122 395221222 395221522 395221622 395221722 395226022 395226122 395226222 395226522 395226622 395226722 112.00 4.409 105.00 4.134 5.0mm, euro header, right angle 23 395221023 395221123 395221223 395221523 395221623 395221723 395226023 395226123 395226223 395226523 395226623 395226723 117.00 4.606 110.00 4.331 5.0mm, euro header, right angle 24 395221024 395221124 395221224 395221524 395221624 395221724 395226024 395226124 395226224 395226524 395226624 395226724 122.00 4.803 115.00 4.528
|