Part Number Hot Search : 
KRA316E ASI10715 A1108 ZL30415 T28C64B 00030 D0200YR UN222
Product Description
Full Text Search
 

To Download 0225360000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular fuse terminals - 1 - general ordering data order no. 0225360000 part designation ask1ld-48a version fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 ean 4008190136277 qty. 25 pc(s). product notes note, technical data note: max. conductor size = 2.5 mm2 when using the cross-connection. twin wire-end ferrules zh 0.5 - zh 2.5 can be used. additional technical data colour of insulating material beige connection direction on side end plate required yes installation advice ts 35 + ts 32 insulating material pa 66 levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 100 c product family sak series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v2 version fuse terminal csa rating data min. cross-section (csa) awg 26 max. cross-section (csa) awg 12 conductors for clamping (rated connection) clamping range, min. 0.13 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 9 mm clamping screw m 3 blade size 0.6 x 3.5 mm tightening torque range 0.6...0.8 nm torque level with dms electric screwdriver 2 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 flexible, min. 0.5 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular fuse terminals - 2 - conductors for clamping (rated connection) flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 4 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 4 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 1.5 mm2 awg conductor size, min. awg 26 awg conductor size, max. awg 12 awg conductor size, min. 0.13 mm2 awg conductor size, max. 3.31 mm2 dimensions width 8.1 mm height of lowest version 43 mm length 58 mm ts 32 offset 10.5 mm ts 35 offset 8.5 mm disconnect terminals torque level with dms electric screwdriver 2 display element operating voltage for display, max. 48 v type of voltage for indicator ac fuse terminals cartridge fuse g-si. 5 x 20 display led fuse holder (cartridge holder) pivoting operating voltage, max. 48 v type of voltage for indicator ac rating data rated cross-section 4 mm2 rated voltage 500 v rated impulse voltage 6 kv rated current 6.3 a current with max. conductor 6.3 a pollution severity 3 ul rating data min. cross-section (ul) awg 22 max. cross-section (ul) awg 12
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular fuse terminals - 3 - approvals approvals institutes classifications etim 2.0 ec000899 etim 3.0 ec000899 eclass 4.1 27-14-11-16 eclass 5.0 27-14-11-16 eclass 5.1 27-14-11-16 similar products order no. part designation version 0474560000 ask 1/en fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 8148930000 kdks1/en ld 24 vac fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0222860000 ask 1/en ld 1d 24vac fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0222760000 ask 1/en ld 15k 24vdc fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0225260000 ask 1/en ld 27k 48vdc fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0226460000 ask1ld-60d fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0225560000 ask 1/en ld 1d 115vac fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0225460000 ask 1/en ld 56k 115vdc fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0225660000 ask 1/en ld 120k 230vdc fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 8146450000 kdks1/en ld 24vdc fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 8148910000 kdks1/en ld 230vac fuse terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32


▲Up To Search▲   

 
Price & Availability of 0225360000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X