Part Number Hot Search : 
2N4277 5L3F1V3 C2030A 88ACLE MSE07PB PN150 C4115 3EZ120D1
Product Description
Full Text Search
 

To Download ZXMN6A07Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductors summary v (br)dss = 60v; r ds(on) = 0.300 i d = 2.2a description this new generation of trench mosfets from zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. this makes them ideal for high efficiency, low voltage, power management applications. features ? low on-resistance ? fast switching speed ? low threshold ? low gate drive ? sot89 package applications ? dc - dc converters ? power management functions ? relay and solenoid driving ? motor control device marking ? 7n6 ZXMN6A07Z issue 7 - january 2004 1 60v n-channel enhancement mode mosfet device reel size tape width quantity per reel ZXMN6A07Zta 7? 12mm 1000 units ordering information top view s o t 8 9
ZXMN6A07Z semiconductors issue 7 - january 2004 2 parameter symbol v alue unit junction to ambient (a) r ja 83.3 c/w junction to ambient (b) r ja 47.4 c/w notes (a) for a device surface mounted on 25mm x 25mm fr4 pcb with high coverage of single sided 1oz copper, in still air conditions (b) for a device surface mounted on fr4 pcb measured at t  10 secs. (c) repetitive rating 25mm x 25mm fr4 pcb, d = 0.02, pulse width 300  s - pulse width limited by maximum junction temperature. refer to transient thermal impedance graph thermal resistance parameter symbol limit unit drain-source voltage v dss 60 v gate source voltage v gs 20 v continuous drain current v gs =10v; t a =25c (b) v gs =10v; t a =70c (b) v gs =10v; t a =25c (a) i d 2.2 1.8 1.7 a pulsed drain current (c) i dm 6.8 a continuous source current (body diode) (b) i s 3.3 a pulsed source current (body diode) (c) i sm 6.8 a power dissipation at t a =25c (a) linear derating factor p d 1.5 12 w mw/c power dissipation at t a =25c (b) linear derating factor p d 2.6 21 w mw/c absolute maximum ratings
characteristics ZXMN6A07Z semiconductors issue 7 - january 2004 3
ZXMN6A07Z semiconductors issue 7 - january 2004 4 parameter symbol min. typ. max. unit c onditions. static drain-source breakdown voltage v (br)dss 60 v i d =250  a, v gs =0v zero gate voltage drain current i dss 1.0  av ds =60v, v gs =0v gate-body leakage i gss 60 na v gs =  20v, v ds =0v gate-source threshold voltage v gs(th) 1.0 3.0 v i d =250  a, v ds =v gs static drain-source on-state resistance (1) r ds(on) 0.300 0.450   v gs =10v, i d =1.8a v gs =4.5v, i d =1.3a forward transconductance (1) (3) g fs 2.3 s v ds =15v,i d =1.8a dynamic (3) input capacitance c iss 166 pf v ds =40 v, v gs =0v, f=1mhz output capacitance c oss 19.5 pf reverse transfer capacitance c rss 8.7 pf switching (2) (3) turn-on delay time t d(on) 1.8 ns v dd =30v, i d =1.8a r g ? 6.0  ,v gs =10v rise time t r 1.4 ns turn-off delay time t d(off) 4.9 ns fall time t f 2.0 ns gate charge q g 1.65 nc v ds = 30v, v gs =5v i d = 1.8a total gate charge q g 3.2 nc v ds =30v,v gs =10v, i d=1.8a gate-source charge q gs 0.67 nc gate-drain charge q gd 0.82 nc source-drain diode diode forward voltage (1) v sd 0.85 0.95 v t j =25c, i s =0.45a, v gs =0v electrical characteristics (at t a = 25c unless otherwise stated). notes (1) measured under pulsed conditions. width = 300 s. duty cycle 2% (2) switching characteristics are independent of operating junction temperature (3) for design aid only, not subject to production testing
ZXMN6A07Z semiconductors issue 7 - january 2004 5 typical characteristics
ZXMN6A07Z semiconductors issue 7 - january 2004 6 110 0 20 40 60 80 100 120 140 160 180 200 c rss c oss c iss v gs =0v f=1mhz c capacitance (pf) v ds -drain-sourcevoltage(v) 0123 0 2 4 6 8 10 i d =1.8a v ds = 30v gate-source voltage v gate charge capacitance v drain-source voltage q - charge (nc) v gs gate-source voltage (v) typical characteristics
ZXMN6A07Z semiconductors issue 7 - january 2004 europe zetex plc fields new road chadderton oldham, ol9 8np united kingdom telephone (44) 161 622 4444 fax: (44) 161 622 4446 hq@zetex.com zetex gmbh streitfeldstra?e 19 d-81673 mnchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 europe.sales@zetex.com americas zetex inc 700 veterans memorial hwy hauppauge, ny 11788 usa telephone: (1) 631 360 2222 fax: (1) 631 360 8222 usa.sales@zetex.com asia pacific zetex (asia) ltd 3701-04 metroplaza tower 1 hing fong road kwai fong hong kong telephone: (852) 26100 611 fax: (852) 24250 494 asia.sales@zetex.com these offices are supported by agents and distributors in major countries world-wide. this publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. for the latest product information, log on to www.zetex.com ? zetex plc 2004 7 pad layout details h a d b k g n f c package dimensions dim millimetres inches min max min max a 4.40 4.60 0.173 0.181 b 3.75 4.25 .150 0.167 c 1.40 1.60 0.550 0.630 d - 2.60 - 0.102 f 0.28 0.45 0.011 0.018 g 0.38 0.55 0.015 0.022 h 1.50 1.80 0.060 0.072 k 2.60 2.85 0.102 0.112 l 2.90 3.10 0.114 0.112 n 1.4 1.60 0.055 0.063


▲Up To Search▲   

 
Price & Availability of ZXMN6A07Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X