Part Number Hot Search : 
AM91L14 HC453 TE11211 B2000T 91C02 2SD1328 B1552 RH321A
Product Description
Full Text Search
 

To Download UFF200-06CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uff200-005ct thru UFF200-06CT page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 20a dual ultra fast recovery rectifier uff200-005ct thru UFF200-06CT case: ito-220ab (uff200-xx), fully insulated package features mechanical data z ultra fast recovery time z case: transfer molded z low forward voltage z terminal: mil-std-202f method 208 z low thermal resistance z polarity: as marked z high current capability z epoxy: ul94v-0 flame retardant molding compound z high voltage z weight 2.05 grams z glass passivated chip junction maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or i nductive load. for capacitive load, derate current by 20% ratings symbol uff200 -05ct uff200 -01ct uff200 -015ct uff200 -02ct uff200 -03ct uff200 -04ct uff200 -05ct uff200 -06ct units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current see fig.1 i o 20.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 250 a typical junction capacitance (note 1) c j 65 pf typical thermal resistance (note 2) r jc 2.2 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol uff200 -005ct uff200 -01ct uff200 -015ct uff200 -02ct uff200 -03ct uff200 -04ct uff200 -05ct uff200 -06ct units maximum forward voltage at 10a per leg v f 1.00 1.30 1.50 v maximum dc reverse current at ta=25 c i r 10 a maximum dc reverse current at ta=100 c i r 100 a maximum reverse recovery time (note 3) t rr 35 50 ns notes: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. thermal resistance junction to case per leg mounted on heat sink 3 . reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a millimeters min max b c d e f g h i j k l m o 9.72 6.30 14.50 13.00 - 2.41 - - - - 2.5 - 10.27 6.90 15.50 13.80 4.1 2.67 1.52 0.9 4.8 3.1 2.9 0.8 ? 3.4 c f h b d g e 1 2 3 o i pi n 1 pin 3 pin 2 case j m k l
uff200-005ct thru UFF200-06CT page: 2 ratings and characteristic curve uff200-005ct thru UFF200-06CT fig. 1 -test circuit diagram and reverse recovery time characteristic pulse generator (note 2) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope (note 1) 50 no inductive 10 no inductive (-) (+) +0.5a 0 -0.25a -1.0a trr 1c m set time base for 10/20 ns/cm note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10 ns max. source impedance=50 ohms fig. 4 -typical reverse characteristics 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) 1000 100 10 1 0.1 t j =25 o c t j =80 o c t j =125 o c instantaneous reverse current (ua) fig. 5 -typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) t j =25 o c fig. 3 -typical instantaneous forward characteristics 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 instataneous forward voltage (v) uff200-03ct~06c t 100 10 1.0 .1 .01 instantaneous forward current (a) uff200-005ct~02c t average forward current (a) 20 16 12 8 4 0 25 50 75 100 125 150 175 case temperature ( o c) fig. 2 -typical forward current derating curve single phase half wave 60hz resistive or inductive load


▲Up To Search▲   

 
Price & Availability of UFF200-06CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X