Part Number Hot Search : 
SI3152V 71256 15T1G Z1360AI SW1215 R3060 MUR1605 VTT1015
Product Description
Full Text Search
 

To Download TF-PCM-8120-A10-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 01-5 01 features compact boards specifications 9657666600 ? jumper cap product cd ? pcm-8120 ? system form factor 5.25 processor via c7?/ eden? ulv (v4 bus) series processor up to 2.0 ghz with fsb 533 mhz system memory 240-pin ddr2 dimm x 1, max 1 gb (ddr2 400/533) chipset via eden? (v4 bus) + cx700m i/o chipset ite it8712 + it8888g ethernet realtek rtl 8139dl, 10/100base-tx , rj-45 x 2 bios award 1 mb flash rom wake on lan yes watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed, and temperature monitoring expansion interface mini pci x 1, pci x 1, pc/104 x 1 & pcmcia x 1 battery lithium battery power requirement at/ atx power consumption (typical) via eden? 1 ghz, ddr2 533 1 gb 2.69a@+5v board size 8 (l) x 5.75 (w) (203mm x 146mm) gross weight 1.2 lb (0.5 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f~176f (-40c~80c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 50,000 display supports crt/lvds or crt/ttl, crt/dvi simultaneous/ dual view displays supports mpeg-4 accelerator chipset via cx700m integrated memory shared system memory up to 128 mb resolutions up to 1600x1200 @ 32bpp for crt up to 1600x1200 @ 24bpp for lcd lcd interface up to 24-bit dual-channel lvds tft lcd, up to 24-bit ttl tft lcd dvi yes i/o storage eide x 1 (udma 100 for one device), sata 3.0gb/s x 2, type 2 compactflash? x 1, floppy disk drive x 1 serial port rs-232 x 3, rs-232/422/485 x 1 parallel port spp/ epp/ ecp mode usb usb2.0 x 6 ps/2 port keyboard x 1, mouse x 1 digital i/o supports 16-bit (programmable) irda one irda tx/rx header audio mic-in, line-in, line-out, cd-in, s/pdif in/out, 5.1ch packing list onboard via c7?/ eden? ulv (v4 bus) series processor via eden? (v4 bus) + cx700m dimm ddr2 400/533 up to 1 gb 10/100base-tx ethernet x 2 up to 24-bit dual-channel lvds ttl/ lvds lcd, dvi and crt hd 5.1ch audio type 2 compactflash? x 1, sata 3.0gb/s x 2, eide x 1, floppy disk drive x 1 usb2.0 x 6, com x 4, 16-bit digital i/o, parallel x 1 pci x 1, mini pci x 1, pc/104 x 1 & pcmcia x 1 at/atx compact board with via c7?/ eden? (v4 bus) series processor pcm-8120 irda ethernet rj-45 power input ttl lcd lvds lcd crt lcd inverter serial ata pci ddr2 dimm type iii mini pci pc/104 40-pin ide keyboard & mouse parallel floppy disk drive digital i/o com usb hd audio & s/p dif audio
01-6 dimension unit: mm optional accessories ordering information part number cpu fan/ fanless display lvds storage lan usb rs-232 rs-232/422/485 expansion slot power temp TF-PCM-8120-A10-04 via eden? 1g ulv fanless crt + lvds crt + ttl 24b, 2ch sata x 2 ide x 1 compactflash? x 1 fe x 2 6 3 1 mini pci x 1 pci x 1 pc/104 x 1 atx 0c ~ 60c tf-pcm-8120-a10-05 via eden? 1g ulv fanless crt + lvds crt + ttl 24b, 2ch sata x 2 ide x 1 compactflash? x 1 fe x 2 6 3 1 mini pci x 1 pci x 1 pc/104 x 1 pcmcia x 1 atx 0c ~ 60c tf-per-a031 ? cable kit for pcm-8120 1700300240 ? dvi cable tf-per-c10l-a10 ? mini pci 10/100base-tx ethernet module with realtek 8100c tf-per-c10l-a10-01 ? mini pci 10/100/1000base-tx ethernet module with realtek 8110s tf-per-c10l-a10-02 ? mini pci 10/100base-tx ethernet module with intel? 82551qm tf-per-c10l-a10-03 ? mini pci 10/100/1000base-tx ethernet module with intel? 82541gi tf-per-c30f-a10 ? mini pci 3-port ieee 1394a module tf-per-c40c-b10 ? mini pci 2-port rs-232 module rev. b1.0 tf-per-c40c-b10-01 ? mini pci 4-port rs-232 module rev. b1.0 tf-pcm-3115c ? pc/104 2-slot pcmcia module 1 2 7 . 8 9 pcm-8120


▲Up To Search▲   

 
Price & Availability of TF-PCM-8120-A10-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X