Part Number Hot Search : 
85001 MSS40 5A100 MC13212 LT3800 AD679TJ 1H101 82552400
Product Description
Full Text Search
 

To Download SX5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SX5817 thru sx5819 20v -40v 1.0a surface mount schottky barrier rectifiers mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics sod-123fl m e t al - s e m i c ondu c t or jun c t ion w i t h gua r d r ing epitaxial construction low forward voltage drop,low switching losses high surge capability for use in low voltage,high frequency inverters free wheeling,and polarity protection applications the plastic material carries u/l recognition 94v-0 ! ! ! ! ! ! ! c a s e : j e d e c sod-123fl , m olded p l a s t ic t e r m inal s : s olde r able per m i l- s t d - 202 , m et hod 208 polarity: color band denotes cathode w eigh t : 0 . 0 008 oun c e s , 0 . 22 g r a m s mounting position: any ratings at 25 a m bient t e m pe r a t u r e unle s s o t he r w i s e s pe c i f ied. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. units m a x i m u m r e c u rr e n t pe a k r e v e r se v o l t a g e v rrm v ma x imu m rms v o lt a g e v rms v maximum dc blocking voltage v dc v maximum average f orw ard rectif ied current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =70 maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg a i f(av) sx 5817 3.thermal resistance junction to ambient ma i r i fsm note: 1. pulse test : 300 s pulse width,1% duty cy cle. 2. measured at 1.0mh z and applied rev erse v oltage of 4.0v dc. a 50 - 55 ---- + 125 - 55 ---- + 150 110 1.0 10.0 1.0 40 maximum instantaneous f orw ard voltage @ 1.0a z (note 1) @ 3.0a v f 14 20 v sx 5818 sx 5819 40 28 30 21 30 25.0 20 0.90 0.60 0.45 0.75 0.55 0.875 device marking code s2 s3 s4
ratings and characteristic curves SX5817 thru sx5819 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 SX5817 thru sx5819 20v -40v 1.0a surface mount schottky barrier rectifiers amperes amperes capacitance, pf amperes instantaneous forward current lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fig.1 -- forward derating curve fig.2 -- peak forward surge current average forward rectified current fig.3 -- typical instantaneous forward x - characteristics peak forward surge current reverse voltage,volts fig.4 -- typical junction capacitance t j =25 ?? f=1.0mhz vsig=50mvp-p 10 100 400 0 . 1 1 10 100 0 25 11 01 0 0 25 30 20 10 5 t j =t j max 8.3ms single half sine-wave 0 . 5 1 . 0 0 25 50 75 100 125 150 0 0 . 7 5 0 . 2 5 resistive or inductive load 0.375"(9.5mm)lead length .1 .3 .5 .7 .9 1 .1 1 .3 1 .5 1 .7 1 .9 2 .1 .1 1 10 20 sx 5 8 17 sx 5 8 19 sx 5 8 18 t j =25 pulse width=300 s 1% duty cycle


▲Up To Search▲   

 
Price & Availability of SX5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X