Part Number Hot Search : 
ZMDK45FW 3100A 21210 VS9ASI 18N20 2462B WU209 04001
Product Description
Full Text Search
 

To Download STP16A80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings ( t j = 25c unless otherwise specified ) symbol parameter condition ratings units v drm repetitive peak off-state voltage 800 v i t(rms) r.m.s on-state current t c = 98 c 16 a i tsm surge on-state current one cycle, 50hz/60hz, peak, non-repetitive 155/170 a i 2 t i 2 t 120 a 2 s p gm peak gate power dissipation 5.0 w p g(av) average gate power dissipation 0.5 w i gm peak gate current 2.0 a v gm peak gate voltage 10 v t j operating junction temperature - 40 ~ 125 c t stg storage temperature - 40 ~ 150 c mass 2.0 g feb, 2003. rev. 2 features repetitive peak off-state voltage : 800v r.m.s on-state current ( i t(rms) = 16 a ) high commutation dv/dt non-isolated type general description this device is suitable for ac switching application, phase control application such as fan speed and temperature mod- ulation control, lighting control and static switching relay. 2.t2 3.gate 1.t1 symbol 1/5 STP16A80 semiwell semiconductor bi-directional triode thyristor copyright@semiwell semi conductor co., ltd., all rights reserved. to-220 1 2 3
electrical characteristics symbol items conditions ratings unit min. typ. max. i drm repetitive peak off-state current v d = v drm , single phase, half wave t j = 125 c 2.0 ma v tm peak on-state voltage i t = 25 a, inst. measurement 1.4 v i + gt1 gate trigger current v d = 6 v, r l =10 30 ma i - gt1 30 i - gt3 30 v + gt1 gate trigger voltage v d = 6 v, r l =10 1.5 v v - gt1 1.5 v - gt3 1.5 v gd non-trigger gate voltage t j = 125 c, v d = 1/2 v drm 0.2 v (dv/dt)c critical rate of rise off-state voltage at commutation t j = 125 c, [di/dt]c = -8.0 a/ms, v d =2/3 v drm 10 v/ ? i h holding current 25 ma r th(j-c) thermal impedance junction to case 1.4 c/w 2/5 STP16A80
-50 0 50 100 150 0.1 1 10 v + gt1 v _ gt1 v gt (t o c) v _ gt3 v gt (25 o c) junction temperature [ o c] 10 0 10 1 10 2 0 50 100 150 200 60hz 50hz surge on-state current [a] time (cycles) 0 2 4 6 8 10 12 14 16 18 20 60 70 80 90 100 110 120 130 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o allowable case temperature [ o c] rms on-state current [a] 0 2 4 6 8 10 12 14 16 18 20 0 2 4 6 8 10 12 14 16 18 20 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o power dissipation [w] rms on-state current [a] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 10 0 10 1 10 2 t j = 125 o c t j = 25 o c on-state current [a] on-state voltage [v] 10 1 10 2 10 3 10 -1 10 0 10 1 v gd (0.2v) i gm (2a) 25 p g (av) (0.5w) p gm (5w) v gm (10v) gate voltage [v] gate current [ma] 3/5 fig 1. gate characteristics fig 2. on-state voltage fig 3. on state current vs. maximum power dissipation fig 4. on state current vs. allowable case temperature fig 5. surge on-sta te current rating ( non-repetitive ) fig 6. gate trigger voltage vs. junction temperature 2 360 : conduction angle 2 360 : conduction angle STP16A80
-50 0 50 100 150 0.1 1 10 i _ gt1 i _ gt3 i + gt1 i gt (t o c) i gt (25 o c) junction temperature [ o c] 10 -2 10 -1 10 0 10 1 10 2 0.1 1 10 transient thermal impedance [ o c/w] time (sec) 4/5 fig 8. transient thermal impedance fig 7. gate trigger current vs. junction temperature fig 9. gate trigger characteristics test circuit a v 10 ? 6v r g a v 10 ? 6v r g a v 10 ? 6v r g test procedure test procedure test procedure STP16A80
dim. mm inch min. typ. max. min. typ. max. a 9.7 10.1 0.382 0.398 b 6.3 6.7 0.248 0.264 c 9.0 9.47 0.354 0.373 d 12.8 13.3 0.504 0.524 e 1.2 1.4 0.047 0.055 f 1.7 0.067 g 2.5 0.098 h 3.0 3.4 0.118 0.134 i 1.25 1.4 0.049 0.055 j 2.4 2.7 0.094 0.106 k 5.0 5.15 0.197 0.203 l 2.2 2.6 0.087 0.102 m 1.25 1.55 0.049 0.061 n 0.45 0.6 0.018 0.024 o 0.6 1.0 0.024 0.039 3.6 0.142 to-220 package dimension 5/5 STP16A80 1. t1 2. t2 3. gate a b c i g l 1 m e f h k n o 2 3 j d c1.0


▲Up To Search▲   

 
Price & Availability of STP16A80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X