Part Number Hot Search : 
FRP1005 SZN5951 1N4448WX HF3712FP E005916 CS1214 A1150 LNK364P
Product Description
Full Text Search
 

To Download STD30NF03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 march 2000 . STD30NF03L n-channel 30v - 0.020 w - 30a ipak/dpak stripfet? power mosfet n typical r ds (on) = 0.020 w n low threshold drive n through-hole ipak (to-251) power package in tube (suffix -1") n surface-mounting dpak (to-252) power package in tape & reel (suffix t4") description this power mosfet is the latest development of stmicroelectronis unique "single feature size?" strip- based process. the resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. applications n high current, high speed switching n solenoid and relay drivers n motor control, audio amplifiers n dc-dc & dc-ac converters type v dss r ds(on) i d STD30NF03L 30v <0.025 w 30a 3 2 1 1 3 ipak to-251 (suffix -1) dpak to-252 (suffix t4) absolute maximum ratings ( ) pulse width limited by safe operating area. ( ) current limited by the package (1)t j = 25 o c, i d = 15a, v dd = 15v symbol parameter value unit v ds drain-source voltage (v gs = 0) 30 v v dgr drain-gate voltage (r gs = 20 k w ) 30 v v gs gate- source voltage 20 v i d ( ) drain current (continuos) at t c = 25c 30 a i d drain current (continuos) at t c = 100c 19 a i dm ( ) drain current (pulsed) 120 a p tot total dissipation at t c = 25c 50 w derating factor 0.27 w/c e as (1) single pulse avalanche energy 100 mj t stg storage temperature -65 to 175 c t j max. operating junction temperature 175 c internal schematic diagram
STD30NF03L 2/9 thermal data electrical characteristics (t case = 25 c unless otherwise specified) off on (1 ) dynamic rthj-pcb rthj-amb rthc-sink t j thermal resistance junction-pc board thermal resistance junction-ambient thermal resistance case-sink maximum lead temperature for soldering purpose max max typ 3.0 100 1.5 275 c/w c/w c/w c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 30 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 a 1 1.7 2.5 v r ds(on) static drain-source on resistance v gs = 10 v i d = 15 a v gs = 4.5 v i d = 15 a 0.020 0.028 0.025 0.035 w w i d(on) on state drain current v ds > i d(on) x r ds(on)max, v gs =10 v 30 a symbol parameter test conditions min. typ. max. unit g fs (*) forward transconductance v ds > i d(on) x r ds(on)max, i d = 15 a 13 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v, f = 1 mhz, v gs = 0 830 230 92 pf pf pf
3/9 STD30NF03L switching on switching off source drain diode (*) pulsed: pulse duration = 300 s, duty cycle 1.5 %. ( ) pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 15 v i d = 20 a r g = 4.7 w v gs = 4.5 v (resistive load, figure 3) 35 205 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 24 v i d = 30 a v gs = 5v 18 7 8 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 15v i d = 20 a r g = 4.7 w, v gs = 4.5 v (resistive load, figure 3) 90 240 ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 30 120 a a v sd (*) forward on voltage i sd = 30a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 40 a di/dt = 100a/s v dd = 15 v t j = 150c (see test circuit, figure 5) 65 72 2 ns nc a electrical characteristics (continued) safe operating area thermal impedance
STD30NF03L 4/9 output characteristics thermal impedance transconductance static drain-source on resistance gate charge vs gate-source voltage capacitance variations
5/9 STD30NF03L normalized gate threshold voltage vs temperature thermal impedance source-drain diode forward characteristics . . .
STD30NF03L 6/9 fig. 1: unclamped inductive load test circuit fig. 1: unclamped inductive load test circuit fig. 2: unclamped inductive waveform fig. 3: switching times test circuits for resistive load fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times
7/9 STD30NF03L dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a3 0.7 1.3 0.027 0.051 b 0.64 0.9 0.025 0.031 b2 5.2 5.4 0.204 0.212 b3 0.85 0.033 b5 0.3 0.012 b6 0.95 0.037 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 15.9 16.3 0.626 0.641 l 9 9.4 0.354 0.370 l1 0.8 1.2 0.031 0.047 l2 0.8 1 0.031 0.039 a c2 c a3 h a1 d l l2 l1 1 3 = = b3 b b6 b2 e g = = = = b5 2 to-251 (ipak) mechanical data 0068771-e
STD30NF03L 8/9 dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b2 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l2 0.8 0.031 l4 0.6 1 0.023 0.039 == d l2 l4 1 3 == b e == b2 g 2 a c2 c h a1 detail "a" a2 detail "a" to-252 (dpak) mechanical data 0068772-b
9/9 STD30NF03L information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is registered trademark of stmicroelectronics a 2001 stmicroelectronics - all rights reserved all other names are the property of their respective owners. stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of STD30NF03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X