Part Number Hot Search : 
74HC4050 30A600V 00201 ER100 CA3079 30A600V SFT1010 3362W254
Product Description
Full Text Search
 

To Download SK515B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 sk52b - SK515B 5.0 amps. surface mount schottky barrier rectifiers smb/do-214aa .083(2.10) .077(1.95) .012(.31) .006(.15) .012(.31) .006(.15) .008(.20) .004(.10) .056(1.41) .035(0.90) .147(3.73) .137(3.48) .187(4.75) .167(4.25) .103(2.61) .078(1.99) .209(5.30) .201(5.10) features  for surface mounted application  metal to silicon rectifier, majority carrier conduction  low forward voltage drop  easy pick and place  high surge current capability  plastic material used carriers underwriters laboratory classification 94v-0  epitaxial construction  high temperature soldering: 260 o c / 10 seconds at terminals mechanical data  case: molded plastic  terminals: pure tin plated, lead free.  polarity: indicated by cathode band  packaging: 16mm tape per eia std rs-481  weight: 0.1 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sk 52b sk 53b sk 54b sk 55b sk 56b sk 59b sk 510b sk 515b units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current at t l (see fig. 1) i (av) 5.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a maximum instantaneous forward voltage @ 5.0a v f 0.55 0.75 0.85 0.95 v 0.5 0.1 maximum dc reverse current (note 1) @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 20 10 2.0 ma ma typical thermal resistance ( note 2 ) r jl r ja 17 75 o c/w operating temperature range t j -55 to +125 -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. pulse test with pw=300 usec, 1% duty cycle 2. measured on p.c.board with 0.4? x 0 .4? (10mm x 10mm) copper pad areas.
r a ting s an d characteristi c cu r ve s (sk52 b thr u SK515B) fig . 1 - maximu m fo r w ar d curren t der a ting cu r ve fig . 2 - maximu m non-repetitiv e peak fo r w ar d current surge fig . 3 - typica l fo r w ar d characteristics fig . 4 - typica l revers e characteristics fig . 5 - typica l junctio n ca p aci t ance r o f e g a r e v a t n e r r u c d r a w ) a ( . r o f k a e p t n e r r u c e g r u s d r a w ) a ( . r o f s u o e n a t n a t s n i t n e r r u c d r a w ) a ( . t n e r r u c e s r e v e r s u o e n a t n a t s n i ) a m ( . p a c n o i t c n u j ) f p ( . e c n a t i c a lea d tem p er a ture. ( c) o numbe r o f cycle s a t 60hz fo r w ar d vo l t age.(v) percen t o f r a te d pea k revers e vo l t age.(%) revers e vo l t age.(v) t , puls e dur a tion , (sec) 50 60 70 80 90 100 110 120 130 140 150 160 0 1.0 2.0 3.0 1 10 100 150 130 110 90 70 50 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.5 0.01 0.1 1 10 40 0 20 40 60 80 100 120 140 0.001 0.01 0.1 1 10 20 0.1 10 1 10 100 100 1000 0.01 0.1 0.1 1 10 100 resistive or inductiveload pcb mounted on 0.2x0.2" (5.0x5.0mm)copper pad areas pulse width=300 s 1% duty cycle tj=125 o c tj=75 o c tj=25 c o tj=25 c f=1.0mhz vsig=50mvp-p o transcient thermal impedance, ( c/w) o 1 10 100 at rated tl 8.3ms single half sine wave jedec method sk55b-SK515B sk52b-sk54b sk59b-SK515B sk55b-sk56b sk52b-sk54b sk59b-SK515B sk52b-sk54b sk55b-sk56b tj=25 o c tj=125 o c tj=125 c o sk52b-sk54b sk55b-SK515B fig.6- typical transient thermal characteristics version: a06


▲Up To Search▲   

 
Price & Availability of SK515B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X