Part Number Hot Search : 
162003 AT24C01 MPSA76 K3273 AT24C01 8955BLGE AT25C32 LM21105
Product Description
Full Text Search
 

To Download SK510C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 50 - version: b07 sk52c - sk515c 5.0 amps. surface mount schottky barrier rectifiers smc/do-214ab .126(3.20) .114(2.90) .012(.31) .006(.15) .008(.20) .004(.10) .063(1.6) .039(1.0) .245(6.22) .220(5.59) .280(7.11) .260(6.60) .103(2.62) .079(2.00) .320(8.13) .305(7.75) .061(1.56) .050(1.26) features  for surface mounted application  metal to silicon rectifier, majority carrier conduction  low forward voltage drop  easy pick and place  high surge current capability  plastic material used carriers underwriters laboratory classification 94v-0  epitaxial construction  high temperature soldering: 260 o c / 10 seconds at terminals mechanical data  case: molded plastic  terminals: pure tin plated, lead free.  polarity: indicated by cathode band  packaging: 16mm tape per eia std rs-481  weight: 0.1 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sk 52c sk 53c sk 54c sk 55c sk 56c sk 59c sk 510c sk 515c units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum avera g e forward rectified current at t l (see fig. 1) i (av) 5.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a maximum instantaneous forward voltage @ 5.0a v f 0.55 0.75 0.85 0.95 v 0.5 0.3 maximum dc reverse current (note 1) @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 20 10 5.0 ma ma typical thermal resistance ( note 2 ) r jl r ja 17 75 o c/w operating temperature range t j -55 to +125 -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. pulse test with pw=300 usec, 1% duty cycle 2. measured on p.c.board with 0.6? x 0.6?(16mm x 16mm) copper pad areas.
ratings and characteristic curves ( sk52c thru sk515c) fig .1- ma xim um fo rw ar d c ur re nt de ra tin g cu rv e fig.2 -max imum non -rep etiv e pe ak for wa rd s urg e cu rren t fig .3-t yp ica l f or wa rd ch ar ac ter ist ics fig.4- typic al r ever se ch arac teris tics fig .5-t yp ica l j un ct ion ca p ac it an ce reverse vo ltage.(v) o lea d te mpe ratu re.( c) number of cycles at 60hz for wa rd v ol ta ge(v ) pu lse du ra tio n,(s ec) 5 4 3 2 1 0 0 50 100 150 50 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.5 20 10 1 0.1 0.01 0.001 0 20 40 60 80 100 120 140 100 10 1 0.1 0.01 0.1 1 10 100 100 10 1 1 10 100 1000 percent o f rated peak reverse voltage.(%) a v e r a g e f o r w a r d c u r r e n t ( a ) i n s t a n e d l i s r e v e r s e c u r r e n t . ( m a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) o t r a n s c i e n t t h e r m a l i m p e d a n c e . ( c / w ) j u n c t i o n c a p a c i t s n c e ( p f ) s k 5 6 c - s k 5 1 5 c res istiv eor indu ctiv e lo ad o tj=125 c o tj=75 c o tj=25 c sk5 2c-s k54c sk5 6c-s k515 c s k 5 2 c - s k 5 4 c fig.6- typical transient thermal characteristics tj=25 c f=1.0m hz vsig= 50mvp -p sk52c -sk54c sk56 c-sk 515c version: b07 p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 1 10 100 200 60 80 300 100 400 600 8.3 ms sin gle ha lf s ine wa ve jed ec me tho d cycle pulse width=300 s 1%du ty gy gle sk51 5c s k 5 2 c -s k 5 4 c s k 5 5 c -s k 5 6 c s k 5 9 c - s k 5 1 0 c


▲Up To Search▲   

 
Price & Availability of SK510C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X