Part Number Hot Search : 
A2749 C2055 B200022 C1651 X1000 BA158 M68HC11K X1000
Product Description
Full Text Search
 

To Download SBL1640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r ( rev.) 200911c 1/6 ?? schottky barrier diode SBL1640 ? main characteristics i f(av) 16 28 a v rrm 40 v t j 150 v f(max) 0.48v @tj=125 ? package ? z ??? z ?? applications z high frequency switch power supply z free wheeling diodes, polarity protection applications ? z ? z ?? z ?? z ??? z rohs ? features z common cathode structure z low power loss, high efficiency z high operating junction temperature z guard ring for overvoltage protectionhigh reliability z rohs product to-22o to-22of ? order message order codes ? marking ? package halogen free ? packaging device weight SBL1640z SBL1640 to-220 no tube 1.98 g(typ) SBL1640zr SBL1640 to-220 yes tube 1.98 g(typ) SBL1640f SBL1640 to-220f no tube 1.70 g(typ) SBL1640fr SBL1640 to-220f yes tube 1.70 g(typ)
r SBL1640 ( rev. ) 200911c ?? absolute ratings (tc=25 ) ? parameter symbol ? value unit ??? repetitive peak reverse voltage v rrm 40 v ??? maximum dc blocking voltage v dc 40 v ? average forward current t c =100 (to-220 / to-220f) per device per diode i f(av) 16 8 a ?? surge non repetitive forward current ? 8.3ms ? ? jedec 8.3 ms single half-sine-wave (jedec method) i fsm 150 a ? maximum junction temperature t j 150 ? storage temperature range t stg -40~+150 electrical characteristics ? parameter tests conditions ? value(min) ? value(typ) ? value(max) unit tj =25 200 a i r tj =125 v r =v rrm 100 ma tj =25 0.48 0.55 v tj =125 i f =8a 0.42 0.50 tj =25 0.57 0.65 v v f tj =125 i f =16a 0.53 0.60 v thermal characteristics ? parameter symbol ? value(min) ? value(max) unit ??? thermal resistance from junction to case to-220 to-220f r th(j-c) 2.0 2.4 /w 2/6 v
r SBL1640 ( rev. ) 200911c electrical characteristics (curves) i r vs v r i f vs v f c t vs v r i f(av) vs t c 3/6
r SBL1640 ( rev. ) 200911c 4/6 ? package mechanical data to-220 unit mm symbol min max a4.404.80 b1.101.40 b0.700.95 c0.280.48 c1 0.32 0.52 d 14.45 16.00 d2 8.20 9.20 e9.6010.40 e2.392.69 f1.201.35 l 13.05 14.05 l2 3.70 3.90 q2.403.00 q1 2.20 2.90 p3.504.00 e q p d2 d e e b f a q1 c c1 a b l l2
r SBL1640 ( rev. ) 200911c 5/6 ? package mechanical data to-220f unit mm e p q d e a f l2 l b1 b c q1 b symbol min max a 4.3 4.7 b 1.5 1.75 b1 1.1 1.35 b 0.5 0.75 c 0.5 0.75 d 14.5 15.5 e 9.96 10.36 e 2.54 typ f 2.8 3.2 l 12.7 13.7 l2 3.6 4.0 p 3.3 3.7 q 2.5 2.9 q1 2.5 2.9
r SBL1640 ( rev. ) 200911c note 1. jilin sino-microelectronics co., ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don?t be hesitate to contact us. 3. please do not exc eed the absolute maximum ratings of the device w hen circuit designing. 4. jilin sino-microelectronics co., ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. ? 1. ????????? ??????? ??? 2. ?????? ? 3. ????? ?????? 4. ??? 6/6 ?? ?????? ???? 99 ?? 132013 ? 86-432-6 4678411 86-432-6 4665812 ? www.hwdz.com.cn ? ??? 99 ?? 132013 86-432-6 4675588 6 4675688 6 4678411-3098/3099 : 86-432- 6 4671533 contact jilin sino-microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 te l 86-432- 6 4678411 fax 86-432-6 4665812 web site www.hwdz.com.cn market department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86-432- 6 4675588 6 4675688 6 4678411-3098/3099 fax: 86-432- 6 4671533 ?appendix ?? revision history date ? last rev. new rev. ? description of c hanges 2009- 10-27 200907b 200911c changed contact telephone and fax number.


▲Up To Search▲   

 
Price & Availability of SBL1640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X