Part Number Hot Search : 
15KE75 CZT751 0M187 IRFB4115 ADG1411 TSS463B 72914 L30TPG
Product Description
Full Text Search
 

To Download MURHB840CTT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2003 may, 2003 - rev. 3 1 publication order number: murhb840ct/d murhb840ct preferred device megahertz ? power rectifier d 2 pak power surface mount package designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features: ? package designed for power surface mount applications ? ultrafast 28 nanosecond recovery times ? 175 c operating junction temperature ? epoxy meets ul94, v o @ 1/8 ? high temperature glass passivated junction ? high voltage capability ? low leakage specified @ 150 c case temperature ? short heat sink tab manufactured - not sheared! ? similar in size to industrial standard to-220 package mechanical characteristics ? case: epoxy, molded, epoxy meets ul94, vo ? weight: 1.7 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? available in 24 mm tape and reel, 800 units per reel by adding a t4o suffix to the part number ? marking: uh840 ? device meets msl1 requirements ? esd ratings: machine model, c (>400 v) human body model, 3b (>8000 v) device package shipping ordering information murhb840ct d 2 pak d 2 pak case 418b style 3 50 units/rail 3 4 1 ultrafast rectifier 8.0 amperes 400 volts 1 3 4 preferred devices are recommended choices for future use and best overall value. MURHB840CTT4 d 2 pak 800/tape & reel marking diagram http://onsemi.com yww xx xxxxxxx awlyww xx = specific device code a = assembly location wl = wafer lot y = year ww = work week ic standard xxxxx
murhb840ct http://onsemi.com 2 maximum ratings rating symbol val e units r at i ng s ym b o l v a l ue u n i ts peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 400 v average rectified forward current (rated v r , t c = 120 c) total device i f(av) 4.0 8.0 a peak repetitive forward current (rated v r , square wave, 20 khz, t c = 120 c) i fm 8.0 a non-repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a controlled avalanche energy w aval 20 mj operating junction and storage temperature range t j , t stg -65 to +175 c thermal characteristics (per leg) rating symbol value unit maximum thermal resistance, junction to case r q jc 3.0 c/w maximum thermal resistance, junction to ambient (note 1) r q ja 50 c/w electrical characteristics (per leg) characteristic symbol max unit maximum instantaneous forward voltage (note 2) (i f = 4.0 amps, t c = 150 c) (i f = 4.0 amps, t c = 25 c) v f 1.9 2.2 volts maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 500 10 m a maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/ m s) t rr 28 ns 1. see chapter 7 for mounting conditions 2. pulse test: pulse width = 300 m s, duty cycle 2.0%
murhb840ct http://onsemi.com 3 figure 1. typical forward voltage figure 2. typical reverse current, per leg figure 3. current derating, case figure 4. typical capacitance, per leg 50 20 10 0.1 0.2 0.5 1 2 5 2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 v f , instantaneous voltage (volts) i f , instantaneous forward current (amp) t j = 150 c 100 c 25 c v r , reverse voltage (volts) i r , reverse current (a) m 0.1 0 1000 0.2 0.5 1 5 10 20 50 100 200 500 50 100 150 200 250 300 350 400 i f , average power dissipation (watts) t c , case temperature ( c) 0 110 2 4 6 8 10 120 130 140 150 160 170 180 t j = 150 c 100 c 25 c rated v r applied r q jc = 3 c/w dc square wave c, capacitance (pf) v r , reverse voltage (volts) 0.01 1000 100 10 1 0.1 1 10 100 2 100 figure 5. forward power dissipation, per leg p f(av) , average power dissipation (watts) i f(av) , average forward current (amps) 1 20 18 16 14 12 10 8 6 4 2 0 2345678910 t j = 175 c square wave dc
murhb840ct http://onsemi.com 4 information for using the d 2 pak surface mount package minimum recommended footprint for surface mounted applications surface mount board layout is a critical portion of the total design. the footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. with the correct pad geometry, the packages will self align when subjected to a solder reflow process. mm inches 0.33 8.38 0.04 1.016 0.67 17.02 0.42 10.66 0.12 3.05 0.24 6.096 d 2 pak power dissipation the power dissipation of the d 2 pak is a function of the drain pad size. this can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. power dissipation for a surface mount device is determined by t j(max) , the maximum rated junction temperature of the die, r q ja , the thermal resistance from the device junction to ambient; and the operating temperature, t a . using the values provided on the data sheet for the d 2 pak package, p d can be calculated as follows: p d = t j(max) - t a r q ja the values for the equation are found in the maximum ratings table on the data sheet. substituting these values into the equation for an ambient temperature t a of 25 c, one can calculate the power dissipation of the device which in this case is 3.0 watts. p d = 175 c - 25 c = 3.0 watts 50 c/w the 50 c/w for the d 2 pak package assumes the recommended drain pad area of 158k mil 2 on fr-4 glass epoxy printed circuit board to achieve a power dissipation of 3.0 watts using the footprint shown. another alternative is to use a ceramic substrate or an aluminum core board such as thermal clad ? . by using an aluminum core board material such as thermal clad, the power dissipation can be doubled using the same footprint. general soldering precautions the melting temperature of solder is higher than the rated temperature of the device. when the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. ? always preheat the device. ? the delta temperature between the preheat and soldering should be 100 c or less.* ? when preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. when using infrared heating with the reflow soldering method, the difference shall be a maximum of 10 c. ? the soldering temperature and time shall not exceed 260 c for more than 5 seconds. ? when shifting from preheating to soldering, the maximum temperature gradient shall be 5 c or less. ? after soldering has been completed, the device should be allowed to cool naturally for at least three minutes. gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. ? mechanical stress or shock should not be applied during cooling * * soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * * due to shadowing and the inability to set the wave height to incorporate other surface mount components, the d 2 pak is not recommended for wave soldering.
murhb840ct http://onsemi.com 5 recommended profile for reflow soldering for any given circuit board, there will be a group of control settings that will give the desired heat pattern. the operator must set temperatures for several heating zones, and a figure for belt speed. taken together, these control settings make up a heating profileo for that particular circuit board. on machines controlled by a computer, the computer remembers these profiles from one operating session to the next. figure 6 shows a typical heating profile for use when soldering the d 2 pak to a printed circuit board. this profile will vary among soldering systems but it is a good starting point. factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. this profile shows temperature versus time. the line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. the two profiles are based on a high density and a low density board. the vitronics smd310 convection/infrared reflow soldering system was used to generate this profile. the type of solder used was 62/36/2 tin lead silver with a melting point between 177 -189 c. when this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. the components on the board are then heated by conduction. the circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints. step 1 preheat zone 1 ramp" step 2 vent soak" step 3 heating zones 2 & 5 ramp" step 4 heating zones 3 & 6 soak" step 5 heating zones 4 & 7 spike" step 6 vent step 7 cooling 200 c 150 c 100 c 50 c time (3 to 7 minutes total) t max solder is liquid for 40 to 80 seconds (depending on mass of assembly) 205 to 219 c peak at solder joint desired curve for low mass assemblies desired curve for high mass assemblies 100 c 150 c 160 c 170 c 140 c figure 6. typical solder heating profile for d 2 pak
murhb840ct http://onsemi.com 6 package dimensions style 3: pin 1. anode 2. cathode 3. anode 4. cathode seating plane s g d -t- m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 -b- m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b-01 thru 418b-03 obsolete, new standard 418b-04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref m l f m l f m l f variable configuration zone r n p u view w-w view w-w view w-w 123 d 2 pak case 418b-04 issue h
murhb840ct http://onsemi.com 7 notes
murhb840ct http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 2-9-1 kamimeguro, meguro-ku, tokyo, japan 153-0051 phone : 81-3-5773-3850 on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. murhb840ct/d megahertz is a trademark of semiconductor components industries, llc. thermal clad is a trademark of the bergquist company. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303-675-2175 or 800-344-3860 toll free usa/canada fax : 303-675-2176 or 800-344-3867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 800-282-9855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MURHB840CTT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X