Part Number Hot Search : 
WNM2025 11017 74F540PC PE6033 IFN422 20112 ES3210 N120C
Product Description
Full Text Search
 

To Download MS566PNB102MSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1246 power inductors document ms540-1 revised 12/05/12 dcr 3 srf isat (a) 5 irms (a) 6 inductance 2 (mohms) (mhz) 4 10% 20% 30% 20c 40c part number 1 (h) typ max min typ drop drop drop rise rise MS566PNB102MSZ 1.0 20% 5.6 6.3 70.0 100 18.14 20.64 22.24 6.00 8.00 ms566pnb152msz 1.5 20% 8.7 9.7 60.0 85.0 14.06 15.90 17.08 5.80 7.80 ms566pnb272msz 2.7 20% 10.3 11.5 49.0 70.0 11.66 13.16 14.16 5.00 6.80 ms566pnb332msz 3.3 20% 15.1 16.8 46.0 65.0 9.74 11.08 11.98 4.50 6.30 ms566pnb472msz 4.7 20% 19.1 21.3 30.0 42.0 8.62 9.70 10.42 4.40 6.00 ms566pnb562msz 5.6 20% 22.1 24.6 26.0 37.0 7.62 8.74 9.44 3.95 5.75 ms566pnb682msz 6.8 20% 24.9 27.7 23.0 33.0 7.38 8.36 9.00 3.70 5.20 ms566pnb822msz 8.2 20% 27.4 30.5 22.0 31.0 6.84 7.70 8.32 3.35 4.67 ms566pnb103msz 10 20% 36.8 40.9 19.0 27.0 5.88 6.66 7.18 2.85 3.90 ms566pnb123msz 12 20% 38.9 43.3 17.0 24.0 5.34 6.04 6.52 2.69 3.65 ms566pnb153msz 15 20% 48.6 54.1 15.0 22.0 4.68 5.36 5.78 2.50 3.40 ms566pnb183msz 18 20% 51.0 56.7 13.0 19.0 4.32 4.92 5.32 2.41 3.19 ms566pnb223msz 22 20% 60.3 67.0 12.6 18.0 3.84 4.34 4.75 2.30 3.14 ms566pnb273msz 27 20% 67.5 75.0 11.2 16.0 3.54 4.02 4.32 2.06 2.86 ms566pnb333msz 33 20% 81.7 90.8 10.5 15.0 3.24 3.66 3.96 1.90 2.60 ms566pnb393msz 39 20% 95.2 105.8 9.3 13.3 3.04 3.46 3.72 1.73 2.39 ms566pnb473msz 47 20% 120.6 134.0 8.4 12.0 2.70 3.08 3.34 1.50 2.10 ms566pnb563msz 56 20% 133.8 148.7 7.4 10.6 2.46 2.80 3.02 1.44 2.01 ms566pnb683msz 68 20% 167.3 185.9 6.8 9.7 2.26 2.54 2.74 1.30 1.80 ms566pnb823msz 82 20% 188.5 209.5 6.2 8.8 1.98 2.26 2.46 1.24 1.72 ms566pnb104msz 100 20% 216.8 240.9 5.6 8.0 1.84 2.08 2.24 1.19 1.65 ms566pnb124ksz 120 10% 287.2 319.2 5.0 7.2 1.62 1.86 2.04 1.03 1.42 ms566pnb154ksz 150 10% 326.7 363.0 4.6 6.6 1.48 1.70 1.82 0.95 1.30 ms566pnb184ksz 180 10% 379.5 421.7 4.1 5.9 1.36 1.56 1.68 0.89 1.21 ms566pnb224ksz 220 10% 488.2 542.5 3.7 5.3 1.22 1.38 1.50 0.76 1.00 ms566pnb274ksz 270 10% 560.1 622.4 3.3 4.7 1.12 1.26 1.36 0.72 0.95 ms566pnb334ksz 330 10% 731.4 812.7 2.9 4.1 1.00 1.10 1.20 0.65 0.87 ms566pnb394ksz 390 10% 813.7 904.2 2.7 3.8 0.946 1.00 1.10 0.59 0.79 ms566pnb474ksz 470 10% 935.1 1039 2.5 3.5 0.864 0.978 1.00 0.56 0.76 ms566pnb564ksz 560 10% 1193 1326 2.1 3.0 0.776 0.884 0.956 0.50 0.67 ms566pnb684ksz 680 10% 1370 1523 2.0 2.8 0.720 0.818 0.882 0.46 0.62 ms566pnb824ksz 820 10% 1590 1767 1.8 2.6 0.634 0.728 0.792 0.43 0.58 ms566pnb105ksz 1000 10% 2090 2323 1.7 2.4 0.594 0.676 0.728 0.36 0.50 high-reliability power inductors ms566pnb core material ferrite terminations tin-lead (63/37) over tin over nickel over phos bronze. weight: 2.3 g C 2.5 g ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. packaging: C55c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) enhanced crush-resistant packaging 200/7 reel plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing, 4.7mm pocket depth high current, low dcr shielded power inductors high temperature materials allow operation in ambient temperatures up to 155c. tin-lead (sn-pb) terminations for the best possible board adhesion 1. when ordering, please specify testing code: ms566pnb105ksz testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance measured at 100 khz, 0.1 vrms, 0 adc using a coilcraft smd -a fxture in an agilent/hp 4263b lcr meter or equivalent. 3. dcr measured on a micro-ohmmeter and a coilcraft ccf858 test fxture. 4. srf measured using an agilent/hp 8753d network analyzer. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed tempera - ture rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. ? ? coilcraft, inc. 2012 1102 silv er lak e road car y, il 60013 phone 800-981-0363 fa x 847-639-1508 email c ps@coilcraft.com www . coilcraft-cps . com this pr oduct may not be used in medical or hig h risk applications without prior coilcraft appr oval. specifications subject to change without notice. please check our web site for latest infor mation.
ms566pnb series 1246 power inductors typical l vs frequency typical l vs current 0. 1 1 10 100 1000 10000 0.01 0.1 10 1 inductance (h) frequency (mhz) 1000 h 100 h 10 h 1 h 0.1 1 100 10 current (a) 0. 1 1 10 100 1000 10000 inductance (h) 1000 h 100 h 10 h 1 h current derating dimensions are in inches mm -40 -55 -20 02 04 06 08 0 100 160 140 120 ambient temperature (c) pe r cent of rated current 120 110 100 90 80 70 60 50 40 30 20 10 0 25c i sat i rm s document ms540-2 revised 12/05/12 ? ? coilcraft, inc. 2012 1102 silv er lak e road car y, il 60013 phone 800-981-0363 fa x 847-639-1508 email c ps@coilcraft.com www . coilcraft-cps . com this pr oduct may not be used in medical or hig h risk applications without prior coilcraft appr oval. specifications subject to change without notice. please check our web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MS566PNB102MSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X