Part Number Hot Search : 
SBY30100 27C256 4744A SC183C 80022 CS98000 1N4935 STPSC806
Product Description
Full Text Search
 

To Download ML9XX19CWDM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi laser diodes ml9xx19 series 2.5gbps ingaasp dfb laser diodes type name ml925b19f description ml9xx19 series are uncooled dfb (distributed feedback) laser diodes for 2.5gbps transmission emitting light beam with wavelength of 1470~1610nm. l/4 shifted grating structure is employed to obtain excellent smsr performance under 2.5gbps modulation. furthermore, ml9xx19 can operate in the wide temperature range from 0 o c to 70 o c without any temperature control. they are well suited for light source in long distance digital transmission application of coarse wdm. features n l/4 phase shifted grating structure n wide temp erature range operation (0 o c to 70 o c ) n high side - mode - suppression - ratio(typical 45db) n high resonance frequency(typical 11ghz) application n 2.5gbps long - reach transmission n coarse wdm application absolute maximum ratings symbol parameter conditions ratings unit po light output power cw 6 mw if laser forward current - 200 ma vrl las er reverse voltage - 2 v ird pd forward current - 2 ma vrd pd reverse voltage - 20 o c tc operation temperature - 0 to +70 o c tstg storage temperature - - 40 to +100 o c electrical/optical characteristics(tc=25 o c) symbol parameter test conditions min. typ. max. unit cw --- 15 30 ith threshold current cw,tc=70 o c -- - 35 50 ma cw, po=5mw,tc=70 o c --- 40 60 iop operation current cw, po=5mw --- 70 100 ma vop operating voltage cw, po=5mw --- 1.1 1.8 v l p peak wavelength cw, po=5mw <* , **> nm h slope efficiency cw, po=5mw 0.15 0.20 --- mw/ma q// beam divergence angle (parallel) <1> cw, po=5mw --- 25 40 deg. q^ beam divergence angle ( perpendicular ) <1> cw, po=5mw --- 30 47 deg. smsr side mod e suppression ratio cw, po=5mw, tc=0 ~ 70 o c 35 45 --- db tr,tf rise and fall time (10% - 90%) 2.48832gbps, ibias=ith short lead - pin --- 100 150 psec fr resonance frequency 2.48832gbps,ibias=ith,ipp=40ma --- 11 --- db im monitor current (pd) cw, po=5mw, v rd=1v, 0.1 --- 2.0 ma id dark current (pd) vrd=5v --- --- 1.0 m a ct capacitance (pd) vrd=5v, f=1mhz --- 10 20 pf note : <1> exclude back facet reflection from a monitor pd mitsubishi electric j u n . 2002 preliminary notice: this is not a final s pecification . some parametric limits are subject to change.
mitsubishi laser diodes ml9xx19 series 2.5gbps ingaasp dfb laser diodes <*> pea k wavelength limits unit type symbol test condition min. typ. max. ml925b19f - 04 1467 1470 1473 ml925b19f - 05 1487 1490 1493 ml925b19f - 06 1507 1510 1513 ml925b19f - 07 1527 1530 1533 ml925b19f - 08 1547 1550 1553 ml 925b19f - 09 1567 1570 1573 ml925b19f - 10 1587 1590 1593 ml925b19f - 11 l p cw po=5mw tc=25 o c 1607 1610 1613 nm <*> peak wavelength limits unit type symbol test condition min. typ. max. ml925b19f - 12 1468 1470 1472 ml925b19f - 13 1488 1490 149 2 ml925b19f - 14 1508 1510 1512 ml925b19f - 15 1528 1530 1532 ml925b19f - 16 1548 1550 1552 ml925b19f - 17 1568 1570 1572 ml925b19f - 18 1588 1590 1592 ml925b19f - 19 l p cw po=5mw tc=25 o c 1608 1610 1612 nm mitsubishi electric jun . 2002 outline drawings ml925b19f (1) 1.0min. 2.0min. 3.550.1 5. 6 +0 -0.03 1.27 0.250.03 (glass) 18 1 2. 10.15 1.2 0.1 4-0.450.05 (2) 10.1 2-90o 2.00.25 (p.c.d.) 4.25 (3) (4) (0.25) (0.25) reference plane emitting facet (1 ) (2) (dimension:mm) 0.03 ld pd (3) (2) (1) (4) case j 9pppppp o p ppppppo p


▲Up To Search▲   

 
Price & Availability of ML9XX19CWDM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X